Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3625 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # 3625
Description  POWERHALL SENSOR/DRIVERS FOR BRUSHLESS DC MOTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3625 Datasheet(HTML) 7 Page - Allegro MicroSystems

  3625 Datasheet HTML 1Page - Allegro MicroSystems 3625 Datasheet HTML 2Page - Allegro MicroSystems 3625 Datasheet HTML 3Page - Allegro MicroSystems 3625 Datasheet HTML 4Page - Allegro MicroSystems 3625 Datasheet HTML 5Page - Allegro MicroSystems 3625 Datasheet HTML 6Page - Allegro MicroSystems 3625 Datasheet HTML 7Page - Allegro MicroSystems 3625 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
3625 AND 3626
POWERHALL
®
SENSOR/DRIVERS FOR
BRUSHLESS DC MOTORS
Dimensions in Inches
(controlling dimensions)
0.014
0.008
0.300
BSC
Dwg. MA-001-8A in
0.430
MAX
4
0.100
BSC
5
8
1
0.022
0.014
0.400
0.355
0.005
MIN
0.150
0.115
0.280
0.240
0.210
MAX
0.070
0.045
0.015
MIN
NOTES: 1. Leads 1, 4, 5, and 8 may be half leads at vendor’s option.
2. Lead thickness is measured at seating plane or below.
3. Lead spacing tolerance is non-cumulative.
4. Exact body and lead configuration at vendor’s option
within limits shown.


Similar Part No. - 3625

ManufacturerPart #DatasheetDescription
logo
Lumberg
3625 LUMBERG-3625 Datasheet
107Kb / 2P
   RAST-5-Steckverbinder, Raster 5,0 mm
logo
3M Electronics
3625 3M-3625 Datasheet
830Kb / 6P
   3M??Round Conductor Flat Cable
logo
Lumberg
3625 LUMBERG-3625 Datasheet
451Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
logo
Allegro MicroSystems
3625 ALLEGRO-3625 Datasheet
154Kb / 8P
   SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
logo
Heyco.
3625 HEYCO-3625 Datasheet
160Kb / 1P
   Cable Holders - Arrowhead Mount
More results

Similar Description - 3625

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC78B015AFTG TOSHIBA-TC78B015AFTG Datasheet
603Kb / 31P
   3-phase Driver for Brushless DC Motors
2017-02-01
TC78B015FTG TOSHIBA-TC78B015FTG Datasheet
596Kb / 31P
   3-phase Driver for Brushless DC Motors
2017-02-01
TC78B015BFTG TOSHIBA-TC78B015BFTG Datasheet
627Kb / 29P
   3-phase Driver for Brushless DC Motors
2016-12-26
TC78B015CFTG TOSHIBA-TC78B015CFTG Datasheet
627Kb / 29P
   3-phase Driver for Brushless DC Motors
2016-12-26
logo
Texas Instruments
UC1620 TI-UC1620 Datasheet
304Kb / 8P
[Old version datasheet]   Switchmode Driver for 3-횈 Brushless DC Motors
logo
Sanyo Semicon Device
LB1670M SANYO-LB1670M Datasheet
129Kb / 5P
   Driver for Brushless, Sensorless Motors
logo
Copal Electronics
F455B COPAL-F455B Datasheet
81Kb / 2P
   BRUSHLESS DC SIDE FLOW FAN MOTORS
logo
Leadshine Technology Co...
BLM LEADSHINE-BLM Datasheet
1Mb / 4P
   BLM Series Brushless DC Servo Motors
logo
Rohm
BD6212FP ROHM-BD6212FP_13 Datasheet
659Kb / 8P
   H-Bridge Motor Drivers For DC Brush Motors
logo
List of Unclassifed Man...
ATAVRMC100 ETC2-ATAVRMC100 Datasheet
134Kb / 2P
   EVALUATE AND DESIGN BRUSHLESS DC MOTORS APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com