Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS822RGZR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS822RGZR
Description  FLATLINK LVDS RECEIVER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDS822RGZR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65LVDS822RGZR Datasheet HTML 3Page - Texas Instruments SN65LVDS822RGZR Datasheet HTML 4Page - Texas Instruments SN65LVDS822RGZR Datasheet HTML 5Page - Texas Instruments SN65LVDS822RGZR Datasheet HTML 6Page - Texas Instruments SN65LVDS822RGZR Datasheet HTML 7Page - Texas Instruments SN65LVDS822RGZR Datasheet HTML 8Page - Texas Instruments SN65LVDS822RGZR Datasheet HTML 9Page - Texas Instruments SN65LVDS822RGZR Datasheet HTML 10Page - Texas Instruments SN65LVDS822RGZR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
SN65LVDS822
www.ti.com
SLLSEE8A – SEPTEMBER 2013 – REVISED OCTOBER 2013
ABSOLUTE MAXIMUM RATINGS
(1)
VALUE
UNIT
Supply voltage range(2), VDD , VDDIO
–0.3 to 4
V
Voltage range at any input
When VDDIO > 0 V
–0.5 to 4
terminal
V
Voltage range at any
When VDDIO ≤ 0 V
–0.5 to (VDDIO + 0.7)
output terminal
Human Body Model(3) (all pins)
±3
Electrostatic discharge
kV
Charged-Device Mode(4) (all pins)
±1.5
Storage temperature, TSTG
–65 to 150
°C
Maximum junction temperature, TJ
125
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to the GND terminals
(3)
In accordance with JEDEC Standard 22, Test Method A114-B
(4)
In accordance with JEDEC Standard 22, Test Method C101
THERMAL INFORMATION
SN65LVDS822
THERMAL METRIC(1)
RGZ
UNITS
48 PINS
θJA
Junction-to-ambient thermal resistance(2)
30.1
θJCtop
Junction-to-case (top) thermal resistance(3)
18.1
θJB
Junction-to-board thermal resistance(4)
6.9
°C/W
ψJT
Junction-to-top characterization parameter(5)
0.2
ψJB
Junction-to-board characterization parameter(6)
6.9
θJCbot
Junction-to-case (bottom) thermal resistance(7)
0.7
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(3)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific JEDEC-
standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(4)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(5)
The junction-to-top characterization parameter,
ψJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA, using a procedure described in JESD51-2a (sections 6 and 7).
(6)
The junction-to-board characterization parameter,
ψJB, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA , using a procedure described in JESD51-2a (sections 6 and 7).
(7)
The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
Spacer
xxx
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links :SN65LVDS822


Similar Part No. - SN65LVDS822RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS822 TI1-SN65LVDS822 Datasheet
965Kb / 30P
[Old version datasheet]   FLATLINK??LVDS RECEIVER
SN65LVDS822 TI1-SN65LVDS822_14 Datasheet
965Kb / 30P
[Old version datasheet]   FLATLINK??LVDS RECEIVER
More results

Similar Description - SN65LVDS822RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS822 TI1-SN65LVDS822_14 Datasheet
965Kb / 30P
[Old version datasheet]   FLATLINK??LVDS RECEIVER
SN75LVDS86 TI1-SN75LVDS86_08 Datasheet
406Kb / 17P
[Old version datasheet]   FLATLINK RECEIVER
SN65LVDS86AQ TI-SN65LVDS86AQ Datasheet
269Kb / 15P
[Old version datasheet]   FLATLINK RECEIVER
SN75LVDS82 TI1-SN75LVDS82_15 Datasheet
995Kb / 20P
[Old version datasheet]   FlatLink RECEIVER
SN65LVDS86A-Q1 TI1-SN65LVDS86A-Q1 Datasheet
162Kb / 17P
[Old version datasheet]   FlatLink??RECEIVER
SN75LVDS82DGGR TI-SN75LVDS82DGGR Datasheet
699Kb / 18P
[Old version datasheet]   FlatLink??RECEIVER
SN65LVDS96 TI-SN65LVDS96 Datasheet
188Kb / 14P
[Old version datasheet]   LVDS SERDES RECEIVER
logo
Rohm
BU90LV048 ROHM-BU90LV048_11 Datasheet
434Kb / 15P
   4bit LVDS Receiver
logo
Texas Instruments
SN65LVDS94DGGG4 TI-SN65LVDS94DGGG4 Datasheet
457Kb / 17P
[Old version datasheet]   LVDS SERDES RECEIVER
logo
Semtech Corporation
SK1303 SEMTECH-SK1303 Datasheet
105Kb / 6P
   LVDS Receiver/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com