Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

236-038-97 Datasheet(PDF) 1 Page - Marl International Limited

Part # 236-038-97
Description  filament replacement leds
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

236-038-97 Datasheet(HTML) 1 Page - Marl International Limited

  236-038-97 Datasheet HTML 1Page - Marl International Limited 236-038-97 Datasheet HTML 2Page - Marl International Limited 236-038-97 Datasheet HTML 3Page - Marl International Limited 236-038-97 Datasheet HTML 4Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
features
specifications
to order
Ordering information and typical characteristics (Ta = 25°C)
BS EN ISO 9001:2008
approved manufacturer
236 series
• Direct replacement for T1 ¾ Midget Flange SX6s
• Water clear lens
• Bi-polar termination
• High intensity, single chip LED technology
• Voltage ranges to suit both AC and DC operation
• Pack Quantity = 20 Pieces
Part
Number
Colour
Voltage
Vac/dc
Current
DC
(mA)
Luminous
Intensity
(mcd)
Wave
Length
(nm)
Operating
Temp.
(°C)
Storage
Temp.
(°C)
De-rating
Graphs
236-038-93
Warm White
28
8
370
* See pg.2
-30 - +85
-40 - +100
H
236-038-96
Warm White
6
12
370
* See pg.2
-30 - +85
-40 - +100
H
236-038-97
Warm White
12
10
370
* See pg.2
-30 - +85
-40 - +100
H
236-038-98
Warm White
24
10
370
* See pg.2
-30 - +85
-40 - +100
H
236-040-93
Orange
28
8
240
610
-55 - +100
-55 - +100
L
236-040-94
Orange
48
5
240
610
-55 - +100
-55 - +100
L
236-042-93
Red
28
8
92
645
-55 - +100
-55 - +100
L
236-042-94
Red
48
5
92
645
-55 - +100
-55 - +100
L
236-042-96
Red
6
10
92
645
-55 - +100
-55 - +100
L
236-042-97
Red
12
10
92
645
-55 - +100
-55 - +100
L
236-042-98
Red
24
9
92
645
-55 - +100
-55 - +100
L
236-043-93
Yellow
28
8
220
591
-55 - +100
-55 - +100
K
236-043-96
Yellow
6
10
220
591
-55 - +100
-55 - +100
K
236-043-97
Yellow
12
10
220
591
-55 - +100
-55 - +100
K
236-043-98
Yellow
24
10
220
591
-55 - +100
-55 - +100
K
236-044-93
Green
28
8
460
525
-30 - +85
-40 - +100
J
236-044-94
Green
48
5
460
525
-30 - +85
-40 - +100
J
236-044-96
Green
6
12
460
525
-30 - +85
-40 - +100
J
236-045-93
Blue
28
8
104
470
-30 - +85
-40 - +100
J
236-045-94
Blue
48
5
104
470
-30 - +85
-40 - +100
J
236-045-96
Blue
6
12
104
470
-30 - +85
-40 - +100
J
236-045-97
Blue
12
10
104
470
-30 - +85
-40 - +100
J
236-045-98
Blue
24
10
104
470
-30 - +85
-40 - +100
J
236-046-93
White
28
8
1350
* See pg.2
-30 - +85
-40 - +100
U
236-046-94
White
48
5
1350
* See pg.2
-30 - +85
-40 - +100
U
236-046-96
White
6
12
1350
* See pg.2
-30 - +85
-40 - +100
U
236-046-97
White
12
10
1350
* See pg.2
-30 - +85
-40 - +100
U
236-046-98
White
24
10
1350
* See pg.2
-30 - +85
-40 - +100
U
^ = Voltage for 20mA product is Vf at 20mA, not Vopr
- Products must be de-rated according to the de-rating information. Each de-rating graph refers to
specific LEDs. Please refer to graphs on page 2.
- Luminous intensity is measured at 20mA on a discrete LED unless otherwise stated.
to order please contact us on: t: +44 (0)1229 582 430
f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the
intention of providing information, which must not be copied or released to a third party without prior
written consent from marl international limited. the information provided does not constitute part of any
order or contract and should not be regarded as a representation relating to either products or service. no
responsibility can be assumed for inaccuracies or printing errors. marl international limited reserve the right
to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 236 - version 2013-07-12-095122
page 1 of 4


Similar Part No. - 236-038-97

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
236-038-97 MARL-236-038-97 Datasheet
195Kb / 4P
   Direct replacement for T1 쩐 Midget Flange SX6s
236-038-97 MARL-236-038-97 Datasheet
265Kb / 4P
   High intensity, single chip LED technology
More results

Similar Description - 236-038-97

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
238-501-98_1309 MARL-238-501-98_1309 Datasheet
206Kb / 4P
   filament replacement leds
261-990-95-38_1311 MARL-261-990-95-38_1311 Datasheet
215Kb / 3P
   filament replacement leds
216-532-22-65_1310 MARL-216-532-22-65_1310 Datasheet
220Kb / 4P
   filament replacement leds
258-501-64-38_1312 MARL-258-501-64-38_1312 Datasheet
204Kb / 4P
   filament replacement leds
231-501-21_1309 MARL-231-501-21_1309 Datasheet
283Kb / 5P
   filament replacement leds
206-501-21-38_1312 MARL-206-501-21-38_1312 Datasheet
320Kb / 5P
   filament replacement leds
209-501-21-38_1312 MARL-209-501-21-38_1312 Datasheet
271Kb / 5P
   filament replacement leds
206-501-21-38_1312 MARL-206-501-21-38_1312 Datasheet
320Kb / 5P
   filament replacement leds
210-501-21-38_1312 MARL-210-501-21-38_1312 Datasheet
290Kb / 5P
   filament replacement leds
215-501-21-38_1311 MARL-215-501-21-38_1311 Datasheet
226Kb / 4P
   filament replacement leds
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com