Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD01DRCR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD01DRCR
Description  3.3V RS-485 with Flexible I/O Supply and Selectable Speed
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD01DRCR Datasheet(HTML) 1 Page - Texas Instruments

  SN65HVD01DRCR Datasheet HTML 1Page - Texas Instruments SN65HVD01DRCR Datasheet HTML 2Page - Texas Instruments SN65HVD01DRCR Datasheet HTML 3Page - Texas Instruments SN65HVD01DRCR Datasheet HTML 4Page - Texas Instruments SN65HVD01DRCR Datasheet HTML 5Page - Texas Instruments SN65HVD01DRCR Datasheet HTML 6Page - Texas Instruments SN65HVD01DRCR Datasheet HTML 7Page - Texas Instruments SN65HVD01DRCR Datasheet HTML 8Page - Texas Instruments SN65HVD01DRCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
VCC
GND
B
D
DE
R
VL
A
VCC
A
D
DE
R
RE
VL
B
RE
1. 8V
3. 3V
3. 3V
1. 8V
SLR
SLR
GND
120
Ÿ
120
Ÿ
SN65HVD01
www.ti.com
SLLSEH0D – JULY 2013 – REVISED NOVEMBER 2013
3.3V RS-485 with Flexible I/O Supply and Selectable Speed
Check for Samples: SN65HVD01
1
FEATURES
APPLICATIONS
Exceeds Requirements of TIA-485 Standard
Telecom Infrastructure
1.65-V to 3.6-V Supply for Data and Enable
High-Speed Data Links
Signals
Low-Voltage µC Communication
3-V to 3.6-V Supply for Bus Signals
DESCRIPTION
SLR Pin Selectable Data Rates: 250 kbps or 20
The SN65HVD01 is a low-power, 250 kbps or 20
Mbps
Mbps
data
rate
selectable
RS-485
transceiver,
1/8th Unit Load to Support up to 256 Nodes on
utilizing a 1.65-V to 3.6-V supply for data and enable
a Bus
signals, and a 3.3 V ± 10% supply for bus signals.
Small 3 mm x 3 mm SON Package
The device is designed for applications requiring
synchronous (parallel transceiver) signal timing. On-
Failsafe Receiver (Bus Open, Bus Shorted,
chip transient suppression protects the device against
Bus Idle)
destructive IEC 61000 ESD and EFT transients.
Operating Temperature Range: –40°C to 125°C
The device combines a differential driver and a
Bus-Pin Protection More Than:
differential receiver, connected internally to form a
± 15kV HBM Protection
bus port suitable for half-duplex (two-wire bus)
± 16kV IEC61000-4-2 Contact Discharge
communication. The device features a wide common-
mode voltage range making it suitable for multi-point
± 16kV IEC61000-4-2 Air Discharge
applications over long cable runs. The SN65HVD01 is
4kV IEC61000-4-4 Fast Transient Burst
available in a tiny, 3 mm x 3 mm, SON package with
operation characterized from -40°C to 125°C.
space
Typical Application
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN65HVD01DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD01 TI1-SN65HVD01 Datasheet
982Kb / 24P
[Old version datasheet]   3.3V RS-485 with Flexible I/O Supply and Selectable Speed
SN65HVD01-EVM TI-SN65HVD01-EVM Datasheet
662Kb / 9P
[Old version datasheet]   SN65HVD01-EVM Evaluation Module
SN65HVD01 TI1-SN65HVD01_14 Datasheet
982Kb / 24P
[Old version datasheet]   3.3V RS-485 with Flexible I/O Supply and Selectable Speed
More results

Similar Description - SN65HVD01DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD01 TI1-SN65HVD01_14 Datasheet
982Kb / 24P
[Old version datasheet]   3.3V RS-485 with Flexible I/O Supply and Selectable Speed
logo
Moxa Inc.
R1200 MOXA-R1200 Datasheet
2Mb / 7P
   RS-485 remote I/O
logo
Exar Corporation
XR33202 EXAR-XR33202_17 Datasheet
670Kb / 16P
   Wide Supply RS-485/RS-422 Transceiver with 1.65V-5.5V I/O Interface
logo
Texas Instruments
SN65HVD72 TI-SN65HVD72_13 Datasheet
1Mb / 29P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD72 TI1-SN65HVD72 Datasheet
802Kb / 25P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD75DGKR TI-SN65HVD75DGKR Datasheet
1Mb / 30P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
logo
Advantech Co., Ltd.
WISE-2200-M ADVANTECH-WISE-2200-M Datasheet
404Kb / 2P
   LoRaWAN Single RS-485 I/O Module
16-Mar-2022
logo
Contec Co., Ltd
CPSN-COM-1PD CONTEC-CPSN-COM-1PD Datasheet
368Kb / 2P
   Serial I/O Module RS-422A/485
logo
Texas Instruments
THVD2410V TI-THVD2410V_V01 Datasheet
2Mb / 39P
[Old version datasheet]   THVD24xxV ±70-V Fault-Protected 3 V to 5.5 V RS-485 Transceivers with Flexible I/O Supply and IEC ESD
REVISED FEBRUARY 2023
THVD2450V TI-THVD2450V Datasheet
1Mb / 35P
[Old version datasheet]   THVD24xxV ±70-V Fault-Protected 3 V to 5.5 V RS-485 Transceivers with Flexible I/O Supply and IEC ESD
DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com