Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD01 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD01
Description  3.3V RS-485 with Flexible I/O Supply and Selectable Speed
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD01 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN65HVD01 Datasheet HTML 7Page - Texas Instruments SN65HVD01 Datasheet HTML 8Page - Texas Instruments SN65HVD01 Datasheet HTML 9Page - Texas Instruments SN65HVD01 Datasheet HTML 10Page - Texas Instruments SN65HVD01 Datasheet HTML 11Page - Texas Instruments SN65HVD01 Datasheet HTML 12Page - Texas Instruments SN65HVD01 Datasheet HTML 13Page - Texas Instruments SN65HVD01 Datasheet HTML 14Page - Texas Instruments SN65HVD01 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Input
Generator
50 W
V
O
RE
R
A
B
V
L
50%
50%
50%
t
PZH(2)
V
L
0 V
V
OH
GND
V
I
V
O
V
O
0 V or 1.5 V
1.5 V or 0 V
C = 15 pF 20%
±
L
C Includes Fixture
L
and Instrumentation
Capacitance
V
I
1 kW ± 1%
A at 1.5 V
B at 0 V
S1 to GND
t
PZL(2)
V
L
V
OL
A at 0 V
B at 1.5 V
S1 to V
L
S1
SN65HVD01
www.ti.com
SLLSEH0D – JULY 2013 – REVISED NOVEMBER 2013
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 8. Measurement of Receiver Enable Times with Driver Disabled
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SN65HVD01


Similar Part No. - SN65HVD01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD01 TI1-SN65HVD01 Datasheet
982Kb / 24P
[Old version datasheet]   3.3V RS-485 with Flexible I/O Supply and Selectable Speed
SN65HVD01-EVM TI-SN65HVD01-EVM Datasheet
662Kb / 9P
[Old version datasheet]   SN65HVD01-EVM Evaluation Module
SN65HVD01 TI1-SN65HVD01_14 Datasheet
982Kb / 24P
[Old version datasheet]   3.3V RS-485 with Flexible I/O Supply and Selectable Speed
More results

Similar Description - SN65HVD01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD01 TI1-SN65HVD01_14 Datasheet
982Kb / 24P
[Old version datasheet]   3.3V RS-485 with Flexible I/O Supply and Selectable Speed
logo
Moxa Inc.
R1200 MOXA-R1200 Datasheet
2Mb / 7P
   RS-485 remote I/O
logo
Exar Corporation
XR33202 EXAR-XR33202_17 Datasheet
670Kb / 16P
   Wide Supply RS-485/RS-422 Transceiver with 1.65V-5.5V I/O Interface
logo
Texas Instruments
SN65HVD72 TI-SN65HVD72_13 Datasheet
1Mb / 29P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD72 TI1-SN65HVD72 Datasheet
802Kb / 25P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD75DGKR TI-SN65HVD75DGKR Datasheet
1Mb / 30P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
logo
Advantech Co., Ltd.
WISE-2200-M ADVANTECH-WISE-2200-M Datasheet
404Kb / 2P
   LoRaWAN Single RS-485 I/O Module
16-Mar-2022
logo
Contec Co., Ltd
CPSN-COM-1PD CONTEC-CPSN-COM-1PD Datasheet
368Kb / 2P
   Serial I/O Module RS-422A/485
logo
Texas Instruments
THVD2410V TI-THVD2410V_V01 Datasheet
2Mb / 39P
[Old version datasheet]   THVD24xxV ±70-V Fault-Protected 3 V to 5.5 V RS-485 Transceivers with Flexible I/O Supply and IEC ESD
REVISED FEBRUARY 2023
THVD2450V TI-THVD2450V Datasheet
1Mb / 35P
[Old version datasheet]   THVD24xxV ±70-V Fault-Protected 3 V to 5.5 V RS-485 Transceivers with Flexible I/O Supply and IEC ESD
DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com