Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD01 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD01
Description  3.3V RS-485 with Flexible I/O Supply and Selectable Speed
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD01 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65HVD01 Datasheet HTML 2Page - Texas Instruments SN65HVD01 Datasheet HTML 3Page - Texas Instruments SN65HVD01 Datasheet HTML 4Page - Texas Instruments SN65HVD01 Datasheet HTML 5Page - Texas Instruments SN65HVD01 Datasheet HTML 6Page - Texas Instruments SN65HVD01 Datasheet HTML 7Page - Texas Instruments SN65HVD01 Datasheet HTML 8Page - Texas Instruments SN65HVD01 Datasheet HTML 9Page - Texas Instruments SN65HVD01 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
SN65HVD01
SLLSEH0D – JULY 2013 – REVISED NOVEMBER 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
over recommended operating range (unless otherwise specified)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RL = 60 Ω, 375 Ω on each output
See Figure 1
1.5
2
V
to –7 V to 12 V
Driver differential output voltage
|VOD|
RL = 54 Ω (RS-485)
1.5
2
V
magnitude
RL = 100 Ω (RS-422) TJ ≥ 0°C,
2
V
VCC ≥ 3.2V
Change in magnitude of driver
Δ|VOD|
RL = 54 Ω, CL = 50 pF
–50
0
50
mV
differential output voltage
See Figure 2
Steady-state common-mode output
VOC(SS)
1
VCC/2
3
V
voltage
Change in differential driver output
ΔVOC
Center of two 27-
Ω load resistors
–50
0
50
mV
common-mode voltage
Peak-to-peak driver common-mode
VOC(PP)
500
mV
output voltage
COD
Differential output capacitance
15
pF
Positive-going receiver differential
VIT+
See (1)
–60
–20
mV
input voltage threshold
Negative-going receiver differential
VIT–
–200
–130
See (1)
mV
input voltage threshold
Receiver differential input voltage
threshold hysteresis
VHYS
40
70
mV
(VIT+ – VIT–)
VL = 1.65 V, IOH = -2 mA
1.3
1.45
VOH
Receiver high-level output voltage
V
VL = 3 V, IOH = -2 mA
2.8
2.9
VL = 1.65 V, IOL = 2 mA
0.2
0.35
VOL
Receiver low-level output voltage
V
VL = 3 V, IOL = 2 mA
0.1
0.2
Driver input, driver enable, and
II
–2
2
µA
receiver enable input current
Receiver output high-impedance
IOZ
VO = 0 V or VL, RE at VL
–1
1
µA
current
IOS
Driver short-circuit output current
–150
150
mA
VI = 12 V
85
125
µA
VL = 1.8 V,
II
Bus input current (disabled driver)
VCC = 3.3 V, DE at 0 V
VI = –7 V
–100
–60
µA
750
1100
µA
Driver and Receiver
DE=VL, RE =
enabled
GND, No load
TJ ≤ 85°C
1000
µA
Driver enabled, receiver
DE=VCC, RE = VL, No load
350
650
µA
disabled
ICC
Supply current (quiescent)
Driver disabled, receiver
DE=GND, RE = GND, No load
650
800
µA
enabled
Driver and receiver
DE=GND, RE = VL, No load
0.1
5
µA
disabled
Supply current (dynamic)
See the TYPICAL CHARACTERISTICS section
(1)
Under any specific conditions, VIT+ is specified to be at least VHYS higher than VIT–.
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: SN65HVD01


Similar Part No. - SN65HVD01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD01 TI1-SN65HVD01 Datasheet
982Kb / 24P
[Old version datasheet]   3.3V RS-485 with Flexible I/O Supply and Selectable Speed
SN65HVD01-EVM TI-SN65HVD01-EVM Datasheet
662Kb / 9P
[Old version datasheet]   SN65HVD01-EVM Evaluation Module
SN65HVD01 TI1-SN65HVD01_14 Datasheet
982Kb / 24P
[Old version datasheet]   3.3V RS-485 with Flexible I/O Supply and Selectable Speed
More results

Similar Description - SN65HVD01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD01 TI1-SN65HVD01_14 Datasheet
982Kb / 24P
[Old version datasheet]   3.3V RS-485 with Flexible I/O Supply and Selectable Speed
logo
Moxa Inc.
R1200 MOXA-R1200 Datasheet
2Mb / 7P
   RS-485 remote I/O
logo
Exar Corporation
XR33202 EXAR-XR33202_17 Datasheet
670Kb / 16P
   Wide Supply RS-485/RS-422 Transceiver with 1.65V-5.5V I/O Interface
logo
Texas Instruments
SN65HVD72 TI-SN65HVD72_13 Datasheet
1Mb / 29P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD72 TI1-SN65HVD72 Datasheet
802Kb / 25P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD75DGKR TI-SN65HVD75DGKR Datasheet
1Mb / 30P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
logo
Advantech Co., Ltd.
WISE-2200-M ADVANTECH-WISE-2200-M Datasheet
404Kb / 2P
   LoRaWAN Single RS-485 I/O Module
16-Mar-2022
logo
Contec Co., Ltd
CPSN-COM-1PD CONTEC-CPSN-COM-1PD Datasheet
368Kb / 2P
   Serial I/O Module RS-422A/485
logo
Texas Instruments
THVD2410V TI-THVD2410V_V01 Datasheet
2Mb / 39P
[Old version datasheet]   THVD24xxV ±70-V Fault-Protected 3 V to 5.5 V RS-485 Transceivers with Flexible I/O Supply and IEC ESD
REVISED FEBRUARY 2023
THVD2450V TI-THVD2450V Datasheet
1Mb / 35P
[Old version datasheet]   THVD24xxV ±70-V Fault-Protected 3 V to 5.5 V RS-485 Transceivers with Flexible I/O Supply and IEC ESD
DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com