Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


UGN3503U Datasheet(PDF) 2 Page - Allegro MicroSystems

Part No. UGN3503U
Description  RATIOMETRIC, LINEAR HALL-EFFECT SENSORS
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo 

   
 2 page
background image
3503
RATIOMETRIC,
LINEAR
HALL-EFFECT SENSORS
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
ELECTRICAL CHARACTERISTICS at T
A = +25°C, VCC = 5 V
FUNCTIONAL BLOCK DIAGRAM
VCC
X
Dwg. FH-007
GROUND
OUTPUT
3
2
REG.
1
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Operating Voltage
V
CC
4.5
6.0
V
Supply Current
I
CC
—9.0
13
mA
Quiescent Output Voltage
V
OUT
B = 0 G
2.25
2.50
2.75
V
Sensitivity
∆V
OUT
B = 0 G to
±900 G
0.75
1.30
1.75
mV/G
Bandwidth (-3 dB)
BW
23
kHz
Broadband Output Noise
V
out
BW = 10 Hz to 10 kHz
90
µV
Output Resistance
R
OUT
50
220
Copyright © 1985, 1999, Allegro MicroSystems, Inc.
All output-voltage measurements are made with a voltmeter having an input impedance of at least 10 k
Ω.
Magnetic flux density is measured at most sensitive area of device located 0.016" (0.41 mm) below the branded face of the ‘U’
package; 0.020" (0.51 mm) below the branded face of the ‘UA’ package; and 0.030" (0.76 mm) below the branded face of the ‘LT’
package.




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
3507RATIOMETRIC LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION 1 2 3 4 5 MoreAllegro MicroSystems
3515RATIOMETRIC LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION 1 2 3 4 5 MoreAllegro MicroSystems
3517RATIOMETRIC LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION 1 2 3 4 5 MoreAllegro MicroSystems
A3503RATIOMETRIC LINEAR HALL-EFFECT SENSORS 1 2 3 4 5 MoreAllegro MicroSystems
AH350Linear Hall-Effect Sensors 1 2 3 4 5 MoreList of Unclassifed Manufacturers
SS495ASolid State Sensors Miniature Ratiometric Linear 1 2 3 4 Honeywell Solid State Electronics Center
OHN3150URatiometric Linear Hall-effect Sensor 1 2 3 4 OPTEK Technologies
A1301Continuous-Time Ratiometric Linear Hall Effect Sensors 1 2 3 4 5 MoreAllegro MicroSystems
3059HALL-EFFECT GEAR-TOOTH SENSORS -AC COUPLED 1 2 3 4 5 MoreAllegro MicroSystems
3421HALL-EFFECT DIRECTION-DETECTION SENSORS 1 2 3 4 5 MoreAllegro MicroSystems

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl