Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3362LH Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A3362LH
Description  2-WIRE, CHOPPER-STABILIZED, HALL-EFFECT SWITCHES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3362LH Datasheet(HTML) 3 Page - Allegro MicroSystems

  A3362LH Datasheet HTML 1Page - Allegro MicroSystems A3362LH Datasheet HTML 2Page - Allegro MicroSystems A3362LH Datasheet HTML 3Page - Allegro MicroSystems A3362LH Datasheet HTML 4Page - Allegro MicroSystems A3362LH Datasheet HTML 5Page - Allegro MicroSystems A3362LH Datasheet HTML 6Page - Allegro MicroSystems A3362LH Datasheet HTML 7Page - Allegro MicroSystems A3362LH Datasheet HTML 8Page - Allegro MicroSystems A3362LH Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3361 AND 3362
2-WIRE,
CHOPPER-STABILIZED,
HALL-EFFECT SWITCHES
www.allegromicro.com
3
A3361 MAGNETIC CHARACTERISTICS over operating supply voltage and temperature ranges.
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Operate Point
B
OP
B > B
OP, IGND = LOW
125
G
Release Point
B
RP
B < B
RP, IGND = HIGH
40
G
Hysteresis
B
hys
B
OP - BRP
5.0
30
G
A3362 MAGNETIC CHARACTERISTICS over operating supply voltage and temperature ranges.
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Operate Point
B
OP
B > B
OP, IGND = HIGH
125
G
Release Point
B
RP
B < B
RP, IGND = LOW
40
G
Hysteresis
B
hys
B
OP - BRP
5.0
30
G
ELECTRICAL CHARACTERISTICS over operating temperature range.
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Supply Voltage
V
CC
Operating
3.5
12
24
V
Output Current
I
GND(L)
Output Current Low
5.0
6.9
mA
I
GND(H)
Output Current High
12
17
mA
Chopping Frequency
f
C
340
kHz
Output Settling Time
t
sd
C
L = 20 pF
50
µs
Output Rise Time
t
r
C
L = 20 pF
3.5
µs
Output Fall Time
t
f
C
L = 20 pF
3.5
µs
Reverse Battery Current
I
CC
V
RCC = -16 V
-15
mA
NOTE: Typical Data is at T
A = +25°C and VCC = 12 V and is for design information only.


Similar Part No. - A3362LH

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3362E ALLEGRO-A3362E Datasheet
717Kb / 9P
   Sensitive Hall Effect Switches for High-Temperature Operation
More results

Similar Description - A3362LH

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1150 ALLEGRO-A1150_16 Datasheet
955Kb / 14P
   Chopper-Stabilized, Two-Wire Hall-Effect Switches
A1152LUA-T ALLEGRO-A1152LUA-T Datasheet
265Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1150_V5 ALLEGRO-A1150_V5 Datasheet
266Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1150 ALLEGRO-A1150 Datasheet
266Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1190LUA-T ALLEGRO-A1190LUA-T Datasheet
420Kb / 18P
   Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
A119X ALLEGRO-A119X Datasheet
815Kb / 22P
   Programmable, Chopper-Stabilized, Two-Wire Hall-Effect Switches
A3245 ALLEGRO-A3245 Datasheet
392Kb / 12P
   Chopper-Stabilized Omnipolar Hall-Effect Switches
A1120 ALLEGRO-A1120 Datasheet
237Kb / 9P
   Chopper Stabilized Precision Hall Effect Switches
A1193LLHLT-T ALLEGRO-A1193LLHLT-T Datasheet
389Kb / 18P
   Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
A119 ALLEGRO-A119 Datasheet
815Kb / 22P
   Programmable, Chopper-Stabilized, Two-Wire Hall-Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com