Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN55LBC173MKGD1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN55LBC173MKGD1
Description  QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN55LBC173MKGD1 Datasheet(HTML) 1 Page - Texas Instruments

  SN55LBC173MKGD1 Datasheet HTML 1Page - Texas Instruments SN55LBC173MKGD1 Datasheet HTML 2Page - Texas Instruments SN55LBC173MKGD1 Datasheet HTML 3Page - Texas Instruments SN55LBC173MKGD1 Datasheet HTML 4Page - Texas Instruments SN55LBC173MKGD1 Datasheet HTML 5Page - Texas Instruments SN55LBC173MKGD1 Datasheet HTML 6Page - Texas Instruments SN55LBC173MKGD1 Datasheet HTML 7Page - Texas Instruments SN55LBC173MKGD1 Datasheet HTML 8Page - Texas Instruments SN55LBC173MKGD1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SN55LBC173-HIREL
www.ti.com
SGLS415A – OCTOBER 2013 – REVISED OCTOBER 2013
QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
Check for Samples: SN55LBC173-HIREL
1
FEATURES
2
Meets EIA Standards RS-422-A, RS-423-A,
Input Sensitivity: ±200 mV
RS-485, and CCITT V.11
Low-Power Consumption: 20 mA (Max)
Designed to Operate With Pulse Durations as
Open-Circuit Fail-Safe Design
Short as 20 ns
Designed for Multipoint Bus Transmission on
Long Bus Lines in Noisy Environments
DESCRIPTION
The SN55LBC173 is a monolithic quadruple differential line receiver with 3-state outputs designed to meet the
requirements of the EIA standards RS-422-A, RS-423-A, RS-485, and CCITT V.11. This device is optimized for
balanced multipoint bus transmission at data rates up to and exceeding 10 million bits per second. The four
receivers share two ORed enable inputs, one active when high, the other active when low. Each receiver
features high input impedance, input hysteresis for increased noise immunity, and input sensitivity of ±200 mV
over a common-mode input voltage range of 12 V to –7 V. Fail-safe design ensures that if the inputs are open
circuited, the output is always high. The SN55LBC173 is designed using the Texas Instruments proprietary
LinBiCMOS™ technology that provides low power consumption, high switching speeds, and robustness.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
LinBiCMOS is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN55LBC173MKGD1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55LBC173 TI-SN55LBC173 Datasheet
312Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
SN55LBC173 TI-SN55LBC173 Datasheet
323Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
SN55LBC173 TI1-SN55LBC173 Datasheet
97Kb / 5P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
SN55LBC173 TI1-SN55LBC173 Datasheet
363Kb / 14P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVERS
SN55LBC173-DIE TI1-SN55LBC173-DIE Datasheet
97Kb / 5P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
More results

Similar Description - SN55LBC173MKGD1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55LBC173 TI-SN55LBC173 Datasheet
312Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
SN55LBC173-DIE TI1-SN55LBC173-DIE Datasheet
97Kb / 5P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
SNJ55LBC173 TI-SNJ55LBC173 Datasheet
137Kb / 8P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
SN55LBC173 TI-SN55LBC173_07 Datasheet
323Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
SN55LBC175 TI-SN55LBC175 Datasheet
137Kb / 8P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVER
SN55LBC175 TI-SN55LBC175_04 Datasheet
321Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVER
AM26C32-EP TI1-AM26C32-EP_16 Datasheet
170Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32 Datasheet
541Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS193 TI-SN75ALS193 Datasheet
162Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32_07 Datasheet
691Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com