Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UGL3133 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # UGL3133
Description  ULTRA-SENSITIVE BIPOLAR HALL-EFFECT SWITCHES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

UGL3133 Datasheet(HTML) 1 Page - Allegro MicroSystems

  UGL3133 Datasheet HTML 1Page - Allegro MicroSystems UGL3133 Datasheet HTML 2Page - Allegro MicroSystems UGL3133 Datasheet HTML 3Page - Allegro MicroSystems UGL3133 Datasheet HTML 4Page - Allegro MicroSystems UGL3133 Datasheet HTML 5Page - Allegro MicroSystems UGL3133 Datasheet HTML 6Page - Allegro MicroSystems UGL3133 Datasheet HTML 7Page - Allegro MicroSystems UGL3133 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
These Hall-effect switches are designed for magnetic actuation using
a bipolar magnetic field, i.e., a north-south alternating field. They
combine extreme magnetic sensitivity with excellent stability over
varying temperature and supply voltage. The high sensitivity permits
their use with multi-pole ring magnets over relatively large distances.
Each device includes a voltage regulator, quadratic Hall voltage
generator, temperature stability circuit, signal amplifier, Schmitt trigger,
and open-collector output on a single silicon chip. The on-board regula-
tor permits operation with supply voltages of 4.5 to 24 V. The switch
output can sink up to 25 mA. With suitable output pull up, they can be
used directly with bipolar or MOS logic circuits.
The three package styles available provide a magnetically optimized
package for most applications. Suffix ‘LT’ is a miniature SOT-89/TO-
243AA transistor package for surface-mount applications; suffixes ‘U’,
and ‘UA’ feature wire leads for through-hole mounting. Prefix ‘UGN’
devices are rated for continuous operation over the temperature range of
-20
°C to +85°C, prefix ‘UGS’ devices over an extended range of -40°C
to +125
°C, and prefix ‘UGL’ devices over the range of -40°C to +150°C.
ULTRA-SENSITIVE BIPOLAR
HALL-EFFECT SWITCHES
FEATURES
I 4.5 V to 24 V Operation
I Reverse Battery Protection
I Superior Temperature Stability
I Superior Supply Voltage Stability
I Activate with Multi-Pole Ring Magnets
I Solid-State Reliability
I Small Size
I Constant Output Amplitude
I Resistant to Physical Stress
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, VCC . . . . . . . . . . . . . 25 V
Reverse Battery Voltage, VRCC . . . . -35 V
Magnetic Flux Density, B . . . .
Unlimited
Output OFF Voltage, VOUT . . . . . . . . 25 V
Continuous Output Current, IOUT . 25 mA
Operating Temperature Range, TA
Prefix UGL . . . . . . . -40
°C to +150°C
Prefix UGN . . . . . . . . -20
°C to +85°C
Prefix UGS . . . . . . . -40
°C to +125°C
Storage Temperature Range,
TS . . . . . . . . . . . . . . . -65
°C to +150°C
Always order by complete part number
including prefix and suffix, e.g., UGN3132LT .
Pinning is shown viewed from branded side.
3132 AND
3133
Dwg. PH-003A
1
V
CC
3
2


Similar Description - UGL3133

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3132 ALLEGRO-A3132 Datasheet
122Kb / 6P
   ULTRA-SENSITIVE BIPOLAR HALL-EFFECT SWITCHES
3209 ALLEGRO-3209 Datasheet
224Kb / 12P
   MICROPOWER, ULTRA-SENSITIVE HALL-EFFECT SWITCHES
A3210EUA ALLEGRO-A3210EUA Datasheet
861Kb / 10P
   MICROPOWER, ULTRA-SENSITIVE HALL-EFFECT SWITCHES
A3213 ALLEGRO-A3213_16 Datasheet
654Kb / 11P
   Micropower Ultra-Sensitive Hall-Effect Switches
A3211 ALLEGRO-A3211 Datasheet
376Kb / 13P
   Micropower, Ultra-sensitive Hall-effect Switches
May 29, 2012
A3213 ALLEGRO-A3213 Datasheet
326Kb / 11P
   Micropower Ultra-Sensitive Hall-Effect Switches
A3425 ALLEGRO-A3425 Datasheet
575Kb / 21P
   Ultra-Sensitive Dual-Channel Quadrature Hall-Effect Bipolar Switch
A1230 ALLEGRO-A1230_16 Datasheet
822Kb / 17P
   Ultra-Sensitive Dual-Channel Quadrature Hall-Effect Bipolar Switch
A1230 ALLEGRO-A1230 Datasheet
392Kb / 16P
   Ultra-Sensitive Dual-Channel Quadrature Hall-Effect Bipolar Switch
3425 ALLEGRO-3425 Datasheet
207Kb / 12P
   DUAL, CHOPPER-STABILIZED, ULTRA-SENSITIVE, BIPOLAR HALL-EFFECT SWITCH
August 21, 2000
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com