Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3187EUA Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A3187EUA
Description  HALL-EFFECT LATCHES FOR HIGH-TEMPERATURE OPERATION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3187EUA Datasheet(HTML) 5 Page - Allegro MicroSystems

  A3187EUA Datasheet HTML 1Page - Allegro MicroSystems A3187EUA Datasheet HTML 2Page - Allegro MicroSystems A3187EUA Datasheet HTML 3Page - Allegro MicroSystems A3187EUA Datasheet HTML 4Page - Allegro MicroSystems A3187EUA Datasheet HTML 5Page - Allegro MicroSystems A3187EUA Datasheet HTML 6Page - Allegro MicroSystems A3187EUA Datasheet HTML 7Page - Allegro MicroSystems A3187EUA Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
3185 THRU 3189
HALL-EFFECT LATCHES
FOR HIGH-TEMPERATURE
OPERATION
NOTES: 1.
Tolerances on package height and width represent allowable mold offsets. Dimensions given are
measured at the widest point (parting line).
2.
Exact body and lead configuration at vendor’s option within limits shown.
3.
Height does not include mold gate flash.
4.
Recommended minimum PWB hole diameter to clear transition area is 0.035" (0.89 mm).
5.
Where no tolerance is specified, dimension is nominal.
6.
Minimum lead length was 0.500" (12.70 mm). If existing product to the original specifications is not acceptable,
contact sales office before ordering.
PACKAGE DESIGNATOR ‘U’
Dimensions in Inches
(controlling dimensions)
Dimensions in Millimeters
(for reference only)
Dwg. MH-003D in
0.063
0.059
0.018
0.015
0.016
0.050
1
2
3
0.100
45
°
SEE NOTE
0.183
0.178
0.181
0.176
0.600
0.560
0.086
MAX
Dwg. MH-003D mm
1.60
1.50
0.46
0.38
0.41
1.27
1
2
3
2.54
45
°
SEE NOTE
4.65
4.52
4.60
4.47
15.24
14.23
2.18
MAX
Devices in the ‘U’ package are
NOT RECOMMENDED FOR NEW DESIGN


Similar Part No. - A3187EUA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3187LUA-T ALLEGRO-A3187LUA-T Datasheet
684Kb / 8P
   Protected Quad Driver with Fault Detection and Sleep Mode
A3187X ALLEGRO-A3187X Datasheet
149Kb / 8P
   HALL-EFFECT LATCHES FOR HIGH-TEMPERATURE OPERATION
More results

Similar Description - A3187EUA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3195X ALLEGRO-A3195X Datasheet
149Kb / 8P
   HALL-EFFECT LATCHES FOR HIGH-TEMPERATURE OPERATION
logo
Unisonic Technologies
SK1901 UTC-SK1901_15 Datasheet
218Kb / 8P
   HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
SK1901 UTC-SK1901 Datasheet
235Kb / 8P
   HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
SK1901 UTC-SK1901_12 Datasheet
196Kb / 8P
   HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
logo
Allegro MicroSystems
A1225 ALLEGRO-A1225 Datasheet
325Kb / 12P
   Hall Effect Latch for High Temperature Operation
logo
Unisonic Technologies
SK1901 UTC-SK1901_17 Datasheet
222Kb / 8P
   HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
logo
Allegro MicroSystems
3121 ALLEGRO-3121 Datasheet
151Kb / 8P
   HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
APS12200 ALLEGRO-APS12200 Datasheet
1Mb / 16P
   High-Temperature Precision Hall-Effect Latches
A3141 ALLEGRO-A3141 Datasheet
717Kb / 9P
   Sensitive Hall Effect Switches for High-Temperature Operation
3141 ALLEGRO-3141 Datasheet
142Kb / 8P
   SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com