Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTMD6N03R2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTMD6N03R2
Description  Power MOSFET 30 V, 6 A, Dual N--Channel SOIC--8
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMD6N03R2 Datasheet(HTML) 2 Page - ON Semiconductor

  NTMD6N03R2 Datasheet HTML 1Page - ON Semiconductor NTMD6N03R2 Datasheet HTML 2Page - ON Semiconductor NTMD6N03R2 Datasheet HTML 3Page - ON Semiconductor NTMD6N03R2 Datasheet HTML 4Page - ON Semiconductor NTMD6N03R2 Datasheet HTML 5Page - ON Semiconductor NTMD6N03R2 Datasheet HTML 6Page - ON Semiconductor NTMD6N03R2 Datasheet HTML 7Page - ON Semiconductor NTMD6N03R2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NTMD6N03R2, NVMD6N03R2
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC =25C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain--to--Source Breakdown Voltage
(VGS =0 Vdc, ID = 250 mA)
Temperature Coefficient (Positive)
V(BR)DSS
30
--
--
30
--
--
Vdc
mV/C
Zero Gate Voltage Drain Current
(VDS =24 Vdc, VGS =0 Vdc, TJ =25C)
(VDS =24 Vdc, VGS =0 Vdc, TJ = 125C)
IDSS
--
--
--
--
1.0
20
mAdc
Gate--Body Leakage Current
(VGS = 20 Vdc, VDS =0 Vdc)
IGSS
--
--
100
nAdc
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
(VDS =VGS,ID = 250 mAdc)
Temperature Coefficient (Negative)
VGS(th)
1.0
--
1.8
4.6
2.5
--
Vdc
mV/C
Static Drain--to--Source On--State Resistance
(VGS =10 Vdc, ID =6 Adc)
(VGS =4.5 Vdc, ID =3.9 Adc)
RDS(on)
--
--
0.024
0.030
0.032
0.040
Ω
Forward Transconductance
(VDS =15 Vdc, ID =5.0 Adc)
gFS
--
10
--
Mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS =24 Vdc, VGS =0 Vdc,
f= 1.0MHz)
Ciss
--
680
950
pF
Output Capacitance
Coss
--
210
300
Reverse Transfer Capacitance
Crss
--
70
135
SWITCHING CHARACTERISTICS (Notes 3 & 4)
Turn--On Delay Time
(VDD =15 Vdc, ID =1 A,
VGS =10 V,
RG =6 Ω)
td(on)
--
9
18
ns
Rise Time
tr
--
22
40
Turn--Off Delay Time
td(off)
--
45
80
Fall Time
tf
--
45
80
Turn--On Delay Time
(VDD =15 Vdc, ID =1 A,
VGS =4.5 V,
RG =6 Ω)
td(on)
--
13
30
ns
Rise Time
tr
--
27
50
Turn--Off Delay Time
td(off)
--
22
40
Fall Time
tf
--
34
70
Gate Charge
(VDS =15 Vdc,
VGS =10 Vdc,
ID =5 A)
QT
--
19
30
nC
Q1
--
2.4
--
Q2
--
5.0
--
Q3
--
4.3
--
BODY--DRAIN DIODE RATINGS (Note 3)
Diode Forward On--Voltage
(IS =1.7 Adc, VGS =0 V)
(IS =1.7 Adc, VGS =0 V, TJ = 150C)
VSD
--
--
0.75
0.62
1.0
--
Vdc
Reverse Recovery Time
(IS =5 A, VGS =0 V,
dIS/dt = 100 A/ms)
trr
--
26
--
ns
ta
--
11
--
tb
--
15
--
Reverse Recovery Stored Charge
(IS =5 A, dIS/dt = 100 A/ms, VGS =0 V)
QRR
--
0.015
--
mC
3. Pulse Test: Pulse Width  300 ms, Duty Cycle  2%.
4. Switching characteristics are independent of operating junction temperature.


Similar Part No. - NTMD6N03R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMD6N03R2 ONSEMI-NTMD6N03R2 Datasheet
74Kb / 8P
   Power MOSFET
February, 2006 ??Rev. 2
NTMD6N03R2 ONSEMI-NTMD6N03R2 Datasheet
343Kb / 8P
   Power MOSFET 30 V, 6 A, Dual N--Channel SOIC--8
October, 2011 -- Rev. 3
NTMD6N03R2G ONSEMI-NTMD6N03R2G Datasheet
343Kb / 8P
   Power MOSFET 30 V, 6 A, Dual N--Channel SOIC--8
October, 2011 -- Rev. 3
logo
VBsemi Electronics Co.,...
NTMD6N03R2G VBSEMI-NTMD6N03R2G Datasheet
1Mb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
More results

Similar Description - NTMD6N03R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMD6N03R2G ONSEMI-NVMD6N03R2G Datasheet
343Kb / 8P
   Power MOSFET 30 V, 6 A, Dual N--Channel SOIC--8
October, 2011 -- Rev. 3
NTMS4800N ONSEMI-NTMS4800N Datasheet
141Kb / 5P
   Power MOSFET 30 V, 8 A, N?묬hannel, SOIC??
August, 2009 ??Rev. 1
NTMD6N04R2 ONSEMI-NTMD6N04R2 Datasheet
84Kb / 5P
   Power MOSFET 40 V, 5.8 A, Dual N-Channel SOIC-8
December, 2007 - Rev. 0
NTMD6N04 ONSEMI-NTMD6N04 Datasheet
219Kb / 8P
   MOSFET – Power, Dual N-Channel, SOIC-8 40 V, 5.8 A
July, 2019 - Rev. 2
NTMFS4709N ONSEMI-NTMFS4709N Datasheet
90Kb / 6P
   Power MOSFET 30 V, 94 A, Single N-Channel, SOIC-8 FL
July, 2007 - Rev. 3
NTMFS4708N ONSEMI-NTMFS4708N Datasheet
98Kb / 5P
   Power MOSFET 30 V, 19 A, Single N-Channel, SOIC-8 FL
July, 2007 - Rev. 2
NTMS4176P ONSEMI-NTMS4176P Datasheet
91Kb / 5P
   Power MOSFET -30 V, -9.6 A, P-Channel, SOIC-8
March, 2008 - Rev. 0
NTMS4177P ONSEMI-NTMS4177P Datasheet
91Kb / 5P
   Power MOSFET -30 V, -11.4 A, P-Channel, SOIC-8
March, 2008 - Rev. 0
NTMD4840N ONSEMI-NTMD4840N Datasheet
141Kb / 5P
   Power MOSFET 30 V, 7.5 A, Dual N?묬hannel, SOIC??
September, 2009 ??Rev. 1
NTMFS4701N ONSEMI-NTMFS4701N Datasheet
90Kb / 5P
   Power MOSFET 30 V, 20 A, Single N-Channel, SOIC-8 Flat Lead Package
July, 2007 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com