Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9235C13CMR Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC9235C13CMR
Description  600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9235C13CMR Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC9235C13CMR Datasheet HTML 7Page - Torex Semiconductor XC9235C13CMR Datasheet HTML 8Page - Torex Semiconductor XC9235C13CMR Datasheet HTML 9Page - Torex Semiconductor XC9235C13CMR Datasheet HTML 10Page - Torex Semiconductor XC9235C13CMR Datasheet HTML 11Page - Torex Semiconductor XC9235C13CMR Datasheet HTML 12Page - Torex Semiconductor XC9235C13CMR Datasheet HTML 13Page - Torex Semiconductor XC9235C13CMR Datasheet HTML 14Page - Torex Semiconductor XC9235C13CMR Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
11/33
XC9235/XC9236/XC9237
Series
(μs)
SERIES
fOSC
SETTING VOLTAGE
MIN.
TYP.
MAX.
1.2MHz
0.8≦V OUT(E)<1.5
-
250
400
1.2MHz
1.5≦V OUT(E)<1.8
-
320
500
1.2MHz
1.8≦V OUT(E)<2.5
-
280
400
XC9235B(G)/XC9237B(G)
1.2MHz
2.5≦V OUT(E)<4.0
-
320
500
1.2MHz
0.8≦V OUT(E)<2.5
-
280
400
XC9236B(G)
1.2MHz
2.5≦V OUT(E)<4.0
-
320
500
3.0MHz
0.8≦V OUT(E)<1.8
-
280
400
XC9235B(G)/
XC9236B(G)/XC9237B(G)
3.0MHz
1.8≦V OUT(E)<4.0
-
320
500
■ELECTRICAL CHARACTERISTICS (Continued)
●PFM Switching Current (IPFM) by Oscillation Frequency and Setting Voltage
●Input Voltage (VIN) for Measuring PFM Duty Limit (DTYLIMIT_PFM)
fOSC
1.2MHz
3.0MHz
C-1
VOUT(E)+0.5V
VOUT(E)+1.0V
Minimum operating voltage is 2.0V.
ex.) Although when VOUT(E) is 1.2V and fOSC is 1.2MHz, (C-1) should be 1.7V, (C-1) becomes 2.0V for the minimum operating voltage 2.0V.
(mA)
1.2MHz
3.0MHz
SETTING VOLTAGE
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
VOUT(E) ≦1.2V
140
180
240
190
260
350
1.2V<VOUT(E) ≦1.75V
130
170
220
180
240
300
1.8V≦VOUT(E)
120
160
200
170
220
270
●Soft-Start Time, Setting Voltage(XC9235B(G)/9236B(G)/9237B(G) Series only)


Similar Part No. - XC9235C13CMR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9235C08C4R-G TOREX-XC9235C08C4R-G Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9235C08CER TOREX-XC9235C08CER Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9235C08CER-G TOREX-XC9235C08CER-G Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9235C08CMR TOREX-XC9235C08CMR Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9235C08CMR-G TOREX-XC9235C08CMR-G Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
More results

Similar Description - XC9235C13CMR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9235 TOREX-XC9235 Datasheet
760Kb / 28P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9235 TOREX-XC9235_1 Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9254R TOREX-XC9254R Datasheet
207Kb / 17P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converter
XC9268 TOREX-XC9268 Datasheet
1Mb / 30P
   36V Operation 600mA Synchronous Step-Down DC/DC Converters
XCM517 TOREX-XCM517 Datasheet
769Kb / 28P
   600mA Synchronous Dual Output Step-Down DC/DC Converters
XD9267 TOREX-XD9267 Datasheet
873Kb / 26P
   36V Operation 600mA Synchronous Step-Down DC/DC Converters
XC9250 TOREX-XC9250 Datasheet
985Kb / 28P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9223 TOREX-XC9223 Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9270 TOREX-XC9270 Datasheet
1Mb / 27P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9223 TOREX-XC9223_04 Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com