Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1690930 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1690930
Description  HC-B 6-TMB-100/O1STM20G-EEE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1690930 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1690930 Datasheet HTML 1Page - PHOENIX CONTACT 1690930 Datasheet HTML 2Page - PHOENIX CONTACT 1690930 Datasheet HTML 3Page - PHOENIX CONTACT 1690930 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HC-B 6-TMB-100/O1STM20G-EEE Order No.: 1460361
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1460361
PHOENIX CONTACT Deutschland GmbH
Page 2 / 4
http://www.phoenixcontact.de
Aug 30, 2011
Locking type
Bayonet locking
Fixing screws
M6
No. of cable exits
1
Cable exit
Straight
Pg screw connection
None
Type of the screw connection
1x M20
Degree of protection for housing
IP65/67
Ambient temperature (operation)
-40 °C ... 125 °C
Housing material
Die-cast aluminum, salt water resistant
Housing surface material
Uncoated
Seal material
NBR, conductive
Material lock
High-grade steel
Connection
If insulating powder coating is present on the control cabinet
panel, it should be removed from the profile gasket area in order
to ensure optimum shielding.
Accessories
Item
Designation
Description
Assembly
1604641
HC-B-BF
Panel mounting flange for HEAVYCON ADVANCE TMB housing
with bayonet locking
1604654
HC-B-BF-SET
Bayonet mounting-flange set, consisting of 2 mounting flanges
with 4 self-tapping Torx head screws and 4 fan-type spacers
General
1690930
HC-B 6-TMB-SD-IP65
HEAVYCON ADVANCE IP65 protective cover B6, with bayonet
locking, with retaining cord, diameter of retaining cord eyelet 3 mm


Similar Part No. - 1690930

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1690943 PHOENIX-1690943 Datasheet
61Kb / 2P
   Protective covers - HC-B 10-TMB-SD-IP65
1690956 PHOENIX-1690956 Datasheet
83Kb / 3P
   HC-B 16-TMB-SD-IP65
1690969 PHOENIX-1690969 Datasheet
84Kb / 3P
   HC-B 24-TMB-SD-IP65
More results

Similar Description - 1690930

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1604175 PHOENIX-1604175 Datasheet
98Kb / 4P
   HC-B 6-TMB-100/O1STM20G-STA
1460364 PHOENIX-1460364 Datasheet
98Kb / 4P
   HC-B 6-TMB-100/O1STM25S-EEE
1604162 PHOENIX-1604162 Datasheet
68Kb / 4P
   Housing - HC-B 6-TMB-100/O1STM20G-EUA
1580480 PHOENIX-1580480 Datasheet
89Kb / 6P
   Housing - HC-B 6-TMS-100/O1STM20G-EEE
1460362 PHOENIX-1460362 Datasheet
85Kb / 5P
   Housing - HC-B 6-TMB-100/O1STM20S-EEE
1460363 PHOENIX-1460363 Datasheet
87Kb / 5P
   Housing - HC-B 6-TMB-100/O1STM25G-EEE
1604159 PHOENIX-1604159 Datasheet
61Kb / 4P
   EMC housing - HC-B 6-TMB-100/O1STM20G-EMV
1460366 PHOENIX-1460366 Datasheet
97Kb / 4P
   HC-B 10-TMB-100/O1STM25S-EEE
1460370 PHOENIX-1460370 Datasheet
98Kb / 4P
   HC-B 16-TMB-100/O1STM32S-EEE
1460376 PHOENIX-1460376 Datasheet
97Kb / 4P
   HC-B 24-TMB-100/O1STM40S-EEE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com