Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTLUD3A260PZTAG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NTLUD3A260PZTAG
Description  Power MOSFET ??0 V, ??.1 A,Cool Dual P?묬hannel, ESD, 1.6x1.6x0.55 mm UDFN Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLUD3A260PZTAG Datasheet(HTML) 5 Page - ON Semiconductor

  NTLUD3A260PZTAG Datasheet HTML 1Page - ON Semiconductor NTLUD3A260PZTAG Datasheet HTML 2Page - ON Semiconductor NTLUD3A260PZTAG Datasheet HTML 3Page - ON Semiconductor NTLUD3A260PZTAG Datasheet HTML 4Page - ON Semiconductor NTLUD3A260PZTAG Datasheet HTML 5Page - ON Semiconductor NTLUD3A260PZTAG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NTLUD3A260PZ
http://onsemi.com
5
TYPICAL CHARACTERISTICS
Figure 13. Maximum Rated Forward Biased
Safe Operating Area
Figure 14. FET Thermal Response
t, TIME (s)
1E−02
1E−03
1E−04
1E−05
1E−06
0
40
80
120
160
1E−01
1E+00
1E+01
1E+02
1E+03
RqJA = 155°C/W
Single Pulse
Duty Cycle = 0.5
0.2
0.1
0.05
0.02
0.01
0.1
1
100
−VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
1
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
10
10
0 ≤ VGS ≤ −8 V
SINGLE PULSE
TC = 25°C
1 ms
100 ms
10 ms
dc
10 ms
0.1
0.01
DEVICE ORDERING INFORMATION
Device
Package
Shipping
NTLUD3A260PZTAG
UDFN6
(Pb−Free)
3000 / Tape & Reel
NTLUD3A260PZTBG
UDFN6
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NTLUD3A260PZTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLUD3A50PZ ONSEMI-NTLUD3A50PZ Datasheet
133Kb / 6P
   ??0 V, ??.6 A, Cool Dual P?묬hannel, 2.0x2.0x0.55 mm UDFN Package
August, 2012 ??Rev. 1
NTLUD3A50PZ ONSEMI-NTLUD3A50PZ Datasheet
133Kb / 6P
   Power MOSFET
February, 2014 ??Rev. 2
NTLUD3A50PZTAG ONSEMI-NTLUD3A50PZTAG Datasheet
133Kb / 6P
   ??0 V, ??.6 A, Cool Dual P?묬hannel, 2.0x2.0x0.55 mm UDFN Package
August, 2012 ??Rev. 1
NTLUD3A50PZTAG ONSEMI-NTLUD3A50PZTAG Datasheet
133Kb / 6P
   Power MOSFET
February, 2014 ??Rev. 2
NTLUD3A50PZTBG ONSEMI-NTLUD3A50PZTBG Datasheet
133Kb / 6P
   ??0 V, ??.6 A, Cool Dual P?묬hannel, 2.0x2.0x0.55 mm UDFN Package
August, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com