Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30211812 Datasheet(PDF) 7 Page - PHOENIX CONTACT

Part # 30211812
Description  Fuse modular terminal block
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

30211812 Datasheet(HTML) 7 Page - PHOENIX CONTACT

Back Button 30211812 Datasheet HTML 2Page - PHOENIX CONTACT 30211812 Datasheet HTML 3Page - PHOENIX CONTACT 30211812 Datasheet HTML 4Page - PHOENIX CONTACT 30211812 Datasheet HTML 5Page - PHOENIX CONTACT 30211812 Datasheet HTML 6Page - PHOENIX CONTACT 30211812 Datasheet HTML 7Page - PHOENIX CONTACT 30211812 Datasheet HTML 8Page - PHOENIX CONTACT 30211812 Datasheet HTML 9Page - PHOENIX CONTACT 30211812 Datasheet HTML 10Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
https://www.phoenixcontact.com/us/produkte/0920083
11.06.2012   Page 7 / 10
Fuse modular terminal block - USIG - 0920083
Accessories
Partition plate - ATS-GSK - 0304227
Partition plate, Length: 59.5 mm, Width: 0.8 mm, Height: 58 mm, Color: gray
 
 
Bridges
Insertion bridge - EB 2-10 - 0203153
Insertion bridge, Number of positions: 2, Color: gray
 
 
Insertion bridge - EB 10-10 - 0203137
Insertion bridge, Number of positions: 10, Color: gray
 
 
Marking
Marker cards - SBS10:UNBEDRUCKT - 1007248
Marker cards, Card, white, Unlabeled, Can be labeled with: Plotter, Perforated, Mounting type: Snap into tall
marker groove, Snap into flat marker groove, For terminal block width: 10 mm
 
 
Zack marker strip - ZB 10 CUS - 0824941
Zack marker strip, Strip, white, Labeled according to customer specifications, Mounting type: Snap into tall
marker groove, For terminal block width: 10.2 mm, Lettering field: 10.15 x 10.5 mm
 
 
Plug/Adapter


Similar Part No. - 30211812

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
30211812 PHOENIX-30211812 Datasheet
79Kb / 5P
   Electronic device circuit breaker - ECP-E 10A - 0901002
30211812 PHOENIX-30211812 Datasheet
103Kb / 8P
   Thermomagnetic device circuit breaker - TMC 2 M1 120 16,0A
09/11/2020
30211812 PHOENIX-30211812 Datasheet
44Kb / 2P
   Test adapter - PAI-4-FIX OG - 3034455
30211812 PHOENIX-30211812 Datasheet
159Kb / 9P
   Thermomagnetic device circuit breaker - UT 6-TMC M 10A
09/11/2020
30211812 PHOENIX-30211812 Datasheet
131Kb / 13P
   Fuse modular terminal block - USIG MIT ST-SI
More results

Similar Description - 30211812

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
UK5-HESI PHOENIX-UK5-HESI Datasheet
200Kb / 5P
   Fuse modular terminal block
Dec 19, 2022
0920122 PHOENIX-0920122 Datasheet
127Kb / 10P
   Fuse modular terminal block - USIG BU
3048357 PHOENIX-3048357 Datasheet
132Kb / 10P
   Fuse modular terminal block - USEN 14 N
09/12/2020
3118096 PHOENIX-3118096 Datasheet
163Kb / 13P
   Fuse modular terminal block - UK-SI BU
0711632 PHOENIX-0711632 Datasheet
129Kb / 12P
   Fuse modular terminal block - UKK5 HESILED24(6,3X32)
3050293 PHOENIX-3050293 Datasheet
435Kb / 18P
   Fuse modular terminal block - QTC 2,5-HESI (5X20)
1088498 PHOENIX-1088498 Datasheet
546Kb / 17P
   Fuse modular terminal block - PT 10-FSI/C
01/13/2022
0711629 PHOENIX-0711629 Datasheet
151Kb / 13P
   Fuse modular terminal block - UKK5 HESILA 250(5X20)
3004126 PHOENIX-3004126 Datasheet
169Kb / 14P
   Fuse modular terminal block - UK 5-HESILED 24
3007204 PHOENIX-3007204 Datasheet
158Kb / 13P
   Fuse modular terminal block - UKK 5-HESI (5X20)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com