Electronic Components Datasheet Search |
|
1604641 Datasheet(PDF) 2 Page - PHOENIX CONTACT |
|
1604641 Datasheet(HTML) 2 Page - PHOENIX CONTACT |
2 / 4 page HC-B 6-TMB-100/O1STM20G-EEE Order No.: 1460361 http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1460361 PHOENIX CONTACT Deutschland GmbH Page 2 / 4 http://www.phoenixcontact.de Aug 30, 2011 Locking type Bayonet locking Fixing screws M6 No. of cable exits 1 Cable exit Straight Pg screw connection None Type of the screw connection 1x M20 Degree of protection for housing IP65/67 Ambient temperature (operation) -40 °C ... 125 °C Housing material Die-cast aluminum, salt water resistant Housing surface material Uncoated Seal material NBR, conductive Material lock High-grade steel Connection If insulating powder coating is present on the control cabinet panel, it should be removed from the profile gasket area in order to ensure optimum shielding. Accessories Item Designation Description Assembly 1604641 HC-B-BF Panel mounting flange for HEAVYCON ADVANCE TMB housing with bayonet locking 1604654 HC-B-BF-SET Bayonet mounting-flange set, consisting of 2 mounting flanges with 4 self-tapping Torx head screws and 4 fan-type spacers General 1690930 HC-B 6-TMB-SD-IP65 HEAVYCON ADVANCE IP65 protective cover B6, with bayonet locking, with retaining cord, diameter of retaining cord eyelet 3 mm |
Similar Part No. - 1604641 |
|
Similar Description - 1604641 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |