Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2322-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2322-Q1
Description  20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier With Shutdown
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2322-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  OPA2322-Q1 Datasheet HTML 1Page - Texas Instruments OPA2322-Q1 Datasheet HTML 2Page - Texas Instruments OPA2322-Q1 Datasheet HTML 3Page - Texas Instruments OPA2322-Q1 Datasheet HTML 4Page - Texas Instruments OPA2322-Q1 Datasheet HTML 5Page - Texas Instruments OPA2322-Q1 Datasheet HTML 6Page - Texas Instruments OPA2322-Q1 Datasheet HTML 7Page - Texas Instruments OPA2322-Q1 Datasheet HTML 8Page - Texas Instruments OPA2322-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
OPA322-Q1, OPA322S-Q1
OPA2322-Q1, OPA2322S-Q1
OPA4322-Q1, OPA4322S-Q1
www.ti.com
SLOS856A – JUNE 2013 – REVISED JUNE 2013
ELECTRICAL CHARACTERISTICS: VS = 1.8 V to 5.5 V, or ±0.9 V to ±2.75 V (continued)
Boldface limits apply over the specified temperature range, TA = –40°C to 125°C.
At TA = 25°C, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, VOUT = VS / 2, and SHDN_x = VS+, unless otherwise noted.
OPA322-Q1, OPA322S-Q1, OPA2322-Q1,
OPA2322S-Q1, OPA4322-Q1, OPA4322S-Q1
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
OUTPUT
Voltage output swing from
VO
RL = 10 kΩ
10
30
mV
both rails
Over temperature
RL = 10 kΩ
40
mV
Short-circuit current
ISC
VS = 5.5 V
±65
mA
Capacitive load drive
CL
See Typical Characteristics
Open-loop output resistance
RO
IO = 0 mA, f = 1 MHz
90
Ω
POWER SUPPLY
Specified voltage range
VS
1.8
5.5
V
Quiescent current per amplifier
IQ
IO = 0 mA, VS = 5.5 V
OPA322-Q1, OPA322S-Q1
IO = 0 mA, VS = 5.5 V
1.6
1.9
mA
Over temperature
IO = 0 mA, VS = 5.5 V
2
mA
OPA2322-Q1, OPA2322S-Q1
IO = 0 mA, VS = 5.5 V
1.5
1.75
mA
Over temperature
IO = 0 mA, VS = 5.5 V
1.85
mA
OPA4322-Q1, OPA4322S-Q1
IO = 0 mA, VS = 5.5 V
1.4
1.65
mA
Over temperature
IO = 0 mA, VS = 5.5 V
1.75
mA
Power-on time
VS+ = 0 V to 5 V, to 90% IQ level
28
μs
SHUTDOWN(2)
VS = 1.8 V to 5.5 V
Quiescent current, per amplifier
IQSD
All amplifiers disabled, SHDN = VS–
0.1
0.5
µA
High voltage (enabled)
VIH
Amplifier enabled
(V+) - 0.1
V
Low voltage (disabled)
VIL
Amplifier disabled
(V–) + 0.1
V
Amplifier enable time (full
tON
Full shutdown; G = 1, VOUT = 0.9 × VS / 2
(4)
10
µs
shutdown)(3)
Amplifier enable time (partial
tON
Partial shutdown; G = 1, VOUT = 0.9 × VS / 2
(4)
6
µs
shutdown) (3)
Amplifier disable time(3)
tOFF
G = 1, VOUT = 0.1 × VS / 2
3
µs
VIH = 5 V
0.13
µA
SHDN pin input bias current (per pin)
VIL = 0 V
0.04
µA
TEMPERATURE
Specified range
–40
125
°C
Operating range
–40
150
°C
(2)
Ensured by design and characterization; not production tested.
(3)
The definition of isable time (tOFF) and enable time (tON) is the time interval between the 50% point of the signal applied to the SHDN pin
and the point at which the output voltage reaches the 10% (disable) or 90% (enable) level.
(4)
Full shutdown refers to the dual OPA2322S-Q1 having both channels A and B disabled (SHDN_A = SHDN_B = VS–) and the quad
OPA4322S-Q1 having all channels A to D disabled (SHDN_A/B = SHDN_C/D = VS–). Partial shutdown exercises only one SHDN pin; in
this mode, the internal biasing and oscillator remain operational and the enable time is shorter.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: OPA322-Q1 OPA322S-Q1 OPA2322-Q1 OPA2322S-Q1 OPA4322-Q1 OPA4322S-Q1


Similar Part No. - OPA2322-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2322-Q1 TI1-OPA2322-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   CMOS Operational Amplifier With Shutdown
OPA2322-Q1 TI1-OPA2322-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier
More results

Similar Description - OPA2322-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA322_1111 TI1-OPA322_1111 Datasheet
1Mb / 34P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
NOVEMBER2011
OPA322 TI1-OPA322 Datasheet
1Mb / 29P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
JUNE2012
OPA322-Q1 TI1-OPA322-Q1_17 Datasheet
1Mb / 39P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier
OPA314 TI1-OPA314 Datasheet
1Mb / 31P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
MARCH2012
OPA2314-EP TI-OPA2314-EP Datasheet
1Mb / 23P
[Old version datasheet]   3-MHz, LOW-POWER, LOW-NOISE, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
LMV791-DIE TI-LMV791-DIE Datasheet
71Kb / 5P
[Old version datasheet]   Low Noise, CMOS Input Operational Amplifier with Shutdown
OPA314-Q1 TI1-OPA314-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2314-Q1 TI1-OPA2314-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA316 TI1-OPA316_16 Datasheet
2Mb / 48P
[Old version datasheet]   10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4314AIPWR TI1-OPA4314AIPWR Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com