Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2322-Q1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2322-Q1
Description  20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier With Shutdown
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2322-Q1 Datasheet(HTML) 2 Page - Texas Instruments

  OPA2322-Q1 Datasheet HTML 1Page - Texas Instruments OPA2322-Q1 Datasheet HTML 2Page - Texas Instruments OPA2322-Q1 Datasheet HTML 3Page - Texas Instruments OPA2322-Q1 Datasheet HTML 4Page - Texas Instruments OPA2322-Q1 Datasheet HTML 5Page - Texas Instruments OPA2322-Q1 Datasheet HTML 6Page - Texas Instruments OPA2322-Q1 Datasheet HTML 7Page - Texas Instruments OPA2322-Q1 Datasheet HTML 8Page - Texas Instruments OPA2322-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
OPA322-Q1, OPA322S-Q1
OPA2322-Q1, OPA2322S-Q1
OPA4322-Q1, OPA4322S-Q1
SLOS856A – JUNE 2013 – REVISED JUNE 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
OPA322-Q1, OPA322S-Q1, OPA2322-Q1,
OPA2322S-Q1, OPA4322-Q1, OPA4322S-Q1
UNIT
Supply voltage, VS = (V+) – (V–)
6
V
Voltage(2)
(V–) – 0.5 to (V+) + 0.5
V
Signal input pins
Current(2)
±10
mA
Output short-circuit current(3)
Continuous
mA
Operating temperature, TA
–40 to 125
°C
Storage temperature, Tstg
–65 to 150
°C
Junction temperature, TJ
150
°C
Human-body model (HBM) AEC-Q100
4
kV
Classification Level H3A
ESD ratings
Charged-device model (CDM) AEC-Q100
1000
V
Classification Level C5
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute-maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
Input terminals are diode-clamped to the power-supply rails. Input signals that can swing more than 0.5 V beyond the supply rails should
be current limited to 10 mA or less.
(3)
Short-circuit to ground, one amplifier per package.
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: OPA322-Q1 OPA322S-Q1 OPA2322-Q1 OPA2322S-Q1 OPA4322-Q1 OPA4322S-Q1


Similar Part No. - OPA2322-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2322-Q1 TI1-OPA2322-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   CMOS Operational Amplifier With Shutdown
OPA2322-Q1 TI1-OPA2322-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier
More results

Similar Description - OPA2322-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA322_1111 TI1-OPA322_1111 Datasheet
1Mb / 34P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
NOVEMBER2011
OPA322 TI1-OPA322 Datasheet
1Mb / 29P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
JUNE2012
OPA322-Q1 TI1-OPA322-Q1_17 Datasheet
1Mb / 39P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier
OPA314 TI1-OPA314 Datasheet
1Mb / 31P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
MARCH2012
OPA2314-EP TI-OPA2314-EP Datasheet
1Mb / 23P
[Old version datasheet]   3-MHz, LOW-POWER, LOW-NOISE, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
LMV791-DIE TI-LMV791-DIE Datasheet
71Kb / 5P
[Old version datasheet]   Low Noise, CMOS Input Operational Amplifier with Shutdown
OPA314-Q1 TI1-OPA314-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2314-Q1 TI1-OPA2314-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA316 TI1-OPA316_16 Datasheet
2Mb / 48P
[Old version datasheet]   10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4314AIPWR TI1-OPA4314AIPWR Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com