Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430TCH5ERHB Datasheet(PDF) 11 Page - Texas Instruments

Part # MSP430TCH5ERHB
Description  Haptics-Enabled Mixed-Signal Microcontroller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430TCH5ERHB Datasheet(HTML) 11 Page - Texas Instruments

Back Button MSP430TCH5ERHB Datasheet HTML 7Page - Texas Instruments MSP430TCH5ERHB Datasheet HTML 8Page - Texas Instruments MSP430TCH5ERHB Datasheet HTML 9Page - Texas Instruments MSP430TCH5ERHB Datasheet HTML 10Page - Texas Instruments MSP430TCH5ERHB Datasheet HTML 11Page - Texas Instruments MSP430TCH5ERHB Datasheet HTML 12Page - Texas Instruments MSP430TCH5ERHB Datasheet HTML 13Page - Texas Instruments MSP430TCH5ERHB Datasheet HTML 14Page - Texas Instruments MSP430TCH5ERHB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 67 page
background image
MSP430TCH5E
www.ti.com
SLAS895 – DECEMBER 2013
Interrupt Vector Addresses
The interrupt vectors and the power-up starting address are located in the address range 0FFFFh to 0FFC0h.
The vector contains the 16-bit address of the appropriate interrupt handler instruction sequence.
If the reset vector (located at address 0FFFEh) contains 0FFFFh (for example, flash is not programmed), the
CPU goes into LPM4 immediately after power-up.
Table 5. Interrupt Sources, Flags, and Vectors
SYSTEM
WORD
INTERRUPT SOURCE
INTERRUPT FLAG
PRIORITY
INTERRUPT
ADDRESS
Power-Up
PORIFG
External Reset
RSTIFG
Watchdog Timer+
WDTIFG
Reset
0FFFEh
31, highest
Flash key violation
KEYV(2)
PC out-of-range(1)
NMI
NMIIFG
(non)-maskable
Oscillator fault
OFIFG
(non)-maskable
0FFFCh
30
Flash memory access violation
ACCVIFG(2)(3)
(non)-maskable
Timer1_A3
TA1CCR0 CCIFG(4)
maskable
0FFFAh
29
Timer1_A3
TA1CCR2 TA1CCR1 CCIFG,
maskable
0FFF8h
28
TAIFG(2)(4)
Comparator_A+
CAIFG(4)
maskable
0FFF6h
27
Watchdog Timer+
WDTIFG
maskable
0FFF4h
26
Timer0_A3
TA0CCR0 CCIFG(4)
maskable
0FFF2h
25
Timer0_A3
TA0CCR2 TA0CCR1 CCIFG, TAIFG
maskable
0FFF0h
24
(5) (4)
USCI_A0/USCI_B0 receive
UCA0RXIFG, UCB0RXIFG(2)(5)
maskable
0FFEEh
23
USCI_B0 I2C status
USCI_A0/USCI_B0 transmit
UCA0TXIFG, UCB0TXIFG (2)(6)
maskable
0FFECh
22
USCI_B0 I2C receive or transmit
ADC10
ADC10IFG(4)
maskable
0FFEAh
21
0FFE8h
20
I/O Port P2 (up to eight flags)
P2IFG.0 to P2IFG.7(2)(4)
maskable
0FFE6h
19
I/O Port P1 (up to eight flags)
P1IFG.0 to P1IFG.7(2)(4)
maskable
0FFE4h
18
0FFE2h
17
0FFE0h
16
See (7)
0FFDEh
15
See (8)
0FFDEh to
14 to 0, lowest
0FFC0h
(1)
A reset is generated if the CPU tries to fetch instructions from within the module register memory address range (0h to 01FFh) or from
within unused address ranges.
(2)
Multiple source flags
(3)
(non)-maskable: the individual interrupt-enable bit can disable an interrupt event, but the general interrupt enable cannot.
(4)
Interrupt flags are located in the module.
(5)
In SPI mode: UCB0RXIFG. In I2C mode: UCALIFG, UCNACKIFG, ICSTTIFG, UCSTPIFG.
(6)
In UART or SPI mode: UCB0TXIFG. In I2C mode: UCB0RXIFG, UCB0TXIFG.
(7)
This location is used as bootstrap loader security key (BSLSKEY). A 0xAA55 at this location disables the BSL completely. A zero (0h)
disables the erasure of the flash if an invalid password is supplied.
(8)
The interrupt vectors at addresses 0FFDEh to 0FFC0h are not used in this device and can be used for regular program code if
necessary.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: MSP430TCH5E


Similar Part No. - MSP430TCH5ERHB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430TCH5ERHBR TI1-MSP430TCH5ERHBR Datasheet
856Kb / 68P
[Old version datasheet]   Haptics-Enabled Mixed-Signal Microcontroller
MSP430TCH5ERHBT TI1-MSP430TCH5ERHBT Datasheet
856Kb / 68P
[Old version datasheet]   Haptics-Enabled Mixed-Signal Microcontroller
More results

Similar Description - MSP430TCH5ERHB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430TCH5E TI1-MSP430TCH5E_14 Datasheet
856Kb / 68P
[Old version datasheet]   Haptics-Enabled Mixed-Signal Microcontroller
logo
Cypress Semiconductor
CY8C20336H CYPRESS-CY8C20336H_12 Datasheet
524Kb / 35P
   Haptics Enabled CapSense짰 Controller
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com