Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3421EKA Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # A3421EKA
Description  HALL-EFFECT, DIRECTION-DETECTION SENSORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3421EKA Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button A3421EKA Datasheet HTML 4Page - Allegro MicroSystems A3421EKA Datasheet HTML 5Page - Allegro MicroSystems A3421EKA Datasheet HTML 6Page - Allegro MicroSystems A3421EKA Datasheet HTML 7Page - Allegro MicroSystems A3421EKA Datasheet HTML 8Page - Allegro MicroSystems A3421EKA Datasheet HTML 9Page - Allegro MicroSystems A3421EKA Datasheet HTML 10Page - Allegro MicroSystems A3421EKA Datasheet HTML 11Page - Allegro MicroSystems A3421EKA Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
3421 AND 3422
HALL-EFFECT,
DIRECTION-DETECTION
SENSORS
www.allegromicro.com
HALL-EFFECT SENSORS
Partial Part
Avail. Oper.
Characteristics at TA = +25
°C
Number
Temp.
BOP max
BRP min
Bhys typ
Features
Notes
RATIOMETRIC, LINEAR HALL-EFFECT SENSORS
3503
S
typ. 1.3 mV/G
3507
E/Ltyp. 2.5 mV/G
3508
S
typ. 2.5 mV/G
3515
E/Ltyp. 5.0 mV/G
chopper stabilized
3516
E/Ltyp. 2.5 mV/G
chopper stabilized
3517
L/S
typ. 5.0 mV/G
chopper stabilized
3518
L/S
typ. 2.5 mV/G
chopper stabilized
GEARTOOTH/RING MAGNET (DUAL ELEMENT) HALL-EFFECT SENSORS in order of BOP
3060
K/S
+35
-35
30
ac coupled
3422
E/L+75
-75
46
direction detection
3059
K/S
+100
-100
130
ac coupled
3056
E/L+150
-150
50
zero-speed
3058
E/L+250
-250
200
zero-speed
3421
E/L+280
-280
335
direction detection
SPECIAL-PURPOSE HALL-EFFECT SENSORS
3054
K/S
+300
+5.0
50
unipolar switch, multiplexed
4
3209
E
±60
±5.0
7.7
400
µW, chopper stabilized
3210
E
±60
±5.0
7.7
25
µW, chopper stabilized
3421
E/L+280
-280
335
direction detection
3422
E/L+85
-85
46
direction detection
3425
L+24
-24
19
dual, chopper stabilized
1
Operating Temperature Ranges:
S = -20
°C to +85°C, E = -40°C to +85°C, J = -40°C to +115°C, K = -40°C to +125°C, L = -40°C to +150°C
Notes 1. Protected.
4. Multiplexed two-wire sensor; after proper address, power/signal bus current indicates magnetic field condition.


Similar Part No. - A3421EKA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3422 ALLEGRO-A3422 Datasheet
1Mb / 11P
   Hall Effect Direction Detection Sensor IC
A3422EKA-T ALLEGRO-A3422EKA-T Datasheet
575Kb / 10P
   HALL-EFFECT, DIRECTION-DETECTION SENSORS
A3422EKA-T ALLEGRO-A3422EKA-T Datasheet
1Mb / 11P
   Hall Effect Direction Detection Sensor IC
A3422LKA ALLEGRO-A3422LKA Datasheet
207Kb / 12P
   DUAL, CHOPPER-STABILIZED, ULTRA-SENSITIVE, BIPOLAR HALL-EFFECT SWITCH
August 21, 2000
A3422LKA-T ALLEGRO-A3422LKA-T Datasheet
575Kb / 10P
   HALL-EFFECT, DIRECTION-DETECTION SENSORS
More results

Similar Description - A3421EKA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3422 ALLEGRO-3422 Datasheet
575Kb / 10P
   HALL-EFFECT, DIRECTION-DETECTION SENSORS
logo
Micronas
HAL710 MICRONAS-HAL710_1 Datasheet
1,023Kb / 19P
   Hall-Effect Sensors with Direction Detection
HAL710 MICRONAS-HAL710_2 Datasheet
168Kb / 2P
   Hall-Effect Sensors with Direction Detection
logo
List of Unclassifed Man...
HAL710 ETC-HAL710 Datasheet
165Kb / 12P
   Hall-Effect Sensor with Direction Detection
logo
Allegro MicroSystems
A3422 ALLEGRO-A3422 Datasheet
1Mb / 11P
   Hall Effect Direction Detection Sensor IC
A1233 ALLEGRO-A1233 Datasheet
738Kb / 12P
   Dual-Channel Hall-Effect Direction Detection Sensor IC
A3423 ALLEGRO-A3423 Datasheet
499Kb / 10P
   Dual Channel Hall Effect Direction Detection Sensor IC
logo
Infineon Technologies A...
TLE4966K INFINEON-TLE4966K Datasheet
871Kb / 16P
   High Precision Hall-Effect Switch with Direction Detection
Rev. 1.0, Sep 2007
TLE4966L INFINEON-TLE4966L_09 Datasheet
854Kb / 16P
   High Precision Hall-Effect Switch with Direction Detection
V 2.0, Feb 2009
TLI4966G INFINEON-TLI4966G Datasheet
1Mb / 17P
   High Precision Hall-Effect Switch with Direction Detection
Rev 1.0, October 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com