Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4041EIM7X-1.2NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LM4041EIM7X-1.2NOPB
Description  LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4041EIM7X-1.2NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM4041EIM7X-1.2NOPB Datasheet HTML 1Page - Texas Instruments LM4041EIM7X-1.2NOPB Datasheet HTML 2Page - Texas Instruments LM4041EIM7X-1.2NOPB Datasheet HTML 3Page - Texas Instruments LM4041EIM7X-1.2NOPB Datasheet HTML 4Page - Texas Instruments LM4041EIM7X-1.2NOPB Datasheet HTML 5Page - Texas Instruments LM4041EIM7X-1.2NOPB Datasheet HTML 6Page - Texas Instruments LM4041EIM7X-1.2NOPB Datasheet HTML 7Page - Texas Instruments LM4041EIM7X-1.2NOPB Datasheet HTML 8Page - Texas Instruments LM4041EIM7X-1.2NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
LM4041-N, LM4041-N-Q1
www.ti.com
SNOS641F – OCTOBER 1999 – REVISED JULY 2013
LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
Check for Samples: LM4041-N, LM4041-N-Q1
1
FEATURES
DESCRIPTION
Ideal for space critical applications, the LM4041-N
2
Available in Standard, AEC Q-100 Grade 1
precision voltage reference is available in the sub-
(Extended Temp. Range) and Grade 3
miniature
SC70
and
SOT-23
surface-mount
(Industrial Temp. Range) Qualified Versions
packages.
The
LM4041-N's
advanced
design
(SOT-23 only)
eliminates
the
need
for
an
external
stabilizing
Small Packages: SOT-23, TO-92, and SC70
capacitor while ensuring stability with any capacitive
load, thus making the LM4041-N easy to use. Further
No Output Capacitor Required
reducing design effort is the availability of a fixed
Tolerates Capacitive Loads
(1.225V) and adjustable reverse breakdown voltage.
Reverse Breakdown Voltage Options of 1.225V
The minimum operating current is 60
μA for the
and Adjustable
LM4041-N 1.2 and the LM4041-N ADJ. Both versions
have a maximum operating current of 12 mA.
APPLICATIONS
The LM4041-N utilizes fuse and zener-zap reverse
Portable, Battery-Powered Equipment
breakdown or reference voltage trim during wafer sort
to ensure that the prime parts have an accuracy of
Data Acquisition Systems
better than ±0.1% (A grade) at 25°C. Bandgap
Instrumentation
reference temperature drift curvature correction and
Process Control
low
dynamic
impedance
ensure
stable
reverse
breakdown voltage accuracy over a wide range of
Energy Management
operating temperatures and currents.
Automotive
Precision Audio Components
Key Specifications (LM4041-N/LM4041-N-Q1 1.2)
Output voltage tolerance (A grade, 25°C)
±0.1%(max)
Low output noise (10 Hz to 10kHz)
20
μVrms
Wide operating current range
60
μA to 12mA
Industrial temperature range (LM4041A/B-N, LM4041-N-Q1A/Q1B)
−40°C to +85°C
Extended temperature range (LM4041C/D/E-N, LM4041-N-Q1C/Q1D/Q1E)
−40°C to +125°C
Low temperature coefficient
100 ppm/°C (max)
Connection Diagrams
*This pin must be left floating or connected to pin 2.
Figure 1. SOT-23 - Top View
See Package Number DBZ0003A
(JEDEC Registration TO-236AB)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM4041EIM7X-1.2NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4041EIM7X-1.2 NSC-LM4041EIM7X-1.2 Datasheet
277Kb / 19P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041EIM7X-1.2 TI1-LM4041EIM7X-1.2 Datasheet
806Kb / 21P
[Old version datasheet]   LM4041 Precision Micropower Shunt Voltage Reference
LM4041EIM7X-1.2/NOPB TI1-LM4041EIM7X-1.2/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041EIM7X-1.2/NOPB TI1-LM4041EIM7X-1.2/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041EIM7X-1.2/NOPB TI1-LM4041EIM7X-1.2/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
More results

Similar Description - LM4041EIM7X-1.2NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4041-N-Q1 TI-LM4041-N-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N-Q1 TI1-LM4041-N-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041BIM3-12 TI1-LM4041BIM3-12 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-1 TI-LM4041-1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041CIM3-ADJ TI1-LM4041CIM3-ADJ Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N TI-LM4041-N_15 Datasheet
1Mb / 35P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N TI1-LM4041-N Datasheet
806Kb / 21P
[Old version datasheet]   LM4041 Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_16 Datasheet
1Mb / 67P
[Old version datasheet]   LM4040-N/-Q1 Precision Micropower Shunt Voltage Reference
LM4050AIM3-41 TI1-LM4050AIM3-41 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AIM3X-25 TI-LM4050AIM3X-25 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com