Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UGL3132UA Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # UGL3132UA
Description  ULTRA-SENSITIVE BIPOLAR HALL-EFFECT SWITCHES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

UGL3132UA Datasheet(HTML) 3 Page - Allegro MicroSystems

  UGL3132UA Datasheet HTML 1Page - Allegro MicroSystems UGL3132UA Datasheet HTML 2Page - Allegro MicroSystems UGL3132UA Datasheet HTML 3Page - Allegro MicroSystems UGL3132UA Datasheet HTML 4Page - Allegro MicroSystems UGL3132UA Datasheet HTML 5Page - Allegro MicroSystems UGL3132UA Datasheet HTML 6Page - Allegro MicroSystems UGL3132UA Datasheet HTML 7Page - Allegro MicroSystems UGL3132UA Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3132 AND 3133
BIPOLAR
HALL-EFFECT SWITCHES
www.allegromicro.com
TYPICAL CHARACTERISTICS
12
16
20
SUPPLY VOLTAGE IN VOLTS
4.0
Dwg. GH-021
24
8.0
RELEASE POINT
I
= 20 mA
OUT
40
20
0
-20
-40
OPERATE POINT
28
T
= 25
°C
A
0
25
50
75
100
AMBIENT TEMPERATURE IN
°C
-50
Dwg. GH-022
125
-25
I
= 20 mA
V
= 12 V
CC
OUT
40
20
0
-20
-40
RELEASE POINT
OPERATE POINT
0
25
50
75
100
AMBIENT TEMPERATURE IN
°C
-50
Dwg. GH-023
125
-25
V
= 12 V
CC
B
≤ B
RP
6.0
5.0
4.0
3.0
B
≥ B
OP
0
25
50
75
100
200
100
AMBIENT TEMPERATURE IN
°C
175
150
125
-50
Dwg. GH-024
125
-25
I
= 20 mA
OUT


Similar Description - UGL3132UA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3132 ALLEGRO-A3132 Datasheet
122Kb / 6P
   ULTRA-SENSITIVE BIPOLAR HALL-EFFECT SWITCHES
3209 ALLEGRO-3209 Datasheet
224Kb / 12P
   MICROPOWER, ULTRA-SENSITIVE HALL-EFFECT SWITCHES
A3210EUA ALLEGRO-A3210EUA Datasheet
861Kb / 10P
   MICROPOWER, ULTRA-SENSITIVE HALL-EFFECT SWITCHES
A3213 ALLEGRO-A3213_16 Datasheet
654Kb / 11P
   Micropower Ultra-Sensitive Hall-Effect Switches
A3211 ALLEGRO-A3211 Datasheet
376Kb / 13P
   Micropower, Ultra-sensitive Hall-effect Switches
May 29, 2012
A3213 ALLEGRO-A3213 Datasheet
326Kb / 11P
   Micropower Ultra-Sensitive Hall-Effect Switches
A3425 ALLEGRO-A3425 Datasheet
575Kb / 21P
   Ultra-Sensitive Dual-Channel Quadrature Hall-Effect Bipolar Switch
A1230 ALLEGRO-A1230_16 Datasheet
822Kb / 17P
   Ultra-Sensitive Dual-Channel Quadrature Hall-Effect Bipolar Switch
A1230 ALLEGRO-A1230 Datasheet
392Kb / 16P
   Ultra-Sensitive Dual-Channel Quadrature Hall-Effect Bipolar Switch
3425 ALLEGRO-3425 Datasheet
207Kb / 12P
   DUAL, CHOPPER-STABILIZED, ULTRA-SENSITIVE, BIPOLAR HALL-EFFECT SWITCH
August 21, 2000
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com