Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAJD107010 Datasheet(PDF) 7 Page - AVX Corporation

Part # TAJD107010
Description  Surface Mount Tantalum Capacitors
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJD107010 Datasheet(HTML) 7 Page - AVX Corporation

Back Button TAJD107010 Datasheet HTML 3Page - AVX Corporation TAJD107010 Datasheet HTML 4Page - AVX Corporation TAJD107010 Datasheet HTML 5Page - AVX Corporation TAJD107010 Datasheet HTML 6Page - AVX Corporation TAJD107010 Datasheet HTML 7Page - AVX Corporation TAJD107010 Datasheet HTML 8Page - AVX Corporation TAJD107010 Datasheet HTML 9Page - AVX Corporation TAJD107010 Datasheet HTML 10Page - AVX Corporation TAJD107010 Datasheet HTML 11Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
6
TAJ Series
RATINGS & PART NUMBER REFERENCE
AVX
Case
Capacitance
DCL
DF
ESR
Part No.
Size
µF
(µA)
%
max. (
Ω)
Max.
Max.
@ 100 kHz
2 volt @ 85°C (1.2 volt @ 125°C)
TAJA476*002
A
47
0.9
6
3.0
4 volt @ 85°C (2.5 volt @ 125°C)
TAJA475*004
A
4.7
0.5
6
7.5
TAJA685*004
A
6.8
0.5
6
6.5
TAJA106*004
A
10
0.5
6
6.0
TAJA156*004
A
15
0.6
6
4.0
TAJB156*004
B
15
0.6
6
3.0
TAJA226*004
A
22
0.9
6
3.5
TAJA336*004
A
33
1.3
6
3.0
TAJB336*004
B
33
1.4
6
2.8
TAJB476*004
B
47
1.9
6
2.4
TAJB686*004
B
68
2.7
6
1.8
TAJC686*004
C
68
2.7
6
1.6
TAJB107*004
B
100
4.0
8
1.6
TAJC107*004
C
100
4.0
6
1.3
TAJC227*004
C
220
8.8
8
1.2
TAJD227*004
D
220
8.8
8
0.9
TAJE337*004
E
330
13.2
8
0.9
6.3 volt @ 85°C (4 volt @ 125°C)
TAJA225*006
A
2.2
0.5
6
9.0
TAJA335*006
A
3.3
0.5
6
7.0
TAJA475*006
A
4.7
0.5
6
6.0
TAJA685*006
A
6.8
0.5
6
5.0
TAJB685*006
B
6.8
0.5
6
4.0
TAJA106*006
A
10
0.6
6
4.0
TAJB106*006
B
10
0.6
6
3.0
TAJA156*006
A
15
1.0
6
3.5
TAJB156*006
B
15
1.0
6
2.5
TAJA226*006
A
22
1.4
6
3.0
TAJB226*006
B
22
1.4
6
2.5
TAJC226*006
C
22
1.4
6
2.0
TAJB336*006
B
33
2.1
6
2.2
TAJC336*006
C
33
2.1
6
1.8
TAJB476*006
B
47
3.0
6
2.0
TAJC476*006
C
47
3.0
6
1.6
TAJD476*006
D
47
3.0
6
1.1
TAJB686*006
B
68
4.3
8
1.8
TAJC686*006
C
68
4.3
6
1.6
TAJD686*006
D
68
4.3
6
0.9
TAJC107*006
C
100
6.3
6
1.4
TAJD107*006
D
100
6.3
6
0.9
TAJC157*006
C
150
9.5
6
1.3
TAJD157*006
D
150
9.5
6
0.9
TAJC227*006
C
220
13.9
10
1.2
TAJD227*006
D
220
13.9
8
0.9
TAJE337*006
E
330
20.8
8
0.9
TAJE477*006
E
470
29.6
10
0.9
TAJV477*006
V
470
29.6
8
0.9
AVX
Case
Capacitance
DCL
DF
ESR
Part No.
Size
µF
(µA)
%
max. (
Ω)
Max.
Max.
@ 100 kHz
10 volt @ 85°C (6.3 volt @ 125°C)
TAJA155*010
A
1.5
0.5
6
10.0
TAJA225*010
A
2.2
0.5
6
7.0
TAJA335*010
A
3.3
0.5
6
5.5
TAJA475*010
A
4.7
0.5
6
5.0
TAJB475*010
B
4.7
0.5
6
4.0
TAJA685*010
A
6.8
0.7
6
4.0
TAJB685*010
B
6.8
0.7
6
3.0
TAJA106*010
A
10
1.0
6
3.0
TAJB106*010
B
10
1.0
6
2.5
TAJC106*010
C
10
1.0
6
2.5
TAJA156*010
A
15
1.5
6
3.2
TAJB156*010
B
15
1.5
6
2.8
TAJC156*010
C
15
1.5
6
2.0
TAJB226*010
B
22
2.2
6
2.4
TAJC226*010
C
22
2.2
6
1.8
TAJB336*010
B
33
3.3
6
2.0
TAJC336*010
C
33
3.3
6
1.6
TAJD336*010
D
33
3.3
6
1.1
TAJC476*010
C
47
4.7
6
1.2
TAJD476*010
D
47
4.7
6
0.9
TAJC686*010
C
68
6.8
6
1.3
TAJD686*010
D
68
6.8
6
0.9
TAJC107*010
C
100
10.0
6
1.2
TAJD107*010
D
100
10.0
6
0.9
TAJD157*010
D
150
15.0
8
0.9
TAJE157*010
E
150
15.0
8
0.9
TAJD227*010
D
220
22.0
8
0.9
TAJE227*010
E
220
22.0
8
0.9
TAJD337*010
D
330
33.0
8
0.9
TAJE337*010
E
330
33.0
8
0.9
TAJV337*010
V
330
33.0
8
0.9
TAJE477*010
E
470
47.0
10
0.9
16 volt @ 85°C (10 volt @ 125°C)
TAJA105*016
A
1.0
0.5
4
11.0
TAJA155*016
A
1.5
0.5
6
8.0
TAJA225*016
A
2.2
0.5
6
6.5
TAJB225*016
B
2.2
0.5
6
5.5
TAJA335*016
A
3.3
0.5
6
5.0
TAJB335*016
B
3.3
0.5
6
4.5
TAJA475*016
A
4.7
0.8
6
4.0
TAJB475*016
B
4.7
0.8
6
3.5
TAJA685*016
A
6.8
1.1
6
3.5
TAJB685*016
B
6.8
1.1
6
2.5
TAJC685*016
C
6.8
1.1
6
2.5
TAJB106*016
B
10
1.6
6
2.8
TAJC106*016
C
10
1.6
6
2.0
TAJB156*016
B
15
2.4
6
2.5
TAJC156*016
C
15
2.4
6
1.8
TAJB226*016
B
22
3.5
6
2.3
TAJC226*016
C
22
3.5
6
1.6
TAJD226*016
D
22
3.5
6
1.1
TAJC336*016
C
33
5.3
6
1.5
TAJD336*016
D
33
5.3
6
0.9
TAJC476*016
C
47
7.5
6
1.4
TAJD476*016
D
47
7.5
6
0.9
TAJD686*016
D
68
10.8
6
0.9
TAJD107*016
D
100
16.0
6
0.9
TAJE107*016
E
100
16.0
6
0.9
TAJD157*016
D
150
24.0
6
0.9
TAJV157*016
V
150
24.0
8
0.9
TAJV227*016
V
220
35.2
8
0.9
All technical data relates to an ambient temperature of +25°C measured at
120 Hz, 0.5V RMS unless otherwise stated.
*Insert K for ±10% and M for ±20%.
NOTE: We reserve the right to supply higher specification parts in the same
case size, to the same reliability standards.
For parametric information on development codes, please contact your
local AVX sales office.


Similar Part No. - TAJD107010

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJD107010NJ AVX-TAJD107010NJ Datasheet
140Kb / 8P
   Standard Tantalum
TAJD107010NJ AVX-TAJD107010NJ Datasheet
124Kb / 5P
   Standard Tantalum
TAJD107010NJ AVX-TAJD107010NJ Datasheet
140Kb / 8P
   TAJ Series Standard Tantalum
More results

Similar Description - TAJD107010

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491B106K016ZT KEMET-T491B106K016ZT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum Tantalum Surface Mount Capacitors ??Standard Tantalum
T493D227K006CH612A KEMET-T493D227K006CH612A Datasheet
3Mb / 61P
   Tantalum Surface Mount Capacitors
logo
AVX Corporation
TAJB226M010R AVX-TAJB226M010R Datasheet
902Kb / 51P
   Surface Mount Tantalum Capacitors
logo
Kemet Corporation
T491B106M016AT KEMET-T491B106M016AT Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
AVX Corporation
TAJB335M016R AVX-TAJB335M016R Datasheet
31Kb / 1P
   Surface Mount Tantalum Capacitors
logo
Kemet Corporation
T491X157K020AT KEMET-T491X157K020AT_15 Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
T491D106K020AT KEMET-T491D106K020AT Datasheet
488Kb / 1P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
Vishay Siliconix
293D107X9010D2WE3 VISHAY-293D107X9010D2WE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
438417 VISHAY-438417 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
logo
Kemet Corporation
T496X227M010ATE500 KEMET-T496X227M010ATE500 Datasheet
1Mb / 18P
   Tantalum Surface Mount Capacitors ??Fused
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com