Electronic Components Datasheet Search |
|
LMV824MTNOPB Datasheet(PDF) 1 Page - Texas Instruments |
|
LMV824MTNOPB Datasheet(HTML) 1 Page - Texas Instruments |
1 / 37 page LMV821-N, LMV822-N, LMV822-N-Q1 LMV824-N, LMV824-N-Q1 www.ti.com SNOS032G – AUGUST 1999 – REVISED NOVEMBER 2013 LMV821-N/LMV822-N/LMV822-N-Q1/LMV824/LMV824-N-Q1 Single/Dual/Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps Check for Samples: LMV821-N, LMV822-N, LMV822-N-Q1, LMV824-N, LMV824-N-Q1 1 FEATURES APPLICATIONS 2 • (For Typical, 5 V Supply Values; Unless • Cordless Phones Otherwise Noted) • Cellular Phones • LMV822-Q1 and LMV824-Q1 are available in • Laptops Automotive AEC-Q100 Grade 1 version • PDAs • Ultra Tiny, SC70-5 Package 2.0 x 2.0 x 1.0 mm • PCMCIA • Guaranteed 2.5 V, 2.7 V and 5 V Performance • Maximum VOS 3.5 mV (Guaranteed) DESCRIPTION The LMV821/LMV822/LMV824 bring performance • VOS Temp. Drift 1 uV/° C and economy to low voltage / low power systems. • GBW product @ 2.7 V 5 MHz With a 5 MHz unity-gain frequency and a guaranteed • ISupply @ 2.7 V 220 μA/Amplifier 1.4 V/µs slew rate, the quiescent current is only 220 µA/amplifier (2.7 V). They provide rail-to-rail (R-to-R) • Minimum SR 1.4 V/us (Guaranteed) output swing into heavy loads (600 Ω Guarantees). • CMRR 90 dB The input common-mode voltage range includes • PSRR 85 dB ground, and the maximum input offset voltage is • VCM @ 5V -0.3V to 4.3V 3.5mV (Guaranteed). They are also capable of comfortably driving large capacitive loads (refer to the • Rail-to-Rail (R-to-R) Output Swing application notes section). • @600 Ω Load 160 mV from rail The LMV821 (single) is available in the ultra tiny • @10 k Ω Load 55 mV from rail SC70-5 package, which is about half the size of the • Stable with High Capacitive Loads (Refer to previous title holder, the SOT23-5. Application Section) Overall, the LMV821/LMV822/LMV824 (Single/Dual/Quad) are low voltage, low power, performance op amps, that can be designed into a wide range of applications, at an economical price. Telephone-line Transceiver for a PCMCIA Modem Card 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 2 All trademarks are the property of their respective owners. PRODUCTION DATA information is current as of publication date. Copyright © 1999–2013, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Similar Part No. - LMV824MTNOPB |
|
Similar Description - LMV824MTNOPB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |