Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3122ELT Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A3122ELT
Description  HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3122ELT Datasheet(HTML) 4 Page - Allegro MicroSystems

  A3122ELT Datasheet HTML 1Page - Allegro MicroSystems A3122ELT Datasheet HTML 2Page - Allegro MicroSystems A3122ELT Datasheet HTML 3Page - Allegro MicroSystems A3122ELT Datasheet HTML 4Page - Allegro MicroSystems A3122ELT Datasheet HTML 5Page - Allegro MicroSystems A3122ELT Datasheet HTML 6Page - Allegro MicroSystems A3122ELT Datasheet HTML 7Page - Allegro MicroSystems A3122ELT Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
3121, 3122, AND 3123
HALL-EFFECT SWITCHES
FOR HIGH-TEMPERATURE
OPERATION
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
SENSOR LOCATIONS
(
±0.005" [0.13 mm] die placement)
OPERATION
The output of these devices (pin 3) switches low when the mag-
netic field at the Hall sensor exceeds the operate point threshold (B
OP).
At this point, the output voltage is V
OUT(SAT). When the magnetic field
is reduced to below the release point threshold (B
RP), the device output
goes high. The difference in the magnetic operate and release points is
called the hysteresis (B
hys) of the device. This built-in hysteresis allows
clean switching of the output even in the presence of external mechani-
cal vibration and electrical noise.
APPLICATIONS INFORMATION
Hall effect applications information is available in the “Hall-Effect
IC Applications Guide”, which can be found in the latest issue of
Allegro MicroSystems Data Book AMS-702.
CHANGE IN OPERATE POINT
Suffix “LT”
Suffix “U”
Suffix “UA”
0.043"
1.09 mm
1
3
2
Dwg. MH-008-2C
0.030"
0.76 mm
NOM
ACTIVE AREA DEPTH
0.089"
2.26 mm
A
1
3
2
Dwg. MH-002-2B
0.016"
0.41 mm
NOM
BRANDED
SURFACE
ACTIVE AREA DEPTH
0.070"
1.78 mm
A
0.091"
2.31 mm
1
3
2
Dwg. MH-011-2C
0.019"
0.48 mm
NOM
BRANDED
SURFACE
ACTIVE AREA DEPTH
0.082"
2.07 mm
0.055"
1.38 mm
A
10
15
20
25
SUPPLY VOLTAGE IN VOLTS
0
Dwg. GH-042
5
-5.0
0
5.0
10
15
20
T
= +25°C
A


Similar Part No. - A3122ELT

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3122X ALLEGRO-A3122X Datasheet
717Kb / 9P
   Sensitive Hall Effect Switches for High-Temperature Operation
More results

Similar Description - A3122ELT

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3141 ALLEGRO-A3141 Datasheet
717Kb / 9P
   Sensitive Hall Effect Switches for High-Temperature Operation
3141 ALLEGRO-3141 Datasheet
142Kb / 8P
   SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
3141 ALLEGRO-3141 Datasheet
154Kb / 8P
   SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
logo
Unisonic Technologies
SK1901 UTC-SK1901_15 Datasheet
218Kb / 8P
   HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
logo
Allegro MicroSystems
3185 ALLEGRO-3185 Datasheet
181Kb / 8P
   HALL-EFFECT LATCHES FOR HIGH-TEMPERATURE OPERATION
logo
Unisonic Technologies
SK1901 UTC-SK1901 Datasheet
235Kb / 8P
   HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
SK1901 UTC-SK1901_12 Datasheet
196Kb / 8P
   HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
logo
Allegro MicroSystems
A1225 ALLEGRO-A1225 Datasheet
325Kb / 12P
   Hall Effect Latch for High Temperature Operation
logo
Unisonic Technologies
SK1901 UTC-SK1901_17 Datasheet
222Kb / 8P
   HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
logo
Allegro MicroSystems
A3195X ALLEGRO-A3195X Datasheet
149Kb / 8P
   HALL-EFFECT LATCHES FOR HIGH-TEMPERATURE OPERATION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com