Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPL2010-104MLC Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # XPL2010-104MLC
Description  Power Inductors . XPL2010 Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

XPL2010-104MLC Datasheet(HTML) 2 Page - Coilcraft lnc.

  XPL2010-104MLC Datasheet HTML 1Page - Coilcraft lnc. XPL2010-104MLC Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2012
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check out web site for latest information.
SMT Power Inductors – XPL2010 Series
Document 646-2
Document 646-2 Revised 06/15/12
Typical L vs Current
Typical L vs Frequency
Dimensions are in
inches
mm
0.079 ±0.008
2,0 ±0,2
0.069
1,75
0.075 ±0.008
1,9 ±0,2
0.039
1,00
max
0.057
1,45
0.087
2,2
0.041
1,04
0.014
0,35
0.030
0,75
min
max
max
Recommended
Land Pattern
Typical Irms Derating
-40
-20
020406080
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
0.1
1
100
10
Frequency (MHz)
0.1
1
10
1000
100
0.33 µH
1.0 µH
3.3 µH
33 µH
10 µH
100 µH
220 µH
0.1
1
10
1000
100
0.01
0.1
10
1
Current (A)
0.33 µH
1.0 µH
3.3 µH
33 µH
10 µH
100 µH
220 µH


Similar Part No. - XPL2010-104MLC

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
XPL2010-104ML COILCRAFT-XPL2010-104ML Datasheet
169Kb / 2P
   Power Inductors
XPL2010-104ML COILCRAFT-XPL2010-104ML Datasheet
159Kb / 2P
   Shielded Power Inductors
More results

Similar Description - XPL2010-104MLC

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DC1012 COILCRAFT-DC1012_13 Datasheet
193Kb / 2P
   Power Inductors ??DC1012 Series
RFC1010 COILCRAFT-RFC1010_15 Datasheet
477Kb / 3P
   Power Inductors ??RFC1010 Series
DR0608 COILCRAFT-DR0608_13 Datasheet
240Kb / 2P
   Power Inductors ??DR0608 Series
logo
List of Unclassifed Man...
RCH875 ETC1-RCH875 Datasheet
21Kb / 1P
   RCH Series Power Inductors
logo
Coilcraft lnc.
DR0810 COILCRAFT-DR0810_13 Datasheet
255Kb / 2P
   Power Inductors ??DR0810 Series
RFC0810 COILCRAFT-RFC0810_15 Datasheet
449Kb / 3P
   Power Inductors ??RFC0810 Series
RFC0807 COILCRAFT-RFC0807_15 Datasheet
419Kb / 3P
   Power Inductors ??RFC0807 Series
logo
Bourns Electronic Solut...
SDR6603-221M BOURNS-SDR6603-221M Datasheet
344Kb / 2P
   SDR6603 Series - SMD Power Inductors
SRP1270 BOURNS-SRP1270 Datasheet
288Kb / 3P
   SRP1270 Series - Shielded Power Inductors
logo
Coilcraft lnc.
DO3316P-224MLB COILCRAFT-DO3316P-224MLB Datasheet
210Kb / 2P
   SMT Power Inductors - DO3316P Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com