Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMK00334RTVT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMK00334RTVT
Description  LMK00334 4-Output PCIe/Gen1/Gen2/Gen3 Clock Buffer/Level Translator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK00334RTVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMK00334RTVT Datasheet HTML 4Page - Texas Instruments LMK00334RTVT Datasheet HTML 5Page - Texas Instruments LMK00334RTVT Datasheet HTML 6Page - Texas Instruments LMK00334RTVT Datasheet HTML 7Page - Texas Instruments LMK00334RTVT Datasheet HTML 8Page - Texas Instruments LMK00334RTVT Datasheet HTML 9Page - Texas Instruments LMK00334RTVT Datasheet HTML 10Page - Texas Instruments LMK00334RTVT Datasheet HTML 11Page - Texas Instruments LMK00334RTVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
LMK00334
SNAS635 – DECEMBER 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Unless otherwise specified: Vcc = 3.3 V ± 5%, Vcco = 3.3 V ± 5%, 2.5 V ± 5%, -40 °C
≤ TA ≤ 85 °C, CLKin driven
differentially, input slew rate
≥ 3 V/ns. Typical values represent most likely parametric norms at Vcc = 3.3 V, Vcco = 3.3 V, TA
= 25 °C, and at the Recommended Operation Conditions at the time of product characterization and are not ensured.
(1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
fCLKin0 = 100 MHz
-84
fCLKin0 = 200 MHz
-82
fOFFSET > 50 kHz,
ISOMUX
Mux Isolation, CLKin0 to CLKin1
dBc
PCLKinX = 0 dBm
fCLKin0 = 500 MHz
-71
fCLKin0 = 1000 MHz
-65
Crystal Interface (OSCin, OSCout)
FCLK
External Clock Frequency Range(6)
OSCin driven single-ended, OSCout floating
250
MHz
Fundamental mode crystal ESR
≤ 200 Ω (10
FXTAL
Crystal Frequency Range
10
40
MHz
to 30 MHz) ESR
≤ 125 Ω (30 to 40 MHz)(7)
CIN
OSCin Input Capacitance
1
pF
HCSL Outputs (CLKoutAn/CLKoutAn*, CLKoutBn/CLKoutBn*)
fCLKout
Output Frequency Range(6)
RL = 50 Ω to GND, CL ≤ 5 pF
DC
400
MHz
PCIe Gen 3, PLL BW
Additive RMS Phase Jitter for PCIe
CLKin: 100 MHz,
JitterADD_PCle
= 2–5 MHz, CDR = 10
0.03
0.15
ps
3.0(6)
Slew rate
≥ 0.6 V/ns
MHz
CLKin: 100 MHz,
77
Slew rate
≥ 3 V/ns
Additive RMS Jitter Integration
Vcco = 3.3 V, RT = 50
JitterADD
fs
Bandwidth 1 MHz to 20 MHz(8)
Ω to GND
CLKin: 156.25 MHz,
86
Slew rate
≥ 2.7 V/ns
CLKin: 100 MHz,
-161.3
Slew rate
≥ 3 V/ns
Vcco = 3.3 V, RT = 50
Noise Floor
Noise Floor fOFFSET ≥ 10 MHz
(9) (10)
dBc/Hz
Ω to GND
CLKin: 156.25 MHz,
-156.3
Slew rate
≥ 2.7 V/ns
DUTY
Duty Cycle(6)
50% input clock duty cycle
45
55
%
520
810
920
mV
VOH
Output High Voltage
TA = 25 °C, DC Measurement, RT = 50 Ω to
GND
-150
0.5
150
mV
VOL
Output Low Voltage
250
350
460
mV
VCROSS
Absolute Crossing Voltage(6)(11)
RL = 50 Ω to GND, CL ≤ 5 pF
140
mV
ΔVCROSS
Total Variation of VCROSS
(6) (11)
Output Rise Time 20% to
250 MHz, Uniform transmission line up to 10
tR
300
500
ps
80%(11)(12)
in. with 50-
Ω characteristic impedance, RL =
50
Ω to GND, CL ≤ 5 pF
tF
Output Fall Time 80% to 20%(11)(12)
300
500
ps
(6)
Specification is ensured by characterization and is not tested in production.
(7)
The ESR requirements stated must be met to ensure that the oscillator circuitry has no startup issues. However, lower ESR values for
the crystal may be necessary to stay below the maximum power dissipation (drive level) specification of the crystal. Refer to Crystal
Interface for crystal drive level considerations.
(8)
For the 100 MHz and 156.25 MHz clock input conditions, Additive RMS Jitter (JADD) is calculated using Method #1: JADD = SQRT(JOUT
2
- JSOURCE
2), where J
OUT is the total RMS jitter measured at the output driver and JSOURCE is the RMS jitter of the clock source applied to
CLKin. For the 625 MHz clock input condition, Additive RMS Jitter is approximated using Method #2: JADD = SQRT(2*10
dBc/10) /
(2*
π*fCLK), where dBc is the phase noise power of the Output Noise Floor integrated from 1 to 20 MHz bandwidth. The phase noise
power can be calculated as: dBc = Noise Floor + 10*log10(20 MHz - 1 MHz). The additive RMS jitter was approximated for 625 MHz
using Method #2 because the RMS jitter of the clock source was not sufficiently low enough to allow practical use of Method #1. Refer
to the “Noise Floor vs. CLKin Slew Rate” and “RMS Jitter vs. CLKin Slew Rate” plots in TYPICAL CHARACTERISTICS.
(9)
The noise floor of the output buffer is measured as the far-out phase noise of the buffer. Typically this offset is
≥ 10 MHz, but for lower
frequencies this measurement offset can be as low as 5 MHz due to measurement equipment limitations.
(10) Phase noise floor will degrade as the clock input slew rate is reduced. Compared to a single-ended clock, a differential clock input
(LVPECL, LVDS) will be less susceptible to degradation in noise floor at lower slew rates due to its common mode noise rejection.
However, it is recommended to use the highest possible input slew rate for differential clocks to achieve optimal noise floor performance
at the device outputs.
(11) AC timing parameters for HCSL or CMOS are dependent on output capacitive loading.
(12) Parameter is specified by design, not tested in production.
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LMK00334


Similar Part No. - LMK00334RTVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK00334RTVT TI1-LMK00334RTVT Datasheet
2Mb / 31P
[Old version datasheet]   Four-Output PCIe/Gen1/Gen2/Gen3 Clock Buffer/Level Translator
LMK00334RTVTQ1 TI1-LMK00334RTVTQ1 Datasheet
2Mb / 29P
[Old version datasheet]   Four-Output PCIe/Gen1/Gen2/Gen3/Gen4 Clock Buffer and Level Translator
More results

Similar Description - LMK00334RTVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK00334 TI1-LMK00334_14 Datasheet
2Mb / 31P
[Old version datasheet]   Four-Output PCIe/Gen1/Gen2/Gen3 Clock Buffer/Level Translator
LMK00334-Q1 TI1-LMK00334-Q1 Datasheet
2Mb / 29P
[Old version datasheet]   Four-Output PCIe/Gen1/Gen2/Gen3/Gen4 Clock Buffer and Level Translator
logo
Pericom Semiconductor C...
PI6CEQ20200 PERICOM-PI6CEQ20200 Datasheet
875Kb / 9P
   PCIe Gen2 / Gen3 Buffer
logo
Renesas Technology Corp
ICS9DB423 RENESAS-ICS9DB423 Datasheet
512Kb / 21P
   4-OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1, GEN2, AND QPI
2019
logo
Integrated Device Techn...
ICS9DB102 IDT-ICS9DB102_10 Datasheet
187Kb / 13P
   Two Output Differential Buffer for PCIe Gen1 & Gen2
logo
Renesas Technology Corp
ICS9DB102 RENESAS-ICS9DB102 Datasheet
301Kb / 14P
   Two Output Differential Buffer for PCIe Gen1 & Gen2
2019
ICS9DB803D RENESAS-ICS9DB803D Datasheet
458Kb / 23P
   EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2
2019
ICS9DB823B RENESAS-ICS9DB823B Datasheet
482Kb / 23P
   EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1, GEN2 AND QPI
2019
logo
Skyworks Solutions Inc.
SI53258 SKYWORKS-SI53258 Datasheet
822Kb / 42P
   8/4-Output PCIe Gen1/2/3/4/5 Clock Buffer
Revision A July, 2022
logo
Integrated Device Techn...
ICS9FG1200D-1 IDT-ICS9FG1200D-1 Datasheet
292Kb / 23P
   Frequency Gearing Clock for CPU, PCIe Gen1, Gen2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com