Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3197LLT Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # A3197LLT
Description  PROTECTED, HIGH-TEMPERATURE, OPEN-COLLECTOR HALL-EFFECT LATCH
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3197LLT Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button A3197LLT Datasheet HTML 3Page - Allegro MicroSystems A3197LLT Datasheet HTML 4Page - Allegro MicroSystems A3197LLT Datasheet HTML 5Page - Allegro MicroSystems A3197LLT Datasheet HTML 6Page - Allegro MicroSystems A3197LLT Datasheet HTML 7Page - Allegro MicroSystems A3197LLT Datasheet HTML 8Page - Allegro MicroSystems A3197LLT Datasheet HTML 9Page - Allegro MicroSystems A3197LLT Datasheet HTML 10Page - Allegro MicroSystems A3197LLT Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
3197
PROTECTED, HIGH-TEMP.,
OPEN-COLLECTOR
HALL-EFFECT LATCH
www.allegromicro.com
ISO
Pulse No.
Test
Test Conditions (over operating temperature range)
1
Inductive Turn Off (Negative)
VS = -100 V, RS = 10
Ω, tr = 1 µs, td = 2 ms
2
Inductive Turn Off (Positive)
VS = 100 V, RS = 10
Ω, tr = 1 µs, td = 50 µs
3a
Capacitive/Inductive Coupling (Neg)
VS = -150 V, RS = 50
Ω, tr = 50 ns, td = 100 ns
3b
Capacitive/Inductive Coupling (Pos)
VS = 100 V, RS = 50
Ω, tr = 50 ns, td = 100 ns
4
Reverse Battery
VS = -14 V, td = 20 s
5
Load Dump
(ISO)
VS = 86.5 V, RS = 0.5
Ω, tr = 5 ms, td = 400 ms
(DIN)
VS = 120 V, RS = 0.5
Ω, tr = 100 ns, td = 400 ms
6
Ignition Coil Disconnect
VS = -300 V, RS = 30
Ω, tr = 60 µs, td = 300 µs
EXTERNAL PROTECTION REQ’D
7
Field Decay (Negative)
VS = -80 V, RS = 10
Ω, tr = 5 ms, td = 100 ms
INTERNAL PROTECTIVE FEATURES
Power supply voltage transients, or device output short circuits,
may be caused by faulty connectors, crimped wiring harnesses, or
service errors. To prevent catastrophic failure, internal protection
against overvoltage, reverse voltage, output overloads, and thermal
stress have been incorporated to meet the automotive 12 volt system
protection requirements of ISO DP7637/1 and DIN 40839-1. A series-
blocking diode or current-limiting resistor is required in order to
survive pulse number six.
0
12 V
V
S
t
r
t
d
0.9 V
0.1 V
S
S
Dwg. WH-008


Similar Part No. - A3197LLT

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3197LLT ALLEGRO-A3197LLT Datasheet
181Kb / 8P
   HALL-EFFECT LATCHES FOR HIGH-TEMPERATURE OPERATION
More results

Similar Description - A3197LLT

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3195 ALLEGRO-3195_02 Datasheet
126Kb / 10P
   PROTECTED, HIGH-TEMPERATURE, HALL-EFFECT LATCH WITH ACTIVE PULL-DOWN
3195 ALLEGRO-3195 Datasheet
89Kb / 10P
   PROTECTED, HIGH-TEMPERATURE, HALL-EFFECT LATCH WITH ACTIVE PULL-DOWN
logo
Anachip Corp
AH175 ANACHIP-AH175 Datasheet
162Kb / 6P
   Hall Effect Latch For High Temperature
logo
Diodes Incorporated
AH175 DIODES-AH175 Datasheet
118Kb / 8P
   HALL EFFECT LATCH FOR HIGH TEMPERATURE
AH175 Rev. 4
AH175 DIODES-AH175_10 Datasheet
166Kb / 9P
   HALL EFFECT LATCH FOR HIGH TEMPERATURE
logo
First Components Intern...
FH175 FCI-FH175 Datasheet
298Kb / 6P
   25mA FH175 Bipolar Hall Effect Latch Sensor Open collector pre-driver
logo
Nanjing Ouzhuo Technolo...
OH413 OHHALLSENSOR-OH413 Datasheet
142Kb / 2P
   Hall Effect Latch IC For High Temperature
logo
Allegro MicroSystems
A1225 ALLEGRO-A1225 Datasheet
325Kb / 12P
   Hall Effect Latch for High Temperature Operation
logo
Anachip Corp
AH174 ANACHIP-AH174 Datasheet
179Kb / 6P
   Inverted Output Hall Effect Latch For High Temperature
logo
LANSDALE Semiconductor ...
ML4335 LANSDALE-ML4335 Datasheet
2Mb / 4P
   Quad Latch (Open Collector)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com