Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3195EU Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A3195EU
Description  PROTECTED, HIGH-TEMPERATURE, HALL-EFFECT LATCH WITH ACTIVE PULL-DOWN
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3195EU Datasheet(HTML) 4 Page - Allegro MicroSystems

  A3195EU Datasheet HTML 1Page - Allegro MicroSystems A3195EU Datasheet HTML 2Page - Allegro MicroSystems A3195EU Datasheet HTML 3Page - Allegro MicroSystems A3195EU Datasheet HTML 4Page - Allegro MicroSystems A3195EU Datasheet HTML 5Page - Allegro MicroSystems A3195EU Datasheet HTML 6Page - Allegro MicroSystems A3195EU Datasheet HTML 7Page - Allegro MicroSystems A3195EU Datasheet HTML 8Page - Allegro MicroSystems A3195EU Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
3195
PROTECTED, HIGH-TEMP.,
ACTIVE PULL-DOWN
HALL-EFFECT LATCH
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
TYPICAL OPERATING CHARACTERISTICS
025
50
75
100
AMBIENT TEMPERATURE IN
°C
-50
Dwg. GH-004-1
125
-25
20
0
-20
-40
-60
OUTPUT LOW,
(SINKING CURRENT)
B
≥ B
OP
OUTPUT HIGH,
(SOURCING CURRENT)
B
≤ B
RP
150
CC
V
= 16 V
025
50
75
100
AMBIENT TEMPERATURE IN
°C
-50
Dwg. GH-052-1
125
-25
200
100
0
-100
-200
RELEASE POINT
OPERATE POINT
150
CC
V
= 3.8 V–26 V
9.0
8.0
7.0
6.0
5.0
0
25
5075100
AMBIENT TEMPERATURE IN
°C
-50
Dwg. GH-028-2
125
-25
V
= 26 V
CC
150
V
= 12 V
CC
V
= 3.8 V
CC
OUTPUT HIGH, B
≥ B
OP
OUTPUT LOW, B
≤ B
RP
025
50
75
100
Vcc
0
AMBIENT TEMPERATURE IN
°C
Vcc - 1
0.4
-50
Dwg. GH-040-2
150
-25
125
Vcc - 2
0.2
OUTPUT LOW,
(SINKING CURRENT)
B
≥ B
OP
OUTPUT HIGH,
(SOURCING CURRENT)
B
≤ B
CC
V
= 16 V
I
= 5 mA
OUT
I
≤ 100 µA
OUT
I
= -20 mA
RP
OUT
TYPICAL OPERATING CHARACTERISTICS
Output Current Limit


Similar Part No. - A3195EU

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3195EU ALLEGRO-A3195EU Datasheet
181Kb / 8P
   HALL-EFFECT LATCHES FOR HIGH-TEMPERATURE OPERATION
More results

Similar Description - A3195EU

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3195 ALLEGRO-3195_02 Datasheet
126Kb / 10P
   PROTECTED, HIGH-TEMPERATURE, HALL-EFFECT LATCH WITH ACTIVE PULL-DOWN
3197 ALLEGRO-3197 Datasheet
193Kb / 12P
   PROTECTED, HIGH-TEMPERATURE, OPEN-COLLECTOR HALL-EFFECT LATCH
logo
Anachip Corp
AH173 ANACHIP-AH173 Datasheet
181Kb / 6P
   Internal Pull-up Hall Effect Latch For High Temperature
logo
Diodes Incorporated
AH173 DIODES-AH173 Datasheet
123Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH TEMPERATURE
AH173 Rev. 4
logo
Anachip Corp
AH373 ANACHIP-AH373 Datasheet
188Kb / 6P
   Internal Pull-up Hall Effect Latch
AH172 ANACHIP-AH172 Datasheet
179Kb / 6P
   Internal Pull-up Hall Effect Latch
AH373 ANACHIP-AH373_1 Datasheet
183Kb / 6P
   Internal Pull-up Hall Effect Latch
logo
Diodes Incorporated
AH372 DIODES-AH372 Datasheet
528Kb / 12P
   INTERNAL PULL-UP HALL EFFECT LATCH
AH373 DIODES-AH373 Datasheet
184Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH
logo
Anachip Corp
AH175 ANACHIP-AH175 Datasheet
162Kb / 6P
   Hall Effect Latch For High Temperature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com