Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5116-HT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM5116-HT
Description  WIDE RANGE SYNCHRONOUS BUCK CONTROLLER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5116-HT Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM5116-HT Datasheet HTML 6Page - Texas Instruments LM5116-HT Datasheet HTML 7Page - Texas Instruments LM5116-HT Datasheet HTML 8Page - Texas Instruments LM5116-HT Datasheet HTML 9Page - Texas Instruments LM5116-HT Datasheet HTML 10Page - Texas Instruments LM5116-HT Datasheet HTML 11Page - Texas Instruments LM5116-HT Datasheet HTML 12Page - Texas Instruments LM5116-HT Datasheet HTML 13Page - Texas Instruments LM5116-HT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
4.2
4.3
4.3
4.4
4.4
4.5
4.5
4.6
4.6
-55
-5
45
95
145
195
Temperature (ºC)
Rising (V)
Falling (V)
C010
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
±55
±5
45
95
145
195
Temperature (ºC)
Current (mA)
VCCX = 0V
Current (mA)
VCCX = 5V
C009
7.3
7.3
7.4
7.4
7.5
7.5
7.6
-55
-5
45
95
145
195
Temperature (ºC)
VIN = 80 V
VIN = 48 V
C011
200
202
204
206
208
210
-55
-5
45
95
145
195
Termperature (ºC)
C007
R = 16 k
T
W
100
105
110
115
120
125
130
-55
-5
45
95
145
195
Temperature (ºC)
Vccx = 5 V
Vccx = 6 V
C008
LM5116-HT
SLVSBS8A – OCTOBER 2013 – REVISED OCTOBER 2013
www.ti.com
Typical Performance Characteristics (continued)
Frequency
Current Limit Threshold
vs
vs
Temperature
Temperature
VIN Operating Current
VCC
vs
vs
Temperature
Temperature
VCC UVLO
VCC
vs
vs
Temperature
VIN
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LM5116-HT


Similar Part No. - LM5116-HT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5116-HT TI-LM5116-HT_15 Datasheet
578Kb / 35P
[Old version datasheet]   WIDE RANGE SYNCHRONOUS BUCK CONTROLLER
More results

Similar Description - LM5116-HT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5116 TI1-LM5116_14 Datasheet
1Mb / 37P
[Old version datasheet]   Wide Range Synchronous Buck Controller
logo
National Semiconductor ...
LM25116 NSC-LM25116 Datasheet
609Kb / 26P
   Wide Range Synchronous Buck Controller
logo
Texas Instruments
LM5116 TI-LM5116_15 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Range Synchronous Buck Controller
LM5116-HT TI-LM5116-HT_15 Datasheet
578Kb / 35P
[Old version datasheet]   WIDE RANGE SYNCHRONOUS BUCK CONTROLLER
LM25116 TI1-LM25116_14 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Range Synchronous Buck Controller
logo
Shenzhen Huazhimei Semi...
HM1483C HMSEMI-HM1483C Datasheet
607Kb / 9P
   Wide Range Synchronous Buck Controller
logo
Lowpower Semiconductor ...
LP6496 POWER-LP6496 Datasheet
424Kb / 6P
   Wide Range Synchronous Buck Controller
logo
Texas Instruments
LM25116 TI-LM25116 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Range Synchronous Buck Controller
logo
SHOUDING Shouding Semic...
SDA2717E SHOUDING-SDA2717E Datasheet
801Kb / 10P
   Wide Range Synchronous Buck Controller
logo
Shenzhen Huazhimei Semi...
HM1483B HMSEMI-HM1483B Datasheet
772Kb / 9P
   Wide Range Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com