Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM50BIM3NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # LM50BIM3NOPB
Description  LM50/LM50-Q1 SOT-23 Single-Supply Centigrade Temperature Sensor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM50BIM3NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM50BIM3NOPB Datasheet HTML 3Page - Texas Instruments LM50BIM3NOPB Datasheet HTML 4Page - Texas Instruments LM50BIM3NOPB Datasheet HTML 5Page - Texas Instruments LM50BIM3NOPB Datasheet HTML 6Page - Texas Instruments LM50BIM3NOPB Datasheet HTML 7Page - Texas Instruments LM50BIM3NOPB Datasheet HTML 8Page - Texas Instruments LM50BIM3NOPB Datasheet HTML 9Page - Texas Instruments LM50BIM3NOPB Datasheet HTML 10Page - Texas Instruments LM50BIM3NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
LM50, LM50-Q1
www.ti.com
SNIS118E – JULY 1999 – REVISED SEPTEMBER 2013
*R2
≈ 2k with a typical 1300 ppm/°C drift.
Figure 17. Block Diagram
TYPICAL APPLICATIONS
Figure 18. Centigrade Thermostat/Fan Controller
Figure 19. Temperature To Digital Converter (Serial Output) (+125°C Full Scale)
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM50 LM50-Q1


Similar Part No. - LM50BIM3NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM50BIM3 NSC-LM50BIM3 Datasheet
176Kb / 7P
   SOT-23 Single-Supply Centigrade Temperature Sensor
LM50BIM3 NSC-LM50BIM3 Datasheet
165Kb / 8P
   SOT-23 Single-Supply Centigrade Temperature Sensor
LM50BIM3 NSC-LM50BIM3 Datasheet
603Kb / 9P
   SOT-23 Single-Supply Centigrade Temperature Sensor
logo
Texas Instruments
LM50BIM3 TI-LM50BIM3 Datasheet
829Kb / 15P
[Old version datasheet]   LM50/LM50-Q1 SOT-23 Single-Supply Centigrade Temperature Sensor
LM50BIM3 TI-LM50BIM3 Datasheet
829Kb / 15P
[Old version datasheet]   LM50/LM50-Q1 SOT-23 Single-Supply Centigrade Temperature Sensor
More results

Similar Description - LM50BIM3NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM50CIM3 TI-LM50CIM3 Datasheet
829Kb / 15P
[Old version datasheet]   LM50/LM50-Q1 SOT-23 Single-Supply Centigrade Temperature Sensor
LM50BIM3X TI-LM50BIM3X Datasheet
829Kb / 15P
[Old version datasheet]   LM50/LM50-Q1 SOT-23 Single-Supply Centigrade Temperature Sensor
LM50 TI-LM50_15 Datasheet
830Kb / 15P
[Old version datasheet]   SOT-23 Single-Supply Centigrade Temperature Sensor
logo
National Semiconductor ...
LM50 NSC-LM50_06 Datasheet
603Kb / 9P
   SOT-23 Single-Supply Centigrade Temperature Sensor
LM50B NSC-LM50B Datasheet
165Kb / 8P
   SOT-23 Single-Supply Centigrade Temperature Sensor
LM50 NSC-LM50 Datasheet
176Kb / 7P
   SOT-23 Single-Supply Centigrade Temperature Sensor
logo
Texas Instruments
LM50-Q1 TI1-LM50-Q1_14 Datasheet
854Kb / 16P
[Old version datasheet]   SOT-23 Single-Supply Centigrade Temperature Sensor
LMT90 TI-LMT90_15 Datasheet
907Kb / 18P
[Old version datasheet]   LMT90 SOT-23 Single-Supply Centigrade Temperature Sensor
LMT90 TI-LMT90 Datasheet
910Kb / 14P
[Old version datasheet]   LMT90 SOT-23 Single-Supply Centigrade Temperature Sensor
LMT90DBZR TI-LMT90DBZR Datasheet
886Kb / 14P
[Old version datasheet]   LMT90 SOT-23 Single-Supply Centigrade Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com