Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90UA101TRTVTQ1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DS90UA101TRTVTQ1
Description  DS90UA101-Q1 Multi-Channel Digital Audio Link
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90UA101TRTVTQ1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DS90UA101TRTVTQ1 Datasheet HTML 7Page - Texas Instruments DS90UA101TRTVTQ1 Datasheet HTML 8Page - Texas Instruments DS90UA101TRTVTQ1 Datasheet HTML 9Page - Texas Instruments DS90UA101TRTVTQ1 Datasheet HTML 10Page - Texas Instruments DS90UA101TRTVTQ1 Datasheet HTML 11Page - Texas Instruments DS90UA101TRTVTQ1 Datasheet HTML 12Page - Texas Instruments DS90UA101TRTVTQ1 Datasheet HTML 13Page - Texas Instruments DS90UA101TRTVTQ1 Datasheet HTML 14Page - Texas Instruments DS90UA101TRTVTQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
DS90UA101-Q1
www.ti.com
SNLS441A – JULY 2013 – REVISED SEPTEMBER 2013
BIDIRECTIONAL CONTROL BUS TIMING SPECIFICATIONS
Bidirectional Control Bus: AC Timing Specifications (SCL, SDA) - I
2C Compliant
Over recommended supply and temperature ranges unless otherwise specified. (Figure 4)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Recommended Input Timing Requirements
Standard Mode
100
kHz
fSCL
SCL Clock Frequency
Fast Mode
400
kHz
Standard Mode
4.7
µs
tLOW
SCL Low Period
Fast Mode
1.3
µs
Standard Mode
4.0
µs
tHIGH
SCL High Period
Fast Mode
0.6
µs
Standard Mode
4.0
µs
Hold time for a start or a repeated start
tHD:STA
condition
Fast Mode
0.6
µs
Standard Mode
4.7
µs
Set Up time for a start or a repeated
tSU:STA
start condition
Fast Mode
0.6
µs
Standard Mode
0
3.45
µs
tHD:DAT
Data Hold Time
Fast Mode
0
900
ns
Standard Mode
250
ns
tSU:DAT
Data Set Up Time
Fast Mode
100
ns
Standard Mode
4.0
µs
tSU:STO
Set Up Time for STOP Condition
Fast Mode
0.6
µs
Standard Mode
4.7
µs
tBUF
Bus Free time between Stop and Start
Fast Mode
1.3
µs
Standard Mode
1000
ns
tr
SCL & SDA Rise Time
Fast Mode
300
ns
Standard Mode
300
ns
tf
SCL & SDA Fall Time
Fast Mode
300
ns
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DS90UA101-Q1


Similar Part No. - DS90UA101TRTVTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UA101-Q1 TI1-DS90UA101-Q1 Datasheet
571Kb / 41P
[Old version datasheet]   Multi-Channel Digital Audio Link
DS90UA101-Q1 TI1-DS90UA101-Q1_14 Datasheet
571Kb / 41P
[Old version datasheet]   Multi-Channel Digital Audio Link
More results

Similar Description - DS90UA101TRTVTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UA102-Q1 TI1-DS90UA102-Q1 Datasheet
1Mb / 46P
[Old version datasheet]   DS90UA102-Q1 Multi-Channel Digital Audio Link
DS90UA102-Q1 TI1-DS90UA102-Q1_14 Datasheet
1Mb / 47P
[Old version datasheet]   Multi-Channel Digital Audio Link
DS90UA101-Q1 TI1-DS90UA101-Q1_14 Datasheet
571Kb / 41P
[Old version datasheet]   Multi-Channel Digital Audio Link
logo
Cirrus Logic
CS4923 CIRRUS-CS4923 Datasheet
678Kb / 56P
   Multi-Channel Digital Audio Decoders
logo
NXP Semiconductors
SAA2505H PHILIPS-SAA2505H Datasheet
177Kb / 28P
   Digital multi-channel audio IC DUET
1998 Mar 10
logo
STMicroelectronics
STA309A STMICROELECTRONICS-STA309A_07 Datasheet
663Kb / 67P
   Multi-channel digital audio processor with DDX
STA309A13TR STMICROELECTRONICS-STA309A13TR Datasheet
598Kb / 67P
   Multi-channel digital audio processor with DDX
logo
YAMAHA CORPORATION
YSS944 YAMAHA-YSS944 Datasheet
906Kb / 34P
   ADAMB Advanced Digital Audio Multi channel decode processor
logo
STMicroelectronics
STA309A STMICROELECTRONICS-STA309A_V01 Datasheet
639Kb / 71P
   Multi-channel digital audio processor with DDX®
Rev 6 April 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com