Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KX15-200K8B Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # KX15-200K8B
Description  KX14/15 SERIES CONNECTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

KX15-200K8B Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  KX15-200K8B Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. KX15-200K8B Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. KX15-200K8B Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. KX15-200K8B Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. KX15-200K8B Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Dimensions in mm (inches).
GENERAL SPECIFICATIONS
Number of Contacts
20, 30, 40, 50, 60, 70, 80, 100, 120,
140, 160, 200 (See Note 1)
Contact Spacing
0.8mm (.031")
Current Rating
0.5 Amps
Dielectric Withstanding Voltage
500 VAC r.m.s. (for one minute)
Insulation Resistance
100 megohms min.
Contact Resistance
70 milliohms max.
Operating Temperature
-40
°C to +85°C
MATERIALS AND FINISHES
Description
Materials/Finishes
Insulator
KX14
Glass-filled LCP/Black
KX15 Straight
Glass-filled PPS/Black
KX15 Right Angle
Glass-filled LCP/Black
Contact
Copper Alloy
Connecting Area: 0.1
µm (.000004") min.
Gold Plating Over Nickel
Terminal Area:Gold flash over Nickel or
Tin-lead over Nickel
Hold Down
Copper Alloy/Tin-lead over Nickel
Hook Pin
Copper Alloy/Tin plating
Hexagon Nut
Brass/Nickel plating
KX14/15 SERIES CONNECTORS
0.8mm (.031") Contact Spacing, PCB-to-PCB SMT Connectors
The KX14/15 Series connectors are low profile, SMT type
connectors for PCB-to-PCB applications. Contact spacing is
0.8mm (.031"). The receptacle (KX14) and plug (KX15) combination
offer variable stacking heights of 4 to 18mm (.157 to .709").
These connectors are ideal for use in the personal computer
industry where space, weight and high density are critical factors.
Note 1: Please consult JAE for availability.
• • • • • • • • • • • • • •
Dimensions and specifications subject to change without notice.
FEATURES
• 0.8mm (.031") contact spacing
• Straight receptacle (KX14) and right
angle/straight plug (KX15) for paralleled
and vertical PCB connections
• 4 to 18mm (.157 to .709") stacking heights
• Polarization key prevents mismating
• Resistant to vibration and twisting
• Available in embossed tape for automatic
mounting
Connector Profile (Ref.)
Hold-down type (Right-angle side)
Screw type (Right-angle side)


Similar Part No. - KX15-200K8B

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
KX10M15A PETERMANN-KX10M15A Datasheet
200Kb / 3P
   HIGH RELIABILITY FOR LOW COST NARROW BANDWITH
KX10M15A1 PETERMANN-KX10M15A1 Datasheet
200Kb / 3P
   HIGH RELIABILITY FOR LOW COST NARROW BANDWITH
KX10M15A2 PETERMANN-KX10M15A2 Datasheet
200Kb / 3P
   HIGH RELIABILITY FOR LOW COST NARROW BANDWITH
KX10M15B PETERMANN-KX10M15B Datasheet
200Kb / 3P
   HIGH RELIABILITY FOR LOW COST NARROW BANDWITH
KX10M15B1 PETERMANN-KX10M15B1 Datasheet
200Kb / 3P
   HIGH RELIABILITY FOR LOW COST NARROW BANDWITH
More results

Similar Description - KX15-200K8B

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
SJ038089 JAE-SJ038089 Datasheet
173Kb / 1P
   COPLANARITY 0.1mm MAX STACKIG HEIGHT HEIGHT OF KX15 OF KX14
logo
PHOENIX CONTACT
3212646 PHOENIX-3212646 Datasheet
86Kb / 9P
   Connectors - PP-H 1,5/S/15
logo
Phihong USA Inc.
PSA15A-050P PHIHONG-PSA15A-050P Datasheet
129Kb / 2P
   15 WATT SERIES
logo
Hirose Electric
3210S-15SA41 HIROSE-3210S-15SA41 Datasheet
872Kb / 8P
   15-Pin Connectors for I/O Card Interfaces
logo
TRACO Electronic AG
TRI15 TRACOPOWER-TRI15 Datasheet
940Kb / 4P
   DC/DC Converter TRI 15 Series, 15 Watt
Rev. March 17, 2023
TON15 TRACOPOWER-TON15 Datasheet
220Kb / 3P
   DC/DC Converters TON 15 Series, 15 Watt
Rev. March 9, 2022
THN15 TRACOPOWER-THN15 Datasheet
919Kb / 5P
   DC/DC Converter THN 15 Series, 15 Watt
Rev. November 30, 2022
TEL15 TRACOPOWER-TEL15 Datasheet
240Kb / 3P
   DC/DC Converters TEL 15 Series, 15 Watt
Rev. March 17, 2023
TEN15 TRACOPOWER-TEN15 Datasheet
395Kb / 4P
   DC/DC Converters TEN 15 Series, 15 Watt
Rev. May 7, 2021
logo
Power-One
LES008YD POWER-ONE-LES008YD Datasheet
181Kb / 3P
   LES SERIES - 15 WATT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com