Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3195ELT Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A3195ELT
Description  PROTECTED, HIGH-TEMPERATURE, HALL-EFFECT LATCH WITH ACTIVE PULL-DOWN
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3195ELT Datasheet(HTML) 5 Page - Allegro MicroSystems

  A3195ELT Datasheet HTML 1Page - Allegro MicroSystems A3195ELT Datasheet HTML 2Page - Allegro MicroSystems A3195ELT Datasheet HTML 3Page - Allegro MicroSystems A3195ELT Datasheet HTML 4Page - Allegro MicroSystems A3195ELT Datasheet HTML 5Page - Allegro MicroSystems A3195ELT Datasheet HTML 6Page - Allegro MicroSystems A3195ELT Datasheet HTML 7Page - Allegro MicroSystems A3195ELT Datasheet HTML 8Page - Allegro MicroSystems A3195ELT Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
3195
PROTECTED, HIGH-TEMP.,
ACTIVE PULL-DOWN
HALL-EFFECT LATCH
OPERATION
In operation, the output transistor is OFF
until the strength of the magnetic field
perpendicular to the surface of the chip
exceeds the threshold or operate point (BOP).
When the field strength exceeds BOP, the
output transistor switches ON (a logic low)
and is capable of sinking 35 mA of current.
The output transistor switches OFF (a
logic high) when magnetic field reversal
results in a magnetic flux density below the
OFF threshold (BRP). This is illustrated in the
transfer characteristics graph. Note that the
device latches; that is, a south pole of
sufficient strength will turn the device ON.
Removal of the south pole will leave the
device ON. The presence of a north pole of
sufficient strength is required to turn the
device OFF.
The switch points increase in sensitivity
with increasing temperature to compensate
for the typical ferrite magnet temperature
characteristic. The simplest form of magnet
that will operate these devices is a ring
magnet. Other methods of operation are
possible.
TEST CIRCUIT AND
TYPICAL APPLICATION
An external 0.1
µF to 0.47 µF capacitor, with good high-frequency
characteristics, should be connected between terminals 1 and 2 to
bypass high-voltage noise and reduce EMI susceptibility.
Internal Pull-Down Resistor. An internal pull-down resistor
(nominal 15 k
Ω) is provided to allow testing of the device without the
need for an external load.
3.8 V TO 26 V
WITH TRANSIENTS
VCC
Dwg. EH-007
L
R
TO
µP
L
C
3
X
BYPASS
C
2
1
025
50
75
100
20
10
AMBIENT TEMPERATURE IN
°C
18
14
-50
Dwg. GH-060
150
-25
125
16
12


Similar Part No. - A3195ELT

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3195ELT ALLEGRO-A3195ELT Datasheet
181Kb / 8P
   HALL-EFFECT LATCHES FOR HIGH-TEMPERATURE OPERATION
More results

Similar Description - A3195ELT

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3195 ALLEGRO-3195_02 Datasheet
126Kb / 10P
   PROTECTED, HIGH-TEMPERATURE, HALL-EFFECT LATCH WITH ACTIVE PULL-DOWN
3197 ALLEGRO-3197 Datasheet
193Kb / 12P
   PROTECTED, HIGH-TEMPERATURE, OPEN-COLLECTOR HALL-EFFECT LATCH
logo
Anachip Corp
AH173 ANACHIP-AH173 Datasheet
181Kb / 6P
   Internal Pull-up Hall Effect Latch For High Temperature
logo
Diodes Incorporated
AH173 DIODES-AH173 Datasheet
123Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH TEMPERATURE
AH173 Rev. 4
logo
Anachip Corp
AH373 ANACHIP-AH373 Datasheet
188Kb / 6P
   Internal Pull-up Hall Effect Latch
AH172 ANACHIP-AH172 Datasheet
179Kb / 6P
   Internal Pull-up Hall Effect Latch
AH373 ANACHIP-AH373_1 Datasheet
183Kb / 6P
   Internal Pull-up Hall Effect Latch
logo
Diodes Incorporated
AH372 DIODES-AH372 Datasheet
528Kb / 12P
   INTERNAL PULL-UP HALL EFFECT LATCH
AH373 DIODES-AH373 Datasheet
184Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH
logo
Anachip Corp
AH175 ANACHIP-AH175 Datasheet
162Kb / 6P
   Hall Effect Latch For High Temperature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com