Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3197 Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # 3197
Description  PROTECTED, HIGH-TEMPERATURE, OPEN-COLLECTOR HALL-EFFECT LATCH
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3197 Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button 3197 Datasheet HTML 4Page - Allegro MicroSystems 3197 Datasheet HTML 5Page - Allegro MicroSystems 3197 Datasheet HTML 6Page - Allegro MicroSystems 3197 Datasheet HTML 7Page - Allegro MicroSystems 3197 Datasheet HTML 8Page - Allegro MicroSystems 3197 Datasheet HTML 9Page - Allegro MicroSystems 3197 Datasheet HTML 10Page - Allegro MicroSystems 3197 Datasheet HTML 11Page - Allegro MicroSystems 3197 Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
3197
PROTECTED, HIGH-TEMP.,
OPEN-COLLECTOR
HALL-EFFECT LATCH
www.allegromicro.com
A3197EU and A3197LU
Dimensions in Inches
Dimensions in Millimeters
(controlling dimensions)
(for reference only)
NOTES: 1. Tolerances on package height and width represent allowable mold offsets.
Dimensions given are measured at the widest point (parting line).
2. Exact body and lead configuration at vendor’s option within limits shown.
3. Height does not include mold gate flash.
4. Recommended minimum PWB hole diameter to clear transition area is 0.035" (0.89 mm).
5. Where no tolerance is specified, dimension is nominal.
Dwg. MH-003E in
0.063
0.059
0.018
0.0173
0.0138
0.0189
0.0142
0.050
1
2
3
0.100
45
°
SEE NOTE
0.183
0.178
0.181
0.176
0.600
0.560
0.086
MAX
Dwg. MH-003E mm
1.60
1.50
0.46
0.44
0.35
0.48
0.36
1.27
1
2
3
2.54
45
°
SEE NOTE
4.65
4.52
4.60
4.47
15.24
14.23
2.18
MAX


Similar Part No. - 3197

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
3197 ASM-SENSOR-3197 Datasheet
5Mb / 6P
   POWER QUALITY ANALYZER
logo
Allegro MicroSystems
3197 ALLEGRO-3197 Datasheet
154Kb / 8P
   SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
logo
List of Unclassifed Man...
3197 ETC2-3197 Datasheet
68Kb / 1P
   WASHERS
logo
KR Electronics, Inc.
3197-1 KR-3197-1 Datasheet
61Kb / 3P
   364.5 MHz Bandpass Filter
3197-2 KR-3197-2 Datasheet
58Kb / 3P
   364.5 MHz Bandpass Filter
More results

Similar Description - 3197

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3195 ALLEGRO-3195_02 Datasheet
126Kb / 10P
   PROTECTED, HIGH-TEMPERATURE, HALL-EFFECT LATCH WITH ACTIVE PULL-DOWN
3195 ALLEGRO-3195 Datasheet
89Kb / 10P
   PROTECTED, HIGH-TEMPERATURE, HALL-EFFECT LATCH WITH ACTIVE PULL-DOWN
logo
Anachip Corp
AH175 ANACHIP-AH175 Datasheet
162Kb / 6P
   Hall Effect Latch For High Temperature
logo
Diodes Incorporated
AH175 DIODES-AH175 Datasheet
118Kb / 8P
   HALL EFFECT LATCH FOR HIGH TEMPERATURE
AH175 Rev. 4
AH175 DIODES-AH175_10 Datasheet
166Kb / 9P
   HALL EFFECT LATCH FOR HIGH TEMPERATURE
logo
First Components Intern...
FH175 FCI-FH175 Datasheet
298Kb / 6P
   25mA FH175 Bipolar Hall Effect Latch Sensor Open collector pre-driver
logo
Nanjing Ouzhuo Technolo...
OH413 OHHALLSENSOR-OH413 Datasheet
142Kb / 2P
   Hall Effect Latch IC For High Temperature
logo
Allegro MicroSystems
A1225 ALLEGRO-A1225 Datasheet
325Kb / 12P
   Hall Effect Latch for High Temperature Operation
logo
Anachip Corp
AH174 ANACHIP-AH174 Datasheet
179Kb / 6P
   Inverted Output Hall Effect Latch For High Temperature
logo
LANSDALE Semiconductor ...
ML4335 LANSDALE-ML4335 Datasheet
2Mb / 4P
   Quad Latch (Open Collector)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com