Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90UA102-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DS90UA102-Q1
Description  DS90UA102-Q1 Multi-Channel Digital Audio Link
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90UA102-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DS90UA102-Q1 Datasheet HTML 4Page - Texas Instruments DS90UA102-Q1 Datasheet HTML 5Page - Texas Instruments DS90UA102-Q1 Datasheet HTML 6Page - Texas Instruments DS90UA102-Q1 Datasheet HTML 7Page - Texas Instruments DS90UA102-Q1 Datasheet HTML 8Page - Texas Instruments DS90UA102-Q1 Datasheet HTML 9Page - Texas Instruments DS90UA102-Q1 Datasheet HTML 10Page - Texas Instruments DS90UA102-Q1 Datasheet HTML 11Page - Texas Instruments DS90UA102-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
DS90UA102-Q1
SNLS442A – JULY 2013 – REVISED SEPTEMBER 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
Over recommended operating supply and temperature ranges unless otherwise specified.
(1) (2) (3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
LVCMOS DC SPECIFICATIONS 3.3V I/O (DES OUTPUTS, GPIO, GPO, CONTROL INPUTS AND OUTPUTS)
VIH
High Level Input
VIN = 3.0V to 3.6V
2.0
VIN
V
Voltage
VIL
Low Level Input
VIN = 3.0V to 3.6V
GND
0.8
V
Voltage
IIN
Input Current
VIN = 0V or 3.6V
-20
±1
+20
µA
VIN = 3.0V to 3.6V
VOH
High Level Output
VDDIO = 3.0V to 3.6V
2.4
VDDIO
V
Voltage
IOH = −4 mA
VOL
Low Level Output
VDDIO = 3.0V to 3.6V
GND
0.4
V
Voltage
IOL = +4 mA
IOS
Output Short Circuit
VOUT = 0V
Deserializer
–35
mA
Current
LVCMOS Outputs
TRI-STATE Output
PDB = 0V,
IOZ
LVCMOS Outputs
-20
+20
µA
Current
VOUT = 0V or VDD
LVCMOS DC SPECIFICATIONS 1.8V I/O (DES OUTPUTS, GPIO, GPO, CONTROL INPUTS AND OUTPUTS)
VIH
High Level Input
VIN = 1.71V to 1.89V
0.65 VIN
VIN
Voltage
V
VIL
Low Level Input
VIN = 1.71V to 1.89V
GND
0.35 VIN
Voltage
IIN
Input Current
VIN = 0V or 1.89V
-20
±1
+20
µA
VIN = 1.71V to 1.89V
VOH
High Level Output
VDDIO = 1.71V to 1.89V
VDDIO -
VDDIO
V
Voltage
IOH = −4 mA
0.45
VOL
Low Level Output
VDDIO = 1.71V to 1.89V Deserializer
GND
0.45
V
Voltage
IOL = +4 mA
LVCMOS Outputs
IOS
Output Short Circuit
VOUT = 0V
Deserializer
-17
mA
Current
LVCMOS Outputs
IOZ
TRI-STATE Output
PDB = 0V,
LVCMOS Outputs
-20
+20
µA
Current
VOUT = 0V or VDD
CML RECEIVER DC SPECIFICATIONS (RIN+,RIN-)
Input Current
VIN = VDD or 0V,
IIN
-20
1
+20
µA
VDD = 1.89V
RT
Differential Internal
Differential across RIN+ and RIN-
80
100
120
Termination Resistance
Single-ended
RIN+ or RIN–
40
50
60
Termination Resistance
CML RECEIVER AC SPECIFICATIONS (RIN+,RIN–)
Minimum allowable
Line Rate = 1.4 Gbps (Figure 5)
|Vswing|
swing for 1010 pattern
135
mV
(4)
CML MONITOR OUTPUT DRIVER SPECIFICATIONS (CMLOUTP, CMLOUTN)
Differential Output Eye
RL = 100Ω
Ew
0.45
UI
Opening
Jitter Frequency>ƒ/40 (Figure 10)
EH
Differential Output Eye
200
mV
Height
(1)
The Electrical Characteristics tables list verified specifications under the listed Recommended Operating Conditions except as otherwise
modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and are not
verified.
(2)
Current into device pins is defined as positive. Current out of a device pin is defined as negative. Voltages are referenced to ground
except VOD, ΔVOD, VTH and VTL which are differential voltages.
(3)
Typical values represent most likely parametric norms at 1.8V or 3.3V, TA = +25°C, and at the Recommended Operation Conditions at
the time of product characterization and are not verified .
(4)
Specification is verified by characterization and is not tested in production.
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: DS90UA102-Q1


Similar Part No. - DS90UA102-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UA102-Q1 TI1-DS90UA102-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   Multi-Channel Digital Audio Link
DS90UA102-Q1 TI1-DS90UA102-Q1_14 Datasheet
1Mb / 47P
[Old version datasheet]   Multi-Channel Digital Audio Link
More results

Similar Description - DS90UA102-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UA101-Q1 TI1-DS90UA101-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   DS90UA101-Q1 Multi-Channel Digital Audio Link
DS90UA102-Q1 TI1-DS90UA102-Q1_14 Datasheet
1Mb / 47P
[Old version datasheet]   Multi-Channel Digital Audio Link
DS90UA101-Q1 TI1-DS90UA101-Q1_14 Datasheet
571Kb / 41P
[Old version datasheet]   Multi-Channel Digital Audio Link
logo
Cirrus Logic
CS4923 CIRRUS-CS4923 Datasheet
678Kb / 56P
   Multi-Channel Digital Audio Decoders
logo
NXP Semiconductors
SAA2505H PHILIPS-SAA2505H Datasheet
177Kb / 28P
   Digital multi-channel audio IC DUET
1998 Mar 10
logo
STMicroelectronics
STA309A STMICROELECTRONICS-STA309A_07 Datasheet
663Kb / 67P
   Multi-channel digital audio processor with DDX
STA309A13TR STMICROELECTRONICS-STA309A13TR Datasheet
598Kb / 67P
   Multi-channel digital audio processor with DDX
logo
YAMAHA CORPORATION
YSS944 YAMAHA-YSS944 Datasheet
906Kb / 34P
   ADAMB Advanced Digital Audio Multi channel decode processor
logo
STMicroelectronics
STA309A STMICROELECTRONICS-STA309A_V01 Datasheet
639Kb / 71P
   Multi-channel digital audio processor with DDX®
Rev 6 April 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com