Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8860PW Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8860PW
Description  8 Channel Serial Interface Low-Side Driver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8860PW Datasheet(HTML) 3 Page - Texas Instruments

  DRV8860PW Datasheet HTML 1Page - Texas Instruments DRV8860PW Datasheet HTML 2Page - Texas Instruments DRV8860PW Datasheet HTML 3Page - Texas Instruments DRV8860PW Datasheet HTML 4Page - Texas Instruments DRV8860PW Datasheet HTML 5Page - Texas Instruments DRV8860PW Datasheet HTML 6Page - Texas Instruments DRV8860PW Datasheet HTML 7Page - Texas Instruments DRV8860PW Datasheet HTML 8Page - Texas Instruments DRV8860PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VM
DIN
CLK
LATCH
GND
DOUT
ENABLE
nFAULT
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
OUT8
DRV8860
www.ti.com
SLRS065A – SEPTEMBER 2013 – REVISED NOVEMBER 2013
PW (TSSOP) PACKAGE
(TOP VIEW)
Pin Functions
NAME
PIN
I/O(1)
DESCRIPTION
EXTERNAL COMPONENTS OR CONNECTIONS
POWER AND GROUND
GND
5
Device ground
All pins must be connected to ground
Connect to motor supply voltage. Bypass to GND with a 0.1
μF ceramic capacitor
VM
1
Motor power supply
plus a 10
μF electrolytic capacitor.
CONTROL AND SERIAL INTERFACE
Output stage enable
Logic high to enable outputs, logic low to disable outputs. Internal logic and
ENABLE
8
I
control input
registers can be read and written to when ENABLE is logic low. Internal pulldown.
LATCH
4
I
Serial latch signal
Refer to serial communication waveforms. Internal pulldown.
Rising edge clocks data into part for write operations. Falling edge clocks data out
CLK
3
I
Serial clock input
of part for read operations. Internal pulldown.
DIN
2
I
Serial data input
Serial data input from controller. Internal pulldown.
DOUT
6
O
Serial data output
Serial data output to controller. Open-drain output with internal pullup.
STATUS
Logic low when in fault condition. Open-drain output requires external pullup.
nFAULT
7
OD
Fault
Faults: OCP, OL, OTS, UVLO
OUTPUT
OUT1
16
O
Low-side output 1
NFET output driver. Connect external load between this pin and VM
OUT2
15
O
Low-side output 2
NFET output driver. Connect external load between this pin and VM
OUT3
14
O
Low-side output 3
NFET output driver. Connect external load between this pin and VM
OUT4
13
O
Low-side output 4
NFET output driver. Connect external load between this pin and VM
OUT5
12
O
Low-side output 5
NFET output driver. Connect external load between this pin and VM
OUT6
11
O
Low-side output 6
NFET output driver. Connect external load between this pin and VM
OUT7
10
O
Low-side output 7
NFET output driver. Connect external load between this pin and VM
OUT8
9
O
Low-side output 8
NFET output driver. Connect external load between this pin and VM
(1)
Directions: I = input, O = output, OZ = tri-state output, OD = open-drain output, IO = input/output
Critical Components
PIN
NAME
COMPONENT
10µF electrolytic rated for VM voltage to GND,
1
VM
0.1µF ceramic rated for VM voltage to GND
7
nFAULT
Requires external pullup to logic supply
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DRV8860


Similar Part No. - DRV8860PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8860PW TI1-DRV8860PW Datasheet
1Mb / 31P
[Old version datasheet]   8 Channel Serial Interface Low-Side Driver
DRV8860PW TI1-DRV8860PW Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel Serial Interface Low-Side Driver
DRV8860PWPR TI1-DRV8860PWPR Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel Serial Interface Low-Side Driver
DRV8860PWR TI1-DRV8860PWR Datasheet
1Mb / 31P
[Old version datasheet]   8 Channel Serial Interface Low-Side Driver
DRV8860PWR TI1-DRV8860PWR Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel Serial Interface Low-Side Driver
More results

Similar Description - DRV8860PW

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E910.01 ELMOS-E910.01 Datasheet
122Kb / 1P
   Low side driver (8 channel, serial interface)
logo
Texas Instruments
DRV8860 TI1-DRV8860 Datasheet
1Mb / 31P
[Old version datasheet]   8 Channel Serial Interface Low-Side Driver
DRV8860 TI1-DRV8860_16 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel Serial Interface Low-Side Driver
DRV8860 TI-DRV8860_15 Datasheet
1Mb / 40P
[Old version datasheet]   DRV8860x 38-V 8-Channel Serial Interface Low-Side Driver
TPIC2603 TI-TPIC2603 Datasheet
243Kb / 17P
[Old version datasheet]   6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
TPIC2603DWG4 TI-TPIC2603DWG4 Datasheet
577Kb / 19P
[Old version datasheet]   6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
logo
ELMOS Semiconductor AG
E910.32 ELMOS-E910.32 Datasheet
133Kb / 1P
   Low side driver (8 channel, parallel interface)
logo
Monolithic Power System...
MP6606 MPS-MP6606 Datasheet
565Kb / 16P
   60V, 8-Channel Low-Side Driver with Serial Interface and Fault Indication
Rev. 1.0 3/11/2022
logo
Texas Instruments
DRV8804 TI1-DRV8804 Datasheet
581Kb / 15P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
NOVEMBER2011
DRV8804 TI1-DRV8804_16 Datasheet
1Mb / 27P
[Old version datasheet]   Quad Serial Interface Low-Side Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com