Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8812PWPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8812PWPR
Description  DUAL-BRIDGE MOTOR CONTROLLER IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8812PWPR Datasheet(HTML) 1 Page - Texas Instruments

  DRV8812PWPR Datasheet HTML 1Page - Texas Instruments DRV8812PWPR Datasheet HTML 2Page - Texas Instruments DRV8812PWPR Datasheet HTML 3Page - Texas Instruments DRV8812PWPR Datasheet HTML 4Page - Texas Instruments DRV8812PWPR Datasheet HTML 5Page - Texas Instruments DRV8812PWPR Datasheet HTML 6Page - Texas Instruments DRV8812PWPR Datasheet HTML 7Page - Texas Instruments DRV8812PWPR Datasheet HTML 8Page - Texas Instruments DRV8812PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
DRV8812
www.ti.com
SLVS997F – OCTOBER 2009 – REVISED AUGUST 2013
DUAL-BRIDGE MOTOR CONTROLLER IC
Check for Samples: DRV8812
1
FEATURES
APPLICATIONS
2
Dual-H-Bridge Current-Control Motor Driver
Automatic Teller Machines
Capable of Driving a Bipolar Stepper or
Money Handling Machines
Two DC Motors
Video Security Cameras
Two-Bit Winding Current Control Allows Up
Printers
to Four Current Levels
Scanners
Low MOSFET On-Resistance
Office Automation Machines
1.6-A Maximum Drive Current at 24 V, 25°C
Gaming Machines
Built-In 3.3-V Reference Output
Factory Automation
Industry-Standard Parallel Digital Control
Robotics
Interface
8-V to 45-V Operating Supply Voltage Range
Thermally Enhanced HTSSOP and QFN
Surface Mount Packages
DESCRIPTION
The DRV8812 provides an integrated motor driver solution for printers, scanners, and other automated
equipment applications. The device has two H-bridge drivers, and can drive a bipolar stepper motor or two DC
motors. The output driver block for each consists of N-channel power MOSFET’s configured as full H-bridges to
drive the motor windings. The DRV8812 is capable of driving up to 1.6-A of output current (with proper
heatsinking, at 24 V and 25°C).
A simple parallel digital control interface is compatible with industry-standard devices. Decay mode is
programmable.
Internal shutdown functions are provided for over current protection, short circuit protection, under voltage
lockout and overtemperature.
The DRV8812 is available in a 28-pin HTSSOP package with PowerPAD™ and in a 28-pin QFN package
PowerPAD™ (Eco-friendly: RoHS & no Sb/Br).
ORDERING INFORMATION(1)
ORDERABLE PART
TOP-SIDE
TA
PACKAGE(2)
NUMBER
MARKING
PowerPAD™ (HTSSOP) - PWP
Reel of 2000
DRV8812PWPR
–40°C to 85°C
DRV8812
PowerPAD™ (QFN) - RHD
Reel of 3000
DRV8812RHDR
(1)
For the most current packaging and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DRV8812PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8812PWPR TI1-DRV8812PWPR Datasheet
810Kb / 18P
[Old version datasheet]   DRV8812PWPR
DRV8812PWPR TI1-DRV8812PWPR Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-BRIDGE MOTOR CONTROLLER IC
DRV8812PWPR TI1-DRV8812PWPR Datasheet
1Mb / 23P
[Old version datasheet]   DUAL-BRIDGE MOTOR CONTROLLER IC
More results

Similar Description - DRV8812PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8812 TI-DRV8812_15 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-BRIDGE MOTOR CONTROLLER IC
DRV8812 TI1-DRV8812_14 Datasheet
1Mb / 23P
[Old version datasheet]   DUAL-BRIDGE MOTOR CONTROLLER IC
DRV8812 TI1-DRV8812 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-BRIDGE MOTOR CONTROLLER IC
DRV8813 TI1-DRV8813 Datasheet
838Kb / 18P
[Old version datasheet]   DUAL-BRIDGE MOTOR CONTROLLER IC
DRV8813 TI-DRV8813_15 Datasheet
1Mb / 27P
[Old version datasheet]   DRV8813 Dual-Bridge Motor Controller IC
DRV8828 TI-DRV8828_15 Datasheet
900Kb / 21P
[Old version datasheet]   H-BRIDGE MOTOR CONTROLLER IC
DRV8828 TI1-DRV8828 Datasheet
710Kb / 17P
[Old version datasheet]   H-BRIDGE MOTOR CONTROLLER IC
logo
HuaXinAn Electronics CO...
AP1016AEN HUAXINAN-AP1016AEN Datasheet
547Kb / 16P
   Dual H-Bridge Motor Driver IC
AP1014AEC HUAXINAN-AP1014AEC Datasheet
456Kb / 13P
   Dual H-Bridge Motor Driver IC
logo
STMicroelectronics
L9903 STMICROELECTRONICS-L9903 Datasheet
271Kb / 17P
   MOTOR BRIDGE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com