Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8332-HT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8332-HT
Description  THREE PHASE PWM MOTOR DRIVER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8332-HT Datasheet(HTML) 2 Page - Texas Instruments

  DRV8332-HT Datasheet HTML 1Page - Texas Instruments DRV8332-HT Datasheet HTML 2Page - Texas Instruments DRV8332-HT Datasheet HTML 3Page - Texas Instruments DRV8332-HT Datasheet HTML 4Page - Texas Instruments DRV8332-HT Datasheet HTML 5Page - Texas Instruments DRV8332-HT Datasheet HTML 6Page - Texas Instruments DRV8332-HT Datasheet HTML 7Page - Texas Instruments DRV8332-HT Datasheet HTML 8Page - Texas Instruments DRV8332-HT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
DRV8332-HT
SLES274B – AUGUST 2013 – REVISED JANUARY 2014
www.ti.com
DESCRIPTION (CONTINUED)
The DRV8332 requires two power supplies, one at 12 V for GVDD and VDD, and another up to 50 V for PVDD.
The DRV8332 can operate at up to 500-kHz switching frequency while still maintain precise control and high
efficiency. It also has an innovative protection system safeguarding the device against a wide range of fault
conditions that could damage the system. These safeguards are short-circuit protection, overcurrent protection
and undervoltage protection. The DRV8332 has a current-limiting circuit that prevents device shutdown during
load transients such as motor start-up. A programmable overcurrent detector allows adjustable current limit and
protection level to meet different motor requirements.
The DRV8332 has unique independent supply and ground pins for each half bridge, which makes it possible to
provide current measurement through external shunt resistor and support half bridge drivers with different power
supply voltage requirements.
2
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: DRV8332-HT


Similar Part No. - DRV8332-HT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8332-HT TI1-DRV8332-HT Datasheet
421Kb / 26P
[Old version datasheet]   THREE PHASE PWM MOTOR DRIVER
More results

Similar Description - DRV8332-HT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8332-HT TI1-DRV8332-HT Datasheet
421Kb / 26P
[Old version datasheet]   THREE PHASE PWM MOTOR DRIVER
DRV8312 TI-DRV8312_1 Datasheet
1Mb / 31P
[Old version datasheet]   Three Phase PWM Motor Driver
DRV8312 TI1-DRV8312_14 Datasheet
1Mb / 36P
[Old version datasheet]   Three Phase PWM Motor Driver
DRV8312 TI-DRV8312 Datasheet
981Kb / 28P
[Old version datasheet]   Three Phase PWM Motor Driver
DRV8312 TI-DRV8312_11 Datasheet
1Mb / 32P
[Old version datasheet]   Three Phase PWM Motor Driver
DRV8312 TI1-DRV8312_15 Datasheet
1Mb / 39P
[Old version datasheet]   Three-Phase PWM Motor Driver
logo
Allegro MicroSystems
3936 ALLEGRO-3936 Datasheet
177Kb / 9P
   DMOS THREE-PHASE PWM MOTOR DRIVER
logo
Texas Instruments
DRV8311 TI-DRV8311 Datasheet
2Mb / 87P
[Old version datasheet]   DRV8311 Three-Phase PWM Motor Driver
SLVSFN2 ??SEPTEMBER 2021
logo
Allegro MicroSystems
A3936 ALLEGRO-A3936 Datasheet
294Kb / 10P
   DMOS Three-Phase PWM Motor Driver
logo
Texas Instruments
DRV8317 TI-DRV8317 Datasheet
2Mb / 69P
[Old version datasheet]   DRV8317 Three-Phase PWM Motor Driver
DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com