Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3195 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 3195
Description  PROTECTED, HIGH-TEMPERATURE, HALL-EFFECT LATCH WITH ACTIVE PULL-DOWN
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3195 Datasheet(HTML) 1 Page - Allegro MicroSystems

  3195 Datasheet HTML 1Page - Allegro MicroSystems 3195 Datasheet HTML 2Page - Allegro MicroSystems 3195 Datasheet HTML 3Page - Allegro MicroSystems 3195 Datasheet HTML 4Page - Allegro MicroSystems 3195 Datasheet HTML 5Page - Allegro MicroSystems 3195 Datasheet HTML 6Page - Allegro MicroSystems 3195 Datasheet HTML 7Page - Allegro MicroSystems 3195 Datasheet HTML 8Page - Allegro MicroSystems 3195 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
3195
PROTECTED, HIGH-TEMP.,
ACTIVE PULL-DOWN
HALL-EFFECT LATCH
3195
PROTECTED, HIGH-TEMPERATURE,
HALL-EFFECT LATCH WITH ACTIVE PULL-DOWN
Always order by complete part number, e.g., A3195LU .
These Hall-effect latches are capable of sensing magnetic fields
while using an unprotected power supply. The A3195– can provide
position and speed information by providing a digital output for mag-
netic fields that exceed their predefined switch points. These devices
operate down to zero speed and have switch points that are designed
to be extremely stable over a wide operating temperature and voltage
range. The latching characteristics make them ideal for use in pulse
counting applications when used with a multi-pole ring magnet.
A 25 mA high-side driver combined with an active pull-down is espe-
cially useful for driving capacitive loads. Output short-circuit protection
allows for an increased wiring harness fault tolerance. The tempera-
ture compensated switch points, the wide operating voltage range, and
the integrated protection make these devices ideal for use in automo-
tive applications such as transmission speed sensors and integrated
wheel bearing speed sensors.
Each monolithic device contains an integrated Hall-effect trans-
ducer, a temperature-compensated comparator, a voltage regulator,
and a buffered high-side driver with an active pull-down. Supply
protection is made possible by the integration of overvoltage shutdown
circuitry that monitors supply fault conditions. Output protection
circuitry includes source and sink current current limiting for short
circuits to supply or ground.
The A3195E– is rated for operation over a temperature range of
-40
°C to +85°C; the A3195L– is rated for operation over an extended
temperature range of -40
°C to +150°C. They are supplied in a three-
lead SIP (suffix –U) or a surface-mount SOT-89 (suffix –LT).
FEATURES
s Internal Protection For Automotive (ISO/DIN) Transients
s Operation From Unregulated Supply
s Reverse Battery Protection
s Undervoltage Lockout
s Supply Noise-Suppression Circuitry
s Output Short-Circuit Protection
s Output Zener Clamp
s Thermal Protection
s Symmetrical Latching Switch Points
s Operable with Multipole Ring Magnets
Dwg. PH-013
1
3
2
LATCH
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, VCC (100 ms) .......... 115 V*
(continuous) ................................... 26 V
Reverse Battery Voltage,
VRCC (100 ms) ............................ -100 V
(continuous) ................................. -30 V
Magnetic Flux Density, B ........... Unlimited
Reverse Output Voltage, VOUT ......... -0.5 V
Continuous Output Current,
IOUT ........................... Internally Limited
Package Power Dissipation,
PD ........................................ See Graph
Junction Temperature, TJ ................. 170
°C
Operating Temperature Range, TA
Suffix “E–” .................... -40
°C to +85°C
Suffix “L–” .................. -40
°C to +150°C
Storage Temperature, TS ................. 170
°C
*Fault condition, internal overvoltage shutdown
above 28 V.
Pinning is shown viewed from branded side.


Similar Part No. - 3195

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3195 KR-3195 Datasheet
56Kb / 3P
   30 MHz Lowpass Filter
logo
Allegro MicroSystems
3195 ALLEGRO-3195 Datasheet
154Kb / 8P
   SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
logo
List of Unclassifed Man...
3195 ETC2-3195 Datasheet
68Kb / 1P
   WASHERS
logo
Intel Corporation
319535-003US INTEL-319535-003US Datasheet
1,009Kb / 73P
   Intel Atom Processor
319537-003US INTEL-319537-003US Datasheet
2Mb / 450P
   Intel System Controller Hub
More results

Similar Description - 3195

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3195 ALLEGRO-3195_02 Datasheet
126Kb / 10P
   PROTECTED, HIGH-TEMPERATURE, HALL-EFFECT LATCH WITH ACTIVE PULL-DOWN
3197 ALLEGRO-3197 Datasheet
193Kb / 12P
   PROTECTED, HIGH-TEMPERATURE, OPEN-COLLECTOR HALL-EFFECT LATCH
logo
Anachip Corp
AH173 ANACHIP-AH173 Datasheet
181Kb / 6P
   Internal Pull-up Hall Effect Latch For High Temperature
logo
Diodes Incorporated
AH173 DIODES-AH173 Datasheet
123Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH TEMPERATURE
AH173 Rev. 4
logo
Anachip Corp
AH373 ANACHIP-AH373 Datasheet
188Kb / 6P
   Internal Pull-up Hall Effect Latch
AH172 ANACHIP-AH172 Datasheet
179Kb / 6P
   Internal Pull-up Hall Effect Latch
AH373 ANACHIP-AH373_1 Datasheet
183Kb / 6P
   Internal Pull-up Hall Effect Latch
logo
Diodes Incorporated
AH372 DIODES-AH372 Datasheet
528Kb / 12P
   INTERNAL PULL-UP HALL EFFECT LATCH
AH373 DIODES-AH373 Datasheet
184Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH
logo
Anachip Corp
AH175 ANACHIP-AH175 Datasheet
162Kb / 6P
   Hall Effect Latch For High Temperature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com