Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP3220EUCT Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP3220EUCT
Description  High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3220EUCT Datasheet(HTML) 4 Page - Sipex Corporation

  SP3220EUCT Datasheet HTML 1Page - Sipex Corporation SP3220EUCT Datasheet HTML 2Page - Sipex Corporation SP3220EUCT Datasheet HTML 3Page - Sipex Corporation SP3220EUCT Datasheet HTML 4Page - Sipex Corporation SP3220EUCT Datasheet HTML 5Page - Sipex Corporation SP3220EUCT Datasheet HTML 6Page - Sipex Corporation SP3220EUCT Datasheet HTML 7Page - Sipex Corporation SP3220EUCT Datasheet HTML 8Page - Sipex Corporation SP3220EUCT Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Rev: A Date:12/11/03
SP3220EB/EU +3.0 to +5.0V RS-232 Transceivers
© Copyright 2002 Sipex Corporation
4
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise noted, the following performance characteristics apply for V
CC = +3.3V, 250kbps data rates, all drivers
loaded with 3k
Ω, 0.1µF charge pump capacitors, and T
AMB = +25°C.
30
25
20
15
10
5
0
Load Capacitance (pF)
0
1000
2000
3000
4000
5000
125Kbps
20Kbps
60Kbps
T1 at Full Data Rate
T2 at 1/16 Full Data Rate
T1+T2 Loaded with 3k/CLoad
6
4
2
0
-2
-4
-6
0
1000
2000
3000
4000
5000
TxOUT +
TxOUT -
Load Capacitance (pF)
T1 at 250Kbps
2.7
3
3.5
4
4.5
5
Supply Voltage (V)
6
4
2
0
-2
-4
-6
TxOUT +
TxOUT -
12
10
8
6
4
2
0
2.7
3
3.5
4
4.5
5
Supply Voltage (V)
T1 Loaded with 3K // 1000pf @ 250Kbps
25
20
15
10
5
0
0
500
1000
2000
3000
4000
5000
Load Capacitance (pF)
- Slew
+ Slew
40
30
20
10
0
0
250
500
1000
2000
3000
4000
Load Capacitance (pF)
500Kbps
1Mbps
2Mbps
Figure 1. I
CC vs Load Capacitance for the SP3220EB.
Figure 2. Transmiter Output Voltage vs Load Capacitance
for the SP3220EB..
Figure 3. Transmitter Output Voltage vs Supply Voltage
for the SP3220EB.
Figure 4. Supply Current vs Supply Voltage for the
SP3220EB.
Figure 5. Slew Rate vs Load Capacitance for the
SP3220EB.
Figure 4. Supply Current vs Supply Voltage for the
SP3220EU.


Similar Part No. - SP3220EUCT

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3220EUCT SIPEX-SP3220EUCT Datasheet
160Kb / 19P
   High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair
logo
Exar Corporation
SP3220EUCT-L EXAR-SP3220EUCT-L Datasheet
985Kb / 21P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220EUCT-LTR EXAR-SP3220EUCT-LTR Datasheet
985Kb / 21P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
More results

Similar Description - SP3220EUCT

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3220B SIPEX-SP3220B Datasheet
115Kb / 18P
   High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220EB SIPEX-SP3220EB Datasheet
160Kb / 19P
   High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220E SIPEX-SP3220E Datasheet
169Kb / 18P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220 SIPEX-SP3220 Datasheet
102Kb / 16P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220E SIPEX-SP3220E Datasheet
114Kb / 18P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
logo
Exar Corporation
SP3220EBEA-L-TR EXAR-SP3220EBEA-L-TR Datasheet
446Kb / 20P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
logo
Sipex Corporation
SP3220E SIPEX-SP3220E_05 Datasheet
478Kb / 21P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
logo
Exar Corporation
SP3220EBEY-L EXAR-SP3220EBEY-L Datasheet
985Kb / 21P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220EUEY-L-TR EXAR-SP3220EUEY-L-TR Datasheet
446Kb / 20P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220EEA-L EXAR-SP3220EEA-L Datasheet
985Kb / 21P
   3.0V to 5.5V RS-232 Driver/Receiver Pair
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com