Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD25483F4T Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CSD25483F4T
Description  20 V, P-Channel FemtoFE MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD25483F4T Datasheet(HTML) 6 Page - Texas Instruments

Back Button CSD25483F4T Datasheet HTML 2Page - Texas Instruments CSD25483F4T Datasheet HTML 3Page - Texas Instruments CSD25483F4T Datasheet HTML 4Page - Texas Instruments CSD25483F4T Datasheet HTML 5Page - Texas Instruments CSD25483F4T Datasheet HTML 6Page - Texas Instruments CSD25483F4T Datasheet HTML 7Page - Texas Instruments CSD25483F4T Datasheet HTML 8Page - Texas Instruments CSD25483F4T Datasheet HTML 9Page - Texas Instruments CSD25483F4T Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CSD25483F4
SLPS449B – OCTOBER 2013 – REVISED FEBRUARY 2014
www.ti.com
6 Mechanical Data
6.1 0402 Mechanical Dimensions
(1)
All linear dimensions are in millimeters (dimensions and tolerancing per AME T14.5M-1994).
(2)
This drawing is subject to change without notice.
(3)
This package is a PB-free solder land design.
Pin Configuration
Position
Designation
Pin 1
Gate
Pin 2
Source
Pin 3
Drain
6
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: CSD25483F4


Similar Part No. - CSD25483F4T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD25483F4 TI1-CSD25483F4 Datasheet
787Kb / 12P
[Old version datasheet]   CSD25483F4, 20 V P-Channel FemtoFET MOSFET
CSD25483F4R TI1-CSD25483F4R Datasheet
787Kb / 12P
[Old version datasheet]   CSD25483F4, 20 V P-Channel FemtoFET MOSFET
More results

Similar Description - CSD25483F4T

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE1421M ACE-ACE1421M Datasheet
481Kb / 7P
   P-Channel 20-V MOSFET
VER 1.1
logo
Nexperia B.V. All right...
PMPB100XPEA NEXPERIA-PMPB100XPEA Datasheet
327Kb / 15P
   20 V, P-channel Trench MOSFET
PMV30XPEA NEXPERIA-PMV30XPEA Datasheet
722Kb / 16P
   20 V, P-channel Trench MOSFET
PMN52XP NEXPERIA-PMN52XP Datasheet
724Kb / 16P
   20 V, P-channel Trench MOSFET
PMV65XPE NEXPERIA-PMV65XPE Datasheet
708Kb / 15P
   20 V, P-channel Trench MOSFET
25 April 2014
PMZ350UPE NEXPERIA-PMZ350UPE Datasheet
701Kb / 14P
   20 V, P-channel Trench MOSFET
logo
NXP Semiconductors
PMV65XPEA PHILIPS-PMV65XPEA_15 Datasheet
245Kb / 16P
   20 V, P-channel Trench MOSFET
27 November 2014
PMV75UP PHILIPS-PMV75UP_15 Datasheet
279Kb / 15P
   20 V, P-channel Trench MOSFET
25 April 2014
PMZ950UPE PHILIPS-PMZ950UPE_15 Datasheet
237Kb / 15P
   20 V, P-channel Trench MOSFET
10 July 2014
PMV48XPA PHILIPS-PMV48XPA_15 Datasheet
257Kb / 15P
   20 V, P-channel Trench MOSFET
10 March 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com