Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3150JUA Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A3150JUA
Description  PROGRAMMABLE, CHOPPERSTABILIZED, HALL-EFFECT SWITCH
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3150JUA Datasheet(HTML) 5 Page - Allegro MicroSystems

  A3150JUA Datasheet HTML 1Page - Allegro MicroSystems A3150JUA Datasheet HTML 2Page - Allegro MicroSystems A3150JUA Datasheet HTML 3Page - Allegro MicroSystems A3150JUA Datasheet HTML 4Page - Allegro MicroSystems A3150JUA Datasheet HTML 5Page - Allegro MicroSystems A3150JUA Datasheet HTML 6Page - Allegro MicroSystems A3150JUA Datasheet HTML 7Page - Allegro MicroSystems A3150JUA Datasheet HTML 8Page - Allegro MicroSystems A3150JUA Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
3150
PROGRAMMABLE, CHOPPER-
STABILIZED, PRECISION,
HALL-EFFECT SWITCH
www.allegromicro.com
FUNCTIONAL DESCRIPTION
Dwg. EH-012
REG
X
Chopper-Stabilized Technique. These devices use a
proprietary dynamic offset cancellation technique, with an
internal high-frequency clock to reduce the residual offset
voltage of the Hall element that is normally caused by device
overmolding, temperature dependencies, and thermal stress.
This technique produces devices that have an extremely stable
quiescent Hall output voltage, are immune to thermal stress, and
have precise recoverability after temperature cycling. This
technique will also slightly degrade the device output repeatabil-
ity.
The Hall element can be considered as a resistor array
similar to a Wheatstone bridge. A large portion of the offset is a
result of the mismatching of these resistors. The chopper-
stabilizing technique cancels the mismatching of the resistors by
changing the direction of the current flowing through the Hall
plate and Hall voltage measurement taps, while maintaining the
Hall-voltage signal that is induced by the external magnetic flux.
The signal is, then, captured by a sample-and-hold circuit.
Operation. The output of these devices switches low (turns
ON) when a magnetic field (south pole) perpendicular to the
Hall sensor exceeds the operate point threshold (B
OP). After
turn-ON, the output is capable of sinking 25 mA and the output
voltage is V
OUT(SAT). When the magnetic field is reduced below
the release point (B
RP), the device output goes high (turns OFF).
The difference in the magnetic operate and release points is the
hysteresis (B
hys) of the device. This built-in hysteresis allows
clean switching of the output even in the presence of external
mechanical vibration and electrical noise.
Applications. It is strongly recommended that an external
bypass capacitor be connected (in close proximity to the Hall
sensor) between the supply and ground of the device to reduce
both external noise and noise generated by the chopper-stabiliza-
tion technique.
The simplest form of magnet that will operate these devices
is a bar magnet with the south-seeking pole towards the branded
surface of the device. Many other methods of operation are
possible. Extensive applications information on magnets and
Hall-effect sensors is also available in the Allegro Electronic
Data Book AMS-702 or Application Note 27701, or
www.allegromicro.com
SUPPLY
OUTPUT
Dwg. EH-013
0.1
µF
SUPPLY
+V
HALL
VOLTAGE
B
+
Dwg. AH-011-2
+B
0
FLUX DENSITY
Dwg. GH-007-2
0
RP
B
VOUT(SAT)
CC
V
OP
B
+V


Similar Part No. - A3150JUA

ManufacturerPart #DatasheetDescription
logo
ITT Industries
A315132A2NCNB ITT-A315132A2NCNB Datasheet
371Kb / 5P
   4 & 5 Tumbler 1-4 Pole Switchlocks
A315132A2NCNBE ITT-A315132A2NCNBE Datasheet
371Kb / 5P
   4 & 5 Tumbler 1-4 Pole Switchlocks
A315132A2NCNQ ITT-A315132A2NCNQ Datasheet
371Kb / 5P
   4 & 5 Tumbler 1-4 Pole Switchlocks
A315132A2NCNQE ITT-A315132A2NCNQE Datasheet
371Kb / 5P
   4 & 5 Tumbler 1-4 Pole Switchlocks
A315132A2NZNB ITT-A315132A2NZNB Datasheet
371Kb / 5P
   4 & 5 Tumbler 1-4 Pole Switchlocks
More results

Similar Description - A3150JUA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1128LLTTR-T ALLEGRO-A1128LLTTR-T Datasheet
362Kb / 20P
   Highly Programmable Hall-Effect Switch
A1128 ALLEGRO-A1128 Datasheet
963Kb / 20P
   Highly Programmable Hall-Effect Switch
logo
Micronas
HAL1002 MICRONAS-HAL1002 Datasheet
400Kb / 29P
   Highly Precise Programmable Hall-Effect Switch
logo
Diodes Incorporated
AH1892 DIODES-AH1892 Datasheet
299Kb / 11P
   PROGRAMMABLE MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
logo
Allegro MicroSystems
ATS128 ALLEGRO-ATS128 Datasheet
539Kb / 25P
   Highly Programmable, Back-Biased, Hall-Effect Switch
logo
Melexis Microelectronic...
MLX92361 MELEXIS-MLX92361 Datasheet
795Kb / 18P
   Isolated output programmable Hall Effect Latch/Switch/Omnipolar switch
REVISION 2 - FEBRUARY 2023
logo
Micronas
HAL1000UT-A MICRONAS-HAL1000UT-A Datasheet
1Mb / 30P
   Programmable Hall Switch
HAL1000 MICRONAS-HAL1000 Datasheet
813Kb / 28P
   Programmable Hall Switch
logo
Melexis Microelectronic...
MLX92232 MELEXIS-MLX92232 Datasheet
763Kb / 12P
   End of line programmable Hall-effect Latch / Switch
logo
Diodes Incorporated
AH1894 DIODES-AH1894 Datasheet
394Kb / 13P
   PROGRAMMABLE HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com