Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD19502Q5B Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CSD19502Q5B
Description  80 V N-Channel NexFET??Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD19502Q5B Datasheet(HTML) 7 Page - Texas Instruments

Back Button CSD19502Q5B Datasheet HTML 3Page - Texas Instruments CSD19502Q5B Datasheet HTML 4Page - Texas Instruments CSD19502Q5B Datasheet HTML 5Page - Texas Instruments CSD19502Q5B Datasheet HTML 6Page - Texas Instruments CSD19502Q5B Datasheet HTML 7Page - Texas Instruments CSD19502Q5B Datasheet HTML 8Page - Texas Instruments CSD19502Q5B Datasheet HTML 9Page - Texas Instruments CSD19502Q5B Datasheet HTML 10Page - Texas Instruments CSD19502Q5B Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
4.318 (0.170)
2.186
6.586
0.350
(0.014)
1.294
x 8
(0.051)
0.746 x 8
(0.029)
(0.259)
1.072
(0.042)
1.270
0.562 x 4
(0.022)
0.300
(0.012)
(0.086)
(0.050)
1.525
(0.060)
0.508
x4
(0.020)
1.270 (0.050)
0.286
(0.011)
0.766
(0.030)
C
L
C
L
SYM
0.590
(0.023)
4.440
(0.175)
1.100
(0.043)
4.520
(0.178)
3.456
0.984
(0.136)
(0.039)
1.372
(0.054)
0.710 (0.028)
0.710
(0.028)
1.270 (0.028)
0.560 (0.022)
CSD19502Q5B
www.ti.com
SLPS413 – DECEMBER 2013
Recommended PCB Pattern
For recommended circuit layout for PCB designs, see application note SLPA005 – Reducing Ringing Through
PCB Layout Techniques.
Recommended Stencil Pattern
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: CSD19502Q5B


Similar Part No. - CSD19502Q5B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD19502Q5B TI1-CSD19502Q5B Datasheet
1Mb / 13P
[Old version datasheet]   80 V N-Channel NexFET Power MOSFET
CSD19502Q5B TI1-CSD19502Q5B Datasheet
841Kb / 14P
[Old version datasheet]   80V N-Channel NexFET Power MOSFET
CSD19502Q5BT TI1-CSD19502Q5BT Datasheet
841Kb / 14P
[Old version datasheet]   80V N-Channel NexFET Power MOSFET
CSD19502Q5B TI1-CSD19502Q5B_16 Datasheet
841Kb / 14P
[Old version datasheet]   80V N-Channel NexFET Power MOSFET
More results

Similar Description - CSD19502Q5B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD19502Q5B TI1-CSD19502Q5B Datasheet
1Mb / 13P
[Old version datasheet]   80 V N-Channel NexFET Power MOSFET
CSD19505KTT TI1-CSD19505KTT Datasheet
408Kb / 13P
[Old version datasheet]   80 V N-Channel NexFET Power MOSFET
CSD19506KTT TI1-CSD19506KTT Datasheet
408Kb / 13P
[Old version datasheet]   80 V N-Channel NexFET Power MOSFET
CSD19503KCS TI1-CSD19503KCS Datasheet
768Kb / 10P
[Old version datasheet]   80 V N-Channel NexFET Power MOSFETs
CSD19503KCS TI1-CSD19503KCS Datasheet
764Kb / 10P
[Old version datasheet]   80 V N-Channel NexFET??Power MOSFETs
CSD19501KCS TI1-CSD19501KCS Datasheet
814Kb / 10P
[Old version datasheet]   CSD19501KCS, 80 V N-Channel NexFET Power MOSFETs
CSD19505KCS TI1-CSD19505KCS Datasheet
820Kb / 10P
[Old version datasheet]   CSD19505KCS, 80 V N-Channel NexFET Power MOSFETs
CSD19532Q5B TI1-CSD19532Q5B Datasheet
1Mb / 13P
[Old version datasheet]   100 V N-Channel NexFET Power MOSFET
CSD18511KTT TI1-CSD18511KTT Datasheet
377Kb / 11P
[Old version datasheet]   40-V N-Channel NexFET Power MOSFET
CSD17483F4 TI-CSD17483F4 Datasheet
560Kb / 10P
[Old version datasheet]   30-V, N-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com