Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S25FS128SAGNHV301 Datasheet(PDF) 4 Page - SPANSION

Part # S25FS128SAGNHV301
Description  MirrorBit Flash Non-Volatile Memory
Download  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS128SAGNHV301 Datasheet(HTML) 4 Page - SPANSION

  S25FS128SAGNHV301 Datasheet HTML 1Page - SPANSION S25FS128SAGNHV301 Datasheet HTML 2Page - SPANSION S25FS128SAGNHV301 Datasheet HTML 3Page - SPANSION S25FS128SAGNHV301 Datasheet HTML 4Page - SPANSION S25FS128SAGNHV301 Datasheet HTML 5Page - SPANSION S25FS128SAGNHV301 Datasheet HTML 6Page - SPANSION S25FS128SAGNHV301 Datasheet HTML 7Page - SPANSION S25FS128SAGNHV301 Datasheet HTML 8Page - SPANSION S25FS128SAGNHV301 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 154 page
background image
4
S25FS-S Family
S25FS-S_00_04 November 6, 2013
Data
Sheet
(Pre limin ar y)
1.
Performance Summary
Table 1.1 Maximum Read Rates
Command
Clock Rate
(MHz)
Mbytes / s
Read
50
6.25
Fast Read
133
16.5
Dual Read
133
33
Quad Read
133
66
Table 1.2 Maximum Read Rates DDR
Command
Clock Rate
(MHz)
Mbytes / s
DDR Quad I/O Read
80
80
Table 1.3 Typical Program and Erase Rates
Operation
kbytes / s
Page Programming (256-bytes Page Buffer)
712
Page Programming (512-bytes Page Buffer)
1080
4-kbyte Physical Sector Erase (Hybrid Sector Option
28
64-kbyte Physical Sector Erase (Hybrid Sector Option)
450
256-kbyte Sector Erase (Uniform Logical Sector Option
450
Table 1.4 Typical Current Consumption (–40
°C to +85°C)
Operation
Current (mA)
Serial Read 50 MHz
10
Serial Read 133 MHz
20
Quad Read 133 MHz
60
Quad DDR Read 80 MHz
70
Program
60
Erase
60
Standby
0.07


Similar Part No. - S25FS128SAGNHV301

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S25FS128S CYPRESS-S25FS128S Datasheet
4Mb / 151P
   1.8 V, Serial Peripheral Interface with Multi-I/O, MirrorBit짰 Non-Volatile Flash
More results

Similar Description - S25FS128SAGNHV301

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL512S11TFIV20 SPANSION-S29GL512S11TFIV20 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Fam
S29GL01GS10TFI010 SPANSION-S29GL01GS10TFI010 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S29GL01GS11TFIV20 SPANSION-S29GL01GS11TFIV20 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
logo
Freescale Semiconductor...
S12FTS128KV1 FREESCALE-S12FTS128KV1 Datasheet
580Kb / 46P
   128k byte Flash (Non-Volatile) Memory
logo
List of Unclassifed Man...
S-2210R ETC-S-2210R Datasheet
193Kb / 1P
   NON-VOLATILE MEMORY/NON-VOLATILE RAM
logo
SPANSION
S72NS-P SPANSION-S72NS-P Datasheet
461Kb / 14P
   MirrorBit Flash Memory and DRAM
S29GL01GS11TFI020 SPANSION-S29GL01GS11TFI020 Datasheet
3Mb / 104P
   GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
S29GL01GS SPANSION-S29GL01GS Datasheet
3Mb / 104P
   GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
S29GL128S10DHIV10 SPANSION-S29GL128S10DHIV10 Datasheet
906Kb / 106P
   GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
S29GL512S11DHI010 SPANSION-S29GL512S11DHI010 Datasheet
2Mb / 106P
   GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com