Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAB4A Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CAB4A
Description  CAB4A - DDR4 Register 32-Bit 1:2 Command/Address/Control Buffer and 1:4 Differential Clock Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CAB4A Datasheet(HTML) 7 Page - Texas Instruments

Back Button CAB4A Datasheet HTML 2Page - Texas Instruments CAB4A Datasheet HTML 3Page - Texas Instruments CAB4A Datasheet HTML 4Page - Texas Instruments CAB4A Datasheet HTML 5Page - Texas Instruments CAB4A Datasheet HTML 6Page - Texas Instruments CAB4A Datasheet HTML 7Page - Texas Instruments CAB4A Datasheet HTML 8Page - Texas Instruments CAB4A Datasheet HTML 9Page - Texas Instruments CAB4A Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
19-Oct-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
CAB4AZNRR
ACTIVE
NFBGA
ZNR
253
2000
Green (RoHS
& no Sb/Br)
SNAGCU
Level-3-260C-168 HR
-40 to 95
CAB4A6
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.


Similar Part No. - CAB4A

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CAB400M12XM3 CREE-CAB400M12XM3 Datasheet
801Kb / 9P
   1200 V, 400 A All-Silicon Carbide Switching-Loss Optimized, Half-Bridge Module
logo
WOLFSPEED, INC.
CAB400M12XM3 WOLFSPEED-CAB400M12XM3 Datasheet
801Kb / 9P
   1200 V, 400 A All-Silicon Carbide Switching-Loss Optimized, Half-Bridge Module
Rev. -, 2019-10-31
logo
GradConn, Ltd.
CAB411RF GRADCONN-CAB411RF Datasheet
148Kb / 1P
   CABLE ASSEMBLY
Rev. 1.6
CAB411RF-0100-F1A-1-E GRADCONN-CAB411RF-0100-F1A-1-E Datasheet
148Kb / 1P
   CABLE ASSEMBLY
Rev. 1.6
CAB411RF-0100-F1A-1-S GRADCONN-CAB411RF-0100-F1A-1-S Datasheet
148Kb / 1P
   CABLE ASSEMBLY
Rev. 1.6
More results

Similar Description - CAB4A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2DP314 CYPRESS-CY2DP314 Datasheet
213Kb / 9P
   1 of 2:4 Differential Clock/Data Fanout Buffer
CY2DP314 CYPRESS-CY2DP314_05 Datasheet
229Kb / 10P
   1:4 Differential Clock/Data Fanout Buffer
logo
Renesas Technology Corp
5V551 RENESAS-5V551 Datasheet
201Kb / 5P
   1:4 CLOCK BUFFER
Mar 2020
logo
Integrated Device Techn...
IDT5V551 IDT-IDT5V551 Datasheet
48Kb / 4P
   1:4 CLOCK BUFFER
logo
Potato Semiconductor Co...
PO100HSTL11A POTATO-PO100HSTL11A Datasheet
553Kb / 6P
   1 to 2 Differential Clock/Data Fanout Buffer
logo
Renesas Technology Corp
CV128 RENESAS-CV128 Datasheet
242Kb / 13P
   1-TO-12 DIFFERENTIAL CLOCK BUFFER
JUNE 29, 2007
SLG74190 RENESAS-SLG74190 Datasheet
707Kb / 22P
   1 to 19 Differential Clock Buffer
February 23, 2022
logo
Semtech Corporation
SK10EL11WD SEMTECH-SK10EL11WD Datasheet
131Kb / 6P
   1:2 Differential Fanout Buffer
logo
Micrel Semiconductor
SY10EL11V MICREL-SY10EL11V_10 Datasheet
247Kb / 8P
   1:2 DIFFERENTIAL FANOUT BUFFER
logo
Integrated Device Techn...
IDTCV145NLG8 IDT-IDTCV145NLG8 Datasheet
122Kb / 13P
   1-TO-19 DIFFERENTIAL CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com