Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ500412 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ500412
Description  Low System Cost, Wireless Power Controller for WPC TX A6
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ500412 Datasheet(HTML) 3 Page - Texas Instruments

  BQ500412 Datasheet HTML 1Page - Texas Instruments BQ500412 Datasheet HTML 2Page - Texas Instruments BQ500412 Datasheet HTML 3Page - Texas Instruments BQ500412 Datasheet HTML 4Page - Texas Instruments BQ500412 Datasheet HTML 5Page - Texas Instruments BQ500412 Datasheet HTML 6Page - Texas Instruments BQ500412 Datasheet HTML 7Page - Texas Instruments BQ500412 Datasheet HTML 8Page - Texas Instruments BQ500412 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
bq500412
www.ti.com
SLUSBO2A – NOVEMBER 2013 – REVISED DECEMBER 2013
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
TYP MAX
UNIT
V
Supply voltage during operation, V33D, V33A
3.0
3.3
3.6
V
TA
Operating free-air temperature range
–40
110
°C
TJ
Junction temperature
110
THERMAL INFORMATION
bq500412
THERMAL METRIC(1)
RGZ
UNITS
48 PINS
θJA
Junction-to-ambient thermal resistance(2)
28.4
θJCtop
Junction-to-case (top) thermal resistance(3)
14.2
θJB
Junction-to-board thermal resistance(4)
5.4
°C/W
ψJT
Junction-to-top characterization parameter(5)
0.2
ψJB
Junction-to-board characterization parameter(6)
5.3
θJCbot
Junction-to-case (bottom) thermal resistance(7)
1.4
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(3)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific JEDEC-
standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(4)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(5)
The junction-to-top characterization parameter,
ψJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA, using a procedure described in JESD51-2a (sections 6 and 7).
(6)
The junction-to-board characterization parameter,
ψJB, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA , using a procedure described in JESD51-2a (sections 6 and 7).
(7)
The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
Spacer
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: bq500412


Similar Part No. - BQ500412

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ500412 TI1-BQ500412 Datasheet
922Kb / 28P
[Old version datasheet]   Low System Cost, Wireless Power Controller for WPC TX A6
BQ500412RGZR TI1-BQ500412RGZR Datasheet
922Kb / 28P
[Old version datasheet]   Low System Cost, Wireless Power Controller for WPC TX A6
BQ500412RGZT TI1-BQ500412RGZT Datasheet
922Kb / 28P
[Old version datasheet]   Low System Cost, Wireless Power Controller for WPC TX A6
More results

Similar Description - BQ500412

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ500412 TI1-BQ500412 Datasheet
922Kb / 28P
[Old version datasheet]   Low System Cost, Wireless Power Controller for WPC TX A6
BQ500212A TI1-BQ500212A Datasheet
937Kb / 28P
[Old version datasheet]   Low System Cost, Wireless Power Controller for WPC TX A5 or A11
BQ500212A TI1-BQ500212A_17 Datasheet
1Mb / 29P
[Old version datasheet]   Low System Cost, Wireless Power Controller for WPC TX A5 or A11
logo
Integrated Device Techn...
P9036B IDT-P9036B Datasheet
943Kb / 24P
   12V Wireless Power Transmitter IC for TX-A6
logo
Renesas Technology Corp
P9036B RENESAS-P9036B Datasheet
1Mb / 25P
   12V Wireless Power Transmitter IC for TX-A6
Revision 1.0.0
logo
Texas Instruments
BQ500511 TI1-BQ500511 Datasheet
1Mb / 30P
[Old version datasheet]   Low Cost 5-V Wireless Power Transmitter Controller
BQ500511A TI1-BQ500511A Datasheet
139Kb / 7P
[Old version datasheet]   Low Cost 5-V Wireless Power Transmitter Controller
logo
Richtek Technology Corp...
RT1650 RICHTEK-RT1650 Datasheet
1Mb / 26P
   Wireless Power Receiver Compliant with WPC
logo
Kinetic Technologies.
KTE7000 KINETIC-KTE7000 Datasheet
207Kb / 2P
   5W Wireless Power Receiver for WPC/Qi BPP
March 2022 - Revision 04d
logo
Wurth Elektronik GmbH &...
760308101 WURTH-760308101 Datasheet
758Kb / 6P
   WE-WPC Wireless Power Charging Coil
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com