Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ500212ARGZR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ500212ARGZR
Description  Low System Cost, Wireless Power Controller for WPC TX A5 or A11
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ500212ARGZR Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ500212ARGZR Datasheet HTML 3Page - Texas Instruments BQ500212ARGZR Datasheet HTML 4Page - Texas Instruments BQ500212ARGZR Datasheet HTML 5Page - Texas Instruments BQ500212ARGZR Datasheet HTML 6Page - Texas Instruments BQ500212ARGZR Datasheet HTML 7Page - Texas Instruments BQ500212ARGZR Datasheet HTML 8Page - Texas Instruments BQ500212ARGZR Datasheet HTML 9Page - Texas Instruments BQ500212ARGZR Datasheet HTML 10Page - Texas Instruments BQ500212ARGZR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
bq500212A
www.ti.com
SLUSBD6B – JULY 2013 – REVISED NOVEMBER 2013
PIN FUNCTIONS
PIN
I/O
DESCRIPTION
NO.
NAME
1
PEAK_DET
I
Connected to peak detect circuit. Protects from coil overvoltage event.
2
Sensor Input. Device shuts down when below 1 V for longer than 150ms. If not used, keep
T_SENSE
I
above 1 V by connecting to the 3.3-V supply.
3
SNOOZE_CAP
I
Connected to interval timing capacitor
4
Not used. Can be left open. Can also be tied to GND and flooded with copper to improve
N/C
I
GND plane.
5
RESET
I
Device reset. Use a 10-k
Ω to 100-kΩ pull-up resistor to the 3.3-V supply.
6
SLEEP
O
Connected to 5 s interval circuit
7
LED_A
I
Connect to an LED via 470-
Ω resistor for status indication.
8
LED_B
I
Connect to an LED via 470-
Ω resistor for status indication.
9
SNOOZE
O
Connected to 500ms ping interval circuit
10
CLK
I/O
10-k
Ω pull-up resistor to 3.3-V supply. For factory use only.
11
DATA
I/O
10-k
Ω pull-up resistor to 3.3-V supply. For factory use only.
12
PWM Output A, controls one half of the full bridge in a phase-shifted full bridge. Switching
PWM_A
O
deadtimes must be externally generated.
13
PWM Output B, controls other half of the full bridge in a phase-shifted full bridge. Switching
PWM_B
O
deadtimes must be externally generated.
14
RESERVED
O
Reserved. Leave open.
15
FOD_CAL
O
FOD Calibration pin. It controls the FOD calibration setting at startup.
16
Set the threshold used to detect a PMOD condition by connecting, via resistor, to pin 43.
PMOD
O
Leave open to disable PMOD.
17
Set the threshold used to detect an FOD condition by connecting, via resistor, to pin 43.
FOD
O
Leave open to disable FOD.
18
LED_C
O
Connect to an LED via 470-
Ω resistor for status indication.
19
RESERVED
O
Reserved, leave this pin open.
20
RESERVED
I
Reserved, connect to GND.
21
DOUT_TX
I
Not used. Leave this pin open.
22
SNOOZE_CHG
I
Connected to interval timing capacitor.
23
BUZ_AC
O
AC Buzzer Output. Outputs a 400-ms, 4-kHz AC pulse when charging begins.
24
DC Buzzer Output. Outputs a 400-ms DC pulse when charging begins. This could also be
BUZ_DC
O
connected to an LED via 470-
Ω resistor.
25
RESERVED
I/O
Not used, leave this pin open.
26
RESERVED
I/O
Not used, leave this pin open.
27
RESERVED
I/O
Reserved, leave this pin open.
28
RESERVED
I/O
Reserved, leave this pin open.
29
RESERVED
I/O
Reserved, leave this pin open.
30
RESERVED
I/O
Reserved, leave this pin open.
31
GND
I/O
Reserved, connect to GND.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: bq500212A


Similar Part No. - BQ500212ARGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ500212ARGZR TI1-BQ500212ARGZR Datasheet
1Mb / 29P
[Old version datasheet]   Low System Cost, Wireless Power Controller for WPC TX A5 or A11
More results

Similar Description - BQ500212ARGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ500212A TI1-BQ500212A_17 Datasheet
1Mb / 29P
[Old version datasheet]   Low System Cost, Wireless Power Controller for WPC TX A5 or A11
BQ500412 TI1-BQ500412 Datasheet
922Kb / 28P
[Old version datasheet]   Low System Cost, Wireless Power Controller for WPC TX A6
BQ500412 TI1-BQ500412 Datasheet
928Kb / 28P
[Old version datasheet]   Low System Cost, Wireless Power Controller for WPC TX A6
BQ500511 TI1-BQ500511 Datasheet
1Mb / 30P
[Old version datasheet]   Low Cost 5-V Wireless Power Transmitter Controller
BQ500511A TI1-BQ500511A Datasheet
139Kb / 7P
[Old version datasheet]   Low Cost 5-V Wireless Power Transmitter Controller
logo
Richtek Technology Corp...
RT1650 RICHTEK-RT1650 Datasheet
1Mb / 26P
   Wireless Power Receiver Compliant with WPC
logo
Kinetic Technologies.
KTE7000 KINETIC-KTE7000 Datasheet
207Kb / 2P
   5W Wireless Power Receiver for WPC/Qi BPP
March 2022 - Revision 04d
logo
Wurth Elektronik GmbH &...
760308101 WURTH-760308101 Datasheet
758Kb / 6P
   WE-WPC Wireless Power Charging Coil
logo
Kinetic Technologies.
KTE7001 KINETIC-KTE7001 Datasheet
207Kb / 2P
   15W Wireless Power Receiver for WPC/Qi BPP/EPP
September 2021 - Revision 04d
logo
NXP Semiconductors
MWCT1000DS NXP-MWCT1000DS Datasheet
2Mb / 43P
   Low power (5 W) solution for Wireless Power Consortium (WPC) compliant transmitter design
Rev. 1.0, 02/2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com