Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3046 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # A3046
Description  HALL EFFECT GEAR-TOOTH SENSORS ZERO SPEED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3046 Datasheet(HTML) 7 Page - Allegro MicroSystems

  A3046 Datasheet HTML 1Page - Allegro MicroSystems A3046 Datasheet HTML 2Page - Allegro MicroSystems A3046 Datasheet HTML 3Page - Allegro MicroSystems A3046 Datasheet HTML 4Page - Allegro MicroSystems A3046 Datasheet HTML 5Page - Allegro MicroSystems A3046 Datasheet HTML 6Page - Allegro MicroSystems A3046 Datasheet HTML 7Page - Allegro MicroSystems A3046 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
3046, 3056, AND 3058
HALL EFFECT
GEAR-TOOTH SENSORS
–ZERO SPEED
www.allegromicro.com
Figure 5
DIFFERENTIAL FLUX DENSITY
Pole Piece Design. A pole piece may be used at the face of the
magnet to smooth out the magnet-face offsets. A 0.020” (0.51 mm)
thick, soft-iron pole piece will bring the field non-uniformity down to
the
±1%-to-±3% range. Note that pole pieces will minimize but not
eliminate the non-uniformity in the magnet face field. Front pole pieces
will almost always result in a reduced maximum air gap.
Ferrous Targets. The best ferrous targets are made of cold-rolled
low-carbon steel. Sintered-metal targets are also usable, but care
must be taken to ensure uniform material composition and density.
The teeth or slots of the target should be cut with a slight angle
so as to minimize the abruptness of transition from metal to air as the
target passes by the sensor. Sharp transitions will result in magnetic
overshoots that can result in false triggering.
Gear teeth larger than 0.10” (2.54 mm) wide and at least 0.10”
(2.54 mm) deep provide reasonable working air gaps and adequate
change in magnetic field for reliable switching. Generally, larger teeth
and slots allow a larger air gap. A gear tooth width approximating the
spacing between sensors (0.088” or 2.24 mm) requires special care in
the system design and assembly techniques.
ASSEMBLY TECHNIQUES
Due to magnet face non-uniformities and device variations, it is
recommended that applications requiring precision switching utilize a
mechanical optimization procedure during assembly. Without a pole
piece, the inherent magnet face offsets can be used to pre-bias the
magnetic circuit to obtain any desired operating mode. This is
achieved by physically changing the relative position of the magnet
behind the sensor to achieve the desired system performance objec-
tive. For example, with a rotating ABS gear, the objective might be a
50% duty cycle at maximum air gap. Similar objectives can be set for
ignition (crank and cam position) sensing systems.
Non-precision speed sensing applications do not require optimiza-
tion. For applications where mechanical optimization is not feasible,
non-zero speed devices such as the UGN/UGS3059KA ac-coupled
gear-tooth sensor are available.
A
1
3
Dwg. MH-002-8D
0.075"
1.89 mm
BRANDED
SURFACE
ACTIVE AREA DEPTH
2
0.088"
2.23 mm
0.015"
0.38 mm
NOM
E1
E2
0
-2000
AIRGAP FROM PACKAGE FACE IN INCHES
Dwg. GH-035
2000
1000
0
-1000
-1500
0.025
0.050
0.100
0.125
1500
0.075
-500
500
0.070
-200
AIRGAP FROM PACKAGE FACE IN INCHES
Dwg. GH-036
200
100
0
-100
-150
0.080
0.090
0.110
0.120
150
0.100
-50
50
SENSOR LOCATIONS
(
±0.005” [0.13 mm] die placement)


Similar Part No. - A3046

ManufacturerPart #DatasheetDescription
logo
C&K Components
A304 CK-COMPONENTS-A304 Datasheet
1Mb / 5P
   A Series 1-4 Pole Rotary Switches
A304 CK-COMPONENTS-A304 Datasheet
1Mb / 5P
   A Series 1-4 Pole Rotary Switches
A304 CK-COMPONENTS-A304 Datasheet
310Kb / 5P
   1-4 Pole Rotary Switches
A304 CK-COMPONENTS-A304 Datasheet
299Kb / 5P
   1-4 Pole Rotary Switches
A304 CK-COMPONENTS-A304 Datasheet
290Kb / 5P
   Multi-pole and multi-position
More results

Similar Description - A3046

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS660LSB ALLEGRO-ATS660LSB_06 Datasheet
193Kb / 17P
   True Zero Speed Hall Effect Adaptive Gear Tooth Sensors
May 1, 2006
logo
Honeywell Accelerometer...
GTN1A112 HONEYWELL-ACC-GTN1A112 Datasheet
105Kb / 2P
   Hall Effect Gear Tooth Sensors
logo
Allegro MicroSystems
ATS622LSB ALLEGRO-ATS622LSB Datasheet
153Kb / 12P
   TRUE ZERO-SPEED HALL-EFFECT GEAR-TOOTH SENSOR
ATS660LSB ALLEGRO-ATS660LSB Datasheet
214Kb / 16P
   TRUE ZERO-SPEED, HALL-EFFECT ADAPTIVE GEAR-TOOTH SENSOR
A3059 ALLEGRO-A3059 Datasheet
144Kb / 10P
   HALL-EFFECT GEAR-TOOTH SENSORS -ACCOUPLED
3059 ALLEGRO-3059 Datasheet
84Kb / 8P
   HALL-EFFECT GEAR-TOOTH SENSORS -AC COUPLED
ATS632LSC ALLEGRO-ATS632LSC Datasheet
75Kb / 12P
   ZERO-SPEED, SELF-CALIBRATING, NON-ORIENTED, HALL-EFFECT GEAR-TOOTH SENSOR
April 8, 1998
ATS632LSA ALLEGRO-ATS632LSA Datasheet
118Kb / 12P
   ZERO-SPEED, SELF-CALIBRATING, NON-ORIENTED, HALL-EFFECT GEAR-TOOTH SENSOR
logo
Nanjing Ouzhuo Technolo...
PCC020 OHHALLSENSOR-PCC020 Datasheet
260Kb / 5P
   Hall effect Gear tooth Sensor
logo
Allegro MicroSystems
ATS610LSA ALLEGRO-ATS610LSA Datasheet
182Kb / 16P
   DYNAMIC, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com